Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BL-LS1608A0E1GC Datasheet(PDF) 5 Page - BetLux Electronics

Part # BL-LS1608A0E1GC
Description  1.6mmx0.8mm SMD, 0.6mm THICKNESS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-LS1608A0E1GC Datasheet(HTML) 5 Page - BetLux Electronics

  BL-LS1608A0E1GC Datasheet HTML 1Page - BetLux Electronics BL-LS1608A0E1GC Datasheet HTML 2Page - BetLux Electronics BL-LS1608A0E1GC Datasheet HTML 3Page - BetLux Electronics BL-LS1608A0E1GC Datasheet HTML 4Page - BetLux Electronics BL-LS1608A0E1GC Datasheet HTML 5Page - BetLux Electronics BL-LS1608A0E1GC Datasheet HTML 6Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
  
SMD LED LAMP
BL-LS1608A0E1
APPROVED : XU L CHECKED :ZHANG WH DRAWN: LI FS
REV NO: V.2
Page 5 of 6
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
n
Typical electrical-optical characteristics curves:
1.0
0.5
0
350
400
450
500
550
600
650
700
750
800
850
900
950
1000
(A)
(B)
(C)
(D)
(2)
(3)
(8)
(4)
(1) (6)
(5)
(9)
(10)
Wavelength(nm)
RELATIVE INTENSITY Vs WAVELENGTH()
? p
(1) - GaAsP/GaAs 655nm/Red
(2) - GaP 570nm/Yellow Green
(3) - GaAsP/GaP 585nm/Yellow
(4) - GaAsp/GaP 635nm/Orange & Hi-Eff Red
(5) - GaP 700nm/Bright Red
(6) - GaAlAs/GaAs 660nm/Super Red
(8) - GaAsP/GaP 610nm/Super Red
(9) - GaAlAs 880nm
(10) - GaAs/GaAs & GaAlAs/GaAs 940nm
(A) - GaN/SiC 430nm/Blue
(B) - InGaN/SiC 470nm/Blue
(C) -
(D) -
InGaN/SiC 505nm/Ultra Green
InGaAl/SiC 525nm/Ultra Green
50
40
30
20
10
0
1.2
1.6
2.0
2.4
2.6
3.0
1
6
3
4 5
2
8
4.0
3.0
2.0
1.0
0
20
40
60
80
100
1
5
B
50
40
30
20
10
0
20
40
60
80
100
1
6
2,4,8,A
3
5
3
2
1
0.5
0.2
0.1
-30
-20
-10
0
10
20
30
40
50
60
70
1
5
4
2
3
10
9
8
7
6
5
4
3
2
1
1
10
100
1000
10,000
10KHz
3KHz
1KHz
300KHz
100KHz
F-REFRESH RATE
100KHz
30KHz
10KHz
3KHz
1KHz
300Hz
100Hz
10
9
8
7
6
5
4
3
2
1
1
10
100
1000
10,000
FORWARD VOLTAGE (Vf)
FORWARD CURRENT VS.
FORWARD VOLTAGE
RELATIVE LUMINOUS
INTENSITY VS. FORWARD
CURRENT
AMBIENT TEMPERATURE Ta()
FORWARD CURRENT VS. AMBIENT
TEMPERATURE
tp-PULSE DURATION uS
(1,2,3,4,6,8,B.D.J.K)
NOTE:25
free air temperature unless otherwise specified
tp-PULSE DURATION uS
FORWARD CURRENT (mA)
AMBIENT TEMPERATURE Ta()
(5)


Similar Part No. - BL-LS1608A0E1GC

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-LS1608B0E1 BETLUX-BL-LS1608B0E1 Datasheet
553Kb / 6P
   1.6mmx0.8mm SMD, 0.8mm THICKNESS
BL-LS1608B0E1EC BETLUX-BL-LS1608B0E1EC Datasheet
553Kb / 6P
   1.6mmx0.8mm SMD, 0.8mm THICKNESS
BL-LS1608B0E1GC BETLUX-BL-LS1608B0E1GC Datasheet
553Kb / 6P
   1.6mmx0.8mm SMD, 0.8mm THICKNESS
BL-LS1608B0E1HC BETLUX-BL-LS1608B0E1HC Datasheet
553Kb / 6P
   1.6mmx0.8mm SMD, 0.8mm THICKNESS
BL-LS1608B0E1LRC BETLUX-BL-LS1608B0E1LRC Datasheet
553Kb / 6P
   1.6mmx0.8mm SMD, 0.8mm THICKNESS
More results

Similar Description - BL-LS1608A0E1GC

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-LS1608B0E1 BETLUX-BL-LS1608B0E1 Datasheet
553Kb / 6P
   1.6mmx0.8mm SMD, 0.8mm THICKNESS
logo
Kingbright Corporation
AP1608SURC KINGBRIGHT-AP1608SURC Datasheet
108Kb / 4P
   1.6mmX0.8mm SMT LED, 1.1mm THICKNESS.
logo
EUROQUARTZ limited
X21 EUROQUARTZ-X21 Datasheet
173Kb / 1P
   2.0 x 1.6 x 0.6mm SMD
X42-W EUROQUARTZ-X42-W Datasheet
134Kb / 1P
   4 x 2.5 x 0.6mm SMD
X21-W EUROQUARTZ-X21-W Datasheet
162Kb / 1P
   2.0 x 1.6 x 0.6mm SMD
logo
Inolux Corporation
IN-S63AS INOLUX-IN-S63AS Datasheet
2Mb / 15P
   SMD LED 0603 0.6mm PCB Type
logo
A-BRIGHT Inc
AL-HG636A A-BRIGHT-AL-HG636A Datasheet
338Kb / 5P
   Green SMD Chip LED Lamps (0.6mm Height)
2006/10/11
AL-HUB36A A-BRIGHT-AL-HUB36A Datasheet
338Kb / 5P
   Super Red SMD Chip LED Lamps (0.6mm Height)
2007/3/14
logo
EUROQUARTZ limited
EQ212 EUROQUARTZ-EQ212 Datasheet
140Kb / 1P
   2.0 x 1.2 x 0.6mm Ultra-miniature SMD
logo
A-BRIGHT Inc
AL-HJF36A A-BRIGHT-AL-HJF36A Datasheet
338Kb / 5P
   Super Amber SMD Chip LED Lamps (0.6mm Height)
2006/10/11
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com