Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BL-LS1608B0E1LRC Datasheet(PDF) 2 Page - BetLux Electronics

Part # BL-LS1608B0E1LRC
Description  1.6mmx0.8mm SMD, 0.8mm THICKNESS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-LS1608B0E1LRC Datasheet(HTML) 2 Page - BetLux Electronics

  BL-LS1608B0E1LRC Datasheet HTML 1Page - BetLux Electronics BL-LS1608B0E1LRC Datasheet HTML 2Page - BetLux Electronics BL-LS1608B0E1LRC Datasheet HTML 3Page - BetLux Electronics BL-LS1608B0E1LRC Datasheet HTML 4Page - BetLux Electronics BL-LS1608B0E1LRC Datasheet HTML 5Page - BetLux Electronics BL-LS1608B0E1LRC Datasheet HTML 6Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
  
SMD LED LAMP
BL-LS1608B0E1
APPROVED : XU L CHECKED :ZHANG WH DRAWN: LI FS
REV NO: V.2
Page 2 of 6
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
n
Electrical-optical characteristics: (Ta=25°C)
(Test Condition: IF=20mA)
Chip
Forward
Voltage(VF)
Unit:V
Luminous
Intensity
(Iv)
Unit:mcd
Part Number
Emitted Color
Material
λ
P
(n
m)
Lens
Type
Typ
Max
Min.
Typ.
Viewi
ng
Angle
2?1/2
(deg)
BL-LS1608B0E1UDR
Ultra Red
AlGaAs
655
2.10
2.50
22
55
BL-LS1608B0E1UHR
Ultra Red
AlGaAs
645
2.10
2.60
30
80
BL-LS1608B0E1UEC
Ultra Red
AlGaAs
630
2.10
2.50
30
80
BL-LS1608B0E1UHD
Ultra Red
AlGaAs
618
2.10
2.60
50
110
BL-LS1608B0E1UYO
Ultra Amber
AlGaInP
610
2.10
2.60
30
80
BL-LS1608B0E1UYC
Ultra Yellow
AlGaInP
593
2.10
2.60
25
70
BL-LS1608B0E1UGC
Ultra Green
AlGaInP
575
2.20
2.70
10
40
BL-LS1608B0E1PGC
Ultra Pure Green
InGaN
525
3.50
4.20
50
100
BL-LS1608B0E1BGC
Ultra Bluish Green
InGaN
505
3.50
4.20
50
110
BL-LS1608B0E1DNB
Blue
InGaN
470
3.50
4.20
10
33
BL-LS1608B0E1UBC
Ultra Blue
InGaN
470
3.50
4.20
10
30
BL-LS1608B0E1UWC
Ultra White
InGaN
/
Water
Clear
3.50
4.20
40
200
130
n
Absolute maximum ratings (Ta=25°C)
Parameter
UDR
UHR
UE
UHD
UYO
UY
UG
PG
BG
DNB
UB
UW
Unit
Forward Current IF
30
30
30
30
30
30
30
30
30
30
30
30
mA
Power Dissipation Pd
78
78
78
78
78
78
78
78
78
78
78
78
mW
Reverse Voltage VR
5
5
5
5
5
5
5
5
5
5
5
5
V
Peak Forward Current IPF
(Duty 1/10 @1KHZ)
100
100
100
100
100
100
100
100
100
100
100
100
mA
Operation Temperature TOPR
-30 to +80
°C
Storage Temperature TSTG
-40 to +85
°C
Lead Soldering Temperature
TSOL
Max.260±5 °C for 3 sec Max.
(1.6mm from the base of the epoxy bulb)
°C


Similar Part No. - BL-LS1608B0E1LRC

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-LS1608A0E1 BETLUX-BL-LS1608A0E1 Datasheet
543Kb / 6P
   1.6mmx0.8mm SMD, 0.6mm THICKNESS
BL-LS1608A0E1EC BETLUX-BL-LS1608A0E1EC Datasheet
543Kb / 6P
   1.6mmx0.8mm SMD, 0.6mm THICKNESS
BL-LS1608A0E1GC BETLUX-BL-LS1608A0E1GC Datasheet
543Kb / 6P
   1.6mmx0.8mm SMD, 0.6mm THICKNESS
BL-LS1608A0E1HC BETLUX-BL-LS1608A0E1HC Datasheet
543Kb / 6P
   1.6mmx0.8mm SMD, 0.6mm THICKNESS
BL-LS1608A0E1LRC BETLUX-BL-LS1608A0E1LRC Datasheet
543Kb / 6P
   1.6mmx0.8mm SMD, 0.6mm THICKNESS
More results

Similar Description - BL-LS1608B0E1LRC

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-LS1608A0E1 BETLUX-BL-LS1608A0E1 Datasheet
543Kb / 6P
   1.6mmx0.8mm SMD, 0.6mm THICKNESS
BL-LS2012B0E1 BETLUX-BL-LS2012B0E1 Datasheet
539Kb / 6P
   2.0mmx1.25mm SMD, 0.8mm THICKNESS
BL-LS5730A1S1 BETLUX-BL-LS5730A1S1 Datasheet
308Kb / 8P
   SMD LED , 5.7mmx3.0mm SMD, 0.8mm THICKNESS
BL-LS7020A1S1 BETLUX-BL-LS7020A1S1 Datasheet
458Kb / 8P
   SMD LED , 7.0mmx2.0mm SMD, 0.8mm THICKNESS
logo
Kingbright Corporation
AP1608SURC KINGBRIGHT-AP1608SURC Datasheet
108Kb / 4P
   1.6mmX0.8mm SMT LED, 1.1mm THICKNESS.
logo
Kyocera Kinseki Corpota...
CX-96F KSS-CX-96F Datasheet
160Kb / 1P
   Ultrathin thickness 0.8mm or less. (4.9횞3.1횞0.7mm)
logo
Sharp Corporation
LT1U40A SHARP-LT1U40A Datasheet
96Kb / 5P
   2125 Size, 0.8mm Thickness, Leadless Chip LED Devices
logo
List of Unclassifed Man...
LT1E40A ETC-LT1E40A Datasheet
105Kb / 5P
   2125 Size, 0.8mm Thickness, Leadless Chip LED Devices
LT1X67A ETC-LT1X67A Datasheet
107Kb / 5P
   1608 Size, 0.8mm Thickness, Leadless Chip LED Devices
logo
Sharp Corporation
LT1U67A SHARP-LT1U67A Datasheet
106Kb / 5P
   1608 Size, 0.8mm Thickness, Leadless Chip LED Devices
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com