Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BL-LS1608B0E1 Datasheet(PDF) 4 Page - BetLux Electronics

Part # BL-LS1608B0E1
Description  1.6mmx0.8mm SMD, 0.8mm THICKNESS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-LS1608B0E1 Datasheet(HTML) 4 Page - BetLux Electronics

  BL-LS1608B0E1 Datasheet HTML 1Page - BetLux Electronics BL-LS1608B0E1 Datasheet HTML 2Page - BetLux Electronics BL-LS1608B0E1 Datasheet HTML 3Page - BetLux Electronics BL-LS1608B0E1 Datasheet HTML 4Page - BetLux Electronics BL-LS1608B0E1 Datasheet HTML 5Page - BetLux Electronics BL-LS1608B0E1 Datasheet HTML 6Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
  
SMD LED LAMP
BL-LS1608B0E1
APPROVED : XU L CHECKED :ZHANG WH DRAWN: LI FS
REV NO: V.2
Page 4 of 6
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
n
Tape Specifications
1.75±0.10
3.50±0.05
0.95±0.10
4.00±0.10
4.00±0.10
2.00±0.05
1.50+0.10/-0
Cathode mark
3.5±0.10
0.87±0.10
0.23±0.05
9.0±0.5
12.0±0.15
Label sticking position
Unit:mm
Tolerance:±0.1
1.00±0.10


Similar Part No. - BL-LS1608B0E1

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-LS1608A0E1 BETLUX-BL-LS1608A0E1 Datasheet
543Kb / 6P
   1.6mmx0.8mm SMD, 0.6mm THICKNESS
BL-LS1608A0E1EC BETLUX-BL-LS1608A0E1EC Datasheet
543Kb / 6P
   1.6mmx0.8mm SMD, 0.6mm THICKNESS
BL-LS1608A0E1GC BETLUX-BL-LS1608A0E1GC Datasheet
543Kb / 6P
   1.6mmx0.8mm SMD, 0.6mm THICKNESS
BL-LS1608A0E1HC BETLUX-BL-LS1608A0E1HC Datasheet
543Kb / 6P
   1.6mmx0.8mm SMD, 0.6mm THICKNESS
BL-LS1608A0E1LRC BETLUX-BL-LS1608A0E1LRC Datasheet
543Kb / 6P
   1.6mmx0.8mm SMD, 0.6mm THICKNESS
More results

Similar Description - BL-LS1608B0E1

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-LS1608A0E1 BETLUX-BL-LS1608A0E1 Datasheet
543Kb / 6P
   1.6mmx0.8mm SMD, 0.6mm THICKNESS
BL-LS2012B0E1 BETLUX-BL-LS2012B0E1 Datasheet
539Kb / 6P
   2.0mmx1.25mm SMD, 0.8mm THICKNESS
BL-LS5730A1S1 BETLUX-BL-LS5730A1S1 Datasheet
308Kb / 8P
   SMD LED , 5.7mmx3.0mm SMD, 0.8mm THICKNESS
BL-LS7020A1S1 BETLUX-BL-LS7020A1S1 Datasheet
458Kb / 8P
   SMD LED , 7.0mmx2.0mm SMD, 0.8mm THICKNESS
logo
Kingbright Corporation
AP1608SURC KINGBRIGHT-AP1608SURC Datasheet
108Kb / 4P
   1.6mmX0.8mm SMT LED, 1.1mm THICKNESS.
logo
Kyocera Kinseki Corpota...
CX-96F KSS-CX-96F Datasheet
160Kb / 1P
   Ultrathin thickness 0.8mm or less. (4.9횞3.1횞0.7mm)
logo
Sharp Corporation
LT1U40A SHARP-LT1U40A Datasheet
96Kb / 5P
   2125 Size, 0.8mm Thickness, Leadless Chip LED Devices
logo
List of Unclassifed Man...
LT1E40A ETC-LT1E40A Datasheet
105Kb / 5P
   2125 Size, 0.8mm Thickness, Leadless Chip LED Devices
LT1X67A ETC-LT1X67A Datasheet
107Kb / 5P
   1608 Size, 0.8mm Thickness, Leadless Chip LED Devices
logo
Sharp Corporation
LT1U67A SHARP-LT1U67A Datasheet
106Kb / 5P
   1608 Size, 0.8mm Thickness, Leadless Chip LED Devices
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com