Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BL-D150A-21 Datasheet(PDF) 3 Page - BetLux Electronics

Part # BL-D150A-21
Description  35.0mm (1.50) Dual digit numeric display series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-D150A-21 Datasheet(HTML) 3 Page - BetLux Electronics

  BL-D150A-21 Datasheet HTML 1Page - BetLux Electronics BL-D150A-21 Datasheet HTML 2Page - BetLux Electronics BL-D150A-21 Datasheet HTML 3Page - BetLux Electronics BL-D150A-21 Datasheet HTML 4Page - BetLux Electronics BL-D150A-21 Datasheet HTML 5Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
LED NUMERIC DISPLAY, 2 DIGIT
BL-D150X-21
APPROVED : XU L
CHECKED :ZHANG WH
DRAWN: LI FS
REV NO: V.2
Page 3 of 5
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
Package configuration & Internal circuit diagram
Notes:
1.
All dimensions are in millimeters (inches)
2.
Tolerance is ±0.25(0.01")unless otherwise noted.
3.
Specifications are subject to change without notice.


Similar Part No. - BL-D150A-21

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-D150A-21B BETLUX-BL-D150A-21B Datasheet
85Kb / 4P
   LED NUMERIC DISPLAY, 2 DIGIT
BL-D150A-21D BETLUX-BL-D150A-21D Datasheet
85Kb / 4P
   LED NUMERIC DISPLAY, 2 DIGIT
BL-D150A-21E BETLUX-BL-D150A-21E Datasheet
85Kb / 4P
   LED NUMERIC DISPLAY, 2 DIGIT
BL-D150A-21G BETLUX-BL-D150A-21G Datasheet
85Kb / 4P
   LED NUMERIC DISPLAY, 2 DIGIT
BL-D150A-21PG BETLUX-BL-D150A-21PG Datasheet
85Kb / 4P
   LED NUMERIC DISPLAY, 2 DIGIT
More results

Similar Description - BL-D150A-21

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
KW1-1502 LUCKY-LIGHT-KW1-1502 Datasheet
47Kb / 1P
   LED Numeric Display Single Digit (1.50")
KW1-1501 LUCKY-LIGHT-KW1-1501 Datasheet
47Kb / 1P
   LED Numeric Display Single Digit (1.50")
KW1-1501XY LUCKY-LIGHT-KW1-1501XY Datasheet
51Kb / 1P
   Multi-Color LED Numeric Display Single Digit (1.50")
KW1-1502XY LUCKY-LIGHT-KW1-1502XY Datasheet
51Kb / 1P
   Multi-Color LED Numeric Display Single Digit (1.50")
logo
Inolux Corporation
HNTD30 INOLUX-HNTD30 Datasheet
1Mb / 17P
   0.30 Dual Digit Numeric Display
HNTD50 INOLUX-HNTD50 Datasheet
1Mb / 17P
   0.5 Dual Digit Numeric Display
HNTD80 INOLUX-HNTD80 Datasheet
1Mb / 17P
   0.8 Dual Digit Numeric Display
HNTD39 INOLUX-HNTD39 Datasheet
1Mb / 17P
   0.39 Dual Digit Numeric Display
HNTD36 INOLUX-HNTD36 Datasheet
1Mb / 17P
   0.36 Dual Digit Numeric Display
HNTD56 INOLUX-HNTD56 Datasheet
1Mb / 17P
   0.56 Dual Digit Numeric Display
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com