Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BL-D36A-22UR-XX Datasheet(PDF) 8 Page - BetLux Electronics

Part # BL-D36A-22UR-XX
Description  9.20mm(0.36) Dual digit Seven Segment LED display series
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-D36A-22UR-XX Datasheet(HTML) 8 Page - BetLux Electronics

Back Button BL-D36A-22UR-XX Datasheet HTML 2Page - BetLux Electronics BL-D36A-22UR-XX Datasheet HTML 3Page - BetLux Electronics BL-D36A-22UR-XX Datasheet HTML 4Page - BetLux Electronics BL-D36A-22UR-XX Datasheet HTML 5Page - BetLux Electronics BL-D36A-22UR-XX Datasheet HTML 6Page - BetLux Electronics BL-D36A-22UR-XX Datasheet HTML 7Page - BetLux Electronics BL-D36A-22UR-XX Datasheet HTML 8Page - BetLux Electronics BL-D36A-22UR-XX Datasheet HTML 9Page - BetLux Electronics BL-D36A-22UR-XX Datasheet HTML 10Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
LED NUMERIC DISPLAY, 2 DIGIT
BL-D36x-22
APPROVED : XU L
CHECKED :ZHANG WH
DRAWN: LI FS
REV NO: V.2
Page 3 of 5
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
Package configuration & Internal circuit diagram
Notes:
1.
All dimensions are in millimeters (inches)
2.
Tolerance is ±0.25(0.01")unless otherwise noted.
3.
Specifications are subject to change without notice.


Similar Part No. - BL-D36A-22UR-XX

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-D36A-22UR-4-00 BETLUX-BL-D36A-22UR-4-00 Datasheet
122Kb / 4P
   LED NUMERIC DISPLAY, 2 DIGIT
BL-D36A-22UR-4-01 BETLUX-BL-D36A-22UR-4-01 Datasheet
122Kb / 4P
   LED NUMERIC DISPLAY, 2 DIGIT
BL-D36A-22UR-4-02 BETLUX-BL-D36A-22UR-4-02 Datasheet
122Kb / 4P
   LED NUMERIC DISPLAY, 2 DIGIT
BL-D36A-22UR-4-03 BETLUX-BL-D36A-22UR-4-03 Datasheet
122Kb / 4P
   LED NUMERIC DISPLAY, 2 DIGIT
BL-D36A-22UR-4-04 BETLUX-BL-D36A-22UR-4-04 Datasheet
122Kb / 4P
   LED NUMERIC DISPLAY, 2 DIGIT
More results

Similar Description - BL-D36A-22UR-XX

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-D36A-21 BETLUX-BL-D36A-21 Datasheet
619Kb / 10P
   9.20mm(0.36) Dual digit Seven Segment LED display series
BL-T36A-31 BETLUX-BL-T36A-31 Datasheet
322Kb / 5P
   9.20mm (0.36) Three digit Seven Segment LED display series
logo
BRIGHT LED ELECTRONICS ...
BD-E322RD BRIGHT-BD-E322RD Datasheet
144Kb / 3P
   0.36(9.20mm) DUAL DIGIT LED DISPLAY
BQ-M326RD BRIGHT-BQ-M326RD Datasheet
287Kb / 3P
   9.20mm (0.36) high four digit seven segments display
BQ-N323RD BRIGHT-BQ-N323RD Datasheet
202Kb / 3P
   9.20mm (0.36) high four digit seven segments display
BT-M325RD BRIGHT-BT-M325RD Datasheet
276Kb / 3P
   9.20mm(0.36) high three digit seven segments display
BT-N325RD BRIGHT-BT-N325RD Datasheet
199Kb / 3P
   9.20mm(0.36) high three digit seven segments display
BQ-N326RD BRIGHT-BQ-N326RD Datasheet
203Kb / 3P
   9.20mm (0.36) high four digit seven segments display
BT-M322RD BRIGHT-BT-M322RD Datasheet
252Kb / 3P
   9.20mm(0.36) high three digit seven segments display
BQ-M32DRD BRIGHT-BQ-M32DRD Datasheet
305Kb / 3P
   9.20mm (0.36) high four digit seven segments display
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com