Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2851 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC2851
Description  3.3V 20Mbps RS485/RS422 Transceivers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2851 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC2851_15 Datasheet HTML 7Page - Linear Technology LTC2851_15 Datasheet HTML 8Page - Linear Technology LTC2851_15 Datasheet HTML 9Page - Linear Technology LTC2851_15 Datasheet HTML 10Page - Linear Technology LTC2851_15 Datasheet HTML 11Page - Linear Technology LTC2851_15 Datasheet HTML 12Page - Linear Technology LTC2851_15 Datasheet HTML 13Page - Linear Technology LTC2851_15 Datasheet HTML 14Page - Linear Technology LTC2851_15 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
LTC2850/LTC2851/LTC2852

285012fd
applicaTions inForMaTion
Driver
ThedriverprovidesfullRS485/RS422compatibility.When
enabled, if DI is high, Y-Z is positive for the full-duplex
devices (LTC2851, LTC2852) and A-B is positive for the
half-duplex device (LTC2850).
When the driver is disabled, both outputs are high im-
pedance. For the full-duplex devices, the leakage on the
driver output pins is guaranteed to be less than 10µA
over the entire common mode range of –7V to 12V. On
the half-duplex LTC2850, the impedance is dominated by
the receiver input resistance, RIN.
Driver Overvoltage and Overcurrent Protection
The driver outputs are protected from short-circuits
to any voltage within the Absolute Maximum range of
(VCC – 15V) to 15V. The typical peak current in this condi-
tion does not exceed 180mA.
If a high driver output is shorted to a voltage just above
VCC, a reverse current will flow into the supply. When
this voltage exceeds VCC by about 1.4V, the reverse
current turns off. Preventing the driver from turning off
with outputs shorted to output voltages just above VCC
keeps the driver active even for receiver loads that have
a positive common mode with respect to the driver—
a valid condition.
The worst-case peak reverse short-circuit current can
be as high as 300mA in extreme cold conditions. If this
current can not be absorbed by the supply, a 3.6V Zener
diode can be added in parallel with the supply to sink this
current.
All devices also feature thermal shutdown protection that
disables the driver and receiver in case of excessive power
dissipation (see Note 4 in the Electrical Characteristics
section).
Receiver and Failsafe
With the receiver enabled, when the absolute value of
the differential voltage between the A and B pins is
greater than 200mV, the state of RO will reflect the polar-
ity of (A-B)
These parts have a failsafe feature that guarantees the
receiver output to be in a logic-high state when the
inputs are either shorted, left open, or terminated but
not driven. This failsafe feature is guaranteed to work
for inputs spanning the entire common mode range of
–7V to 12V.
The receiver output is internally driven high (to VCC) or
low (to ground) with no external pull-up needed. When
the receiver is disabled the RO pin becomes Hi-Z with
leakage of less than ±1µA for voltages within the supply
range.
Receiver Input Resistance
The receiver input resistance from A or B to ground is
guaranteed to be greater than 96k (C, I-grade). This is 8x
higher than the requirements for the RS485 standard and
thus this receiver represents a one-eighth unit load. This,
in turn, means that 8x the standard number of receivers,
or 256 total, can be connected to a line without loading
it beyond what is specified in the RS485 standard. The
receiver input resistance from A or B to ground on high
temperature H-grade parts is greater than 48k providing
a one-quarter unit load. The high input resistance of the
receiver is maintained whether it is enabled or disabled,
powered or unpowered.
Supply Current
The unloaded static supply currents in these devices are
very low, typically under 500µA for all modes of opera-
tion. In applications with resistively terminated cables,
the supply current is dominated by the driver load. For
example, when using two 120
Ω terminators with a dif-
ferential driver output voltage of 2V, the DC load current
is 33mA, which is sourced by the positive voltage supply.
Power supply current increases with toggling data due to
capacitive loading and this term can increase significantly
at high data rates. Figure 13 shows supply current vs
data rate for two different capacitive loads for the circuit
configuration of Figure 4.


Similar Part No. - LTC2851_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2851CDD LINER-LTC2851CDD Datasheet
188Kb / 16P
   3.3V 20Mbps RS485/RS422 Transceivers
LTC2851CDD8 LINER-LTC2851CDD8 Datasheet
188Kb / 16P
   3.3V 20Mbps RS485/RS422 Transceivers
LTC2851CMS LINER-LTC2851CMS Datasheet
188Kb / 16P
   3.3V 20Mbps RS485/RS422 Transceivers
LTC2851CMS8 LINER-LTC2851CMS8 Datasheet
188Kb / 16P
   3.3V 20Mbps RS485/RS422 Transceivers
LTC2851CS LINER-LTC2851CS Datasheet
188Kb / 16P
   3.3V 20Mbps RS485/RS422 Transceivers
More results

Similar Description - LTC2851_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2850 LINER-LTC2850 Datasheet
188Kb / 16P
   3.3V 20Mbps RS485/RS422 Transceivers
LTC2852 LINER-LTC2852_15 Datasheet
1Mb / 18P
   3.3V 20Mbps RS485/RS422 Transceivers
LTC2850 LINER-LTC2850_15 Datasheet
1Mb / 18P
   3.3V 20Mbps RS485/RS422 Transceivers
LTC2854 LINER-LTC2854 Datasheet
234Kb / 16P
   3.3V 20Mbps RS485/RS422 Transceivers with Integrated Switchable Termination
LTC2854 LINER-LTC2854_15 Datasheet
227Kb / 16P
   3.3V 20Mbps RS485/RS422 Transceivers with Integrated Switchable Termination
LTC2855 LINER-LTC2855_15 Datasheet
227Kb / 16P
   3.3V 20Mbps RS485/RS422 Transceivers with Integrated Switchable Termination
LTC2859 LINER-LTC2859_12 Datasheet
340Kb / 18P
   20Mbps RS485 Transceivers
LTC2856-1 LINER-LTC2856-1_15 Datasheet
332Kb / 20P
   20Mbps and Slew Rate Limited 15kV RS485/RS422 Transceivers
LTC2857-2 LINER-LTC2857-2_15 Datasheet
332Kb / 20P
   20Mbps and Slew Rate Limited 15kV RS485/RS422 Transceivers
LTC2856-1 LINER-LTC2856-1 Datasheet
233Kb / 20P
   20Mbps and Slew Rate Limited 15kV RS485/RS422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com