Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2055 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC2055
Description  Single/Dual Micropower Zero-Drift Operational Amplifi ers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2055 Datasheet(HTML) 1 Page - Linear Technology

  LTC2055 Datasheet HTML 1Page - Linear Technology LTC2055 Datasheet HTML 2Page - Linear Technology LTC2055 Datasheet HTML 3Page - Linear Technology LTC2055 Datasheet HTML 4Page - Linear Technology LTC2055 Datasheet HTML 5Page - Linear Technology LTC2055 Datasheet HTML 6Page - Linear Technology LTC2055 Datasheet HTML 7Page - Linear Technology LTC2055 Datasheet HTML 8Page - Linear Technology LTC2055 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LTC2054/LTC2055
1
20545fc
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
Single/Dual Micropower
Zero-Drift Operational Amplifiers
The LTC®2054/LTC2055 are low power, low noise, single/
dual, zero-drift operational amplifiers with an extended
temperature version (LTC2054MP) that has guaranteed
specifications from –55°C to 150°C. They are available
in TSOT-23 (ThinSOT™) and MS8 packages. For space
limited applications, the LTC2055 is also available in a
3mm × 3mm × 0.8mm dual fine pitch leadless package
(DFN). They operate from a single 2.7V minimum supply
and support ± 5V applications. The current consumption
is typically 150μA for the LTC2054 and 130μA/amp for
the LTC2055.
The LTC2054/LTC2055, despite their miniature size, feature
uncompromising DC performance. The maximum input
offset voltage and offset drift are 3.0μV and 30nV/°C over
the –40°C to 85°C industrial temperature range. The almost
zero DC offset and drift are supported with a power supply
rejection ratio (PSRR) and common mode rejection ratio
(CMRR) of 130dB (typ).
The input common mode voltage ranges from the negative
supply up to typically 0.5V below the positive supply. The
open-loop gain is typically 140dB. The LTC2054/LTC2055
also feature a 1.6μVP-P DC to 10Hz noise and a 500kHz
gain-bandwidth product.
–48V Low Side Precision Current Sense
n Supply Current 150μA (Max per Amplifier)
Guaranteed from –40°C to 85°C
n Offset Voltage 3μV (Max, –40°C to 85°C)
n Offset Voltage Drift 30nV/°C (Max, –40°C to 85°C)
n Guaranteed Specifications from –55°C to 150°C
(LTC2054MP)
n Common Mode Input Range from Vto V+ – 0.5V
n Output Swings Rail-to-Rail
n Voltage Gain: 140dB (Typ)
n PSRR and CMRR: 130dB (Typ)
n Input Bias Current: 1pA (Typ, 25°C)
n Noise: 1.6μVP-P (0.01Hz to 10Hz Typ)
n Supply Operation:
2.7V to 6V (LTC2054/LTC2055)
2.7V to ±5.5V (LTC2054HV/LTC2055HV)
n Low Profile (1mm) TSOT-23, MS8 and
3mm × 3mm × 0.8mm DFN Packages
n Thermocouple Amplifiers
n Electronic Scales
n Medical Instrumentation
n Strain Gauge Amplifiers
n High Resolution Data Acquisition
n DC Accurate RC Active Filters
n Low Side Current Sense
n Battery-Powered Systems
VOS vs Temperature
TEMPERATURE (°C)
20545 TA01b
10
8
6
4
2
0
–2
–4
–6
–8
–10
–55
155
15
50
85
120
–20
VS = ±5V
+
0.01μF
0.1μF
0.1μF
0.003Ω
1% 3W
39k
BZX84C5V1
VZ = 5.1
–48V SUPPLY
ISENSE,VSENSE
+
100Ω
1%
LTC2054
20545 TA01
+
10k
1%
5V
VOUT = 100VSENSE
LTC2054
–48V LOAD
Q1
ZETEX
ZVN3320F
100Ω
L, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. ThinSOT is a trademark of Linear Technology Corporation. All other
trademarks are the property of their respective owners.


Similar Part No. - LTC2055

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2055 LINER-LTC2055 Datasheet
190Kb / 12P
   Single/Dual Micropower Zero-Drift Operational Amplifiers
LTC2055 LINER-LTC2055 Datasheet
759Kb / 36P
   SPI/Digital or I2C 關Module Isolator with Adjustable 짹12.5V and 5V Regulated Power
LTC2055 LINER-LTC2055 Datasheet
761Kb / 36P
   SPI/Digital or I2C 關Module Isolator with Adjustable 짹12.5V and 5V Regulated Power
LTC2055 LINER-LTC2055 Datasheet
770Kb / 22P
   Dual Micropower, 1.4V/關s Precision Rail-to-Rail Output Amplifier
LTC2055 LINER-LTC2055 Datasheet
747Kb / 20P
   Dual 12-/10-/8-Bit PWM to VOUT DACs with 10ppm/째C Reference
More results

Similar Description - LTC2055

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2054 LINER-LTC2054_15 Datasheet
213Kb / 16P
   Single/Dual Micropower Zero-Drift Operational Amplifi ers
LTC2050 LINER-LTC2050_1 Datasheet
175Kb / 16P
   Zero-Drift Operational Amplifi ers in SOT-23
LTC2055 LINER-LTC2055 Datasheet
190Kb / 12P
   Single/Dual Micropower Zero-Drift Operational Amplifiers
logo
Renesas Technology Corp
ISL28233I RENESAS-ISL28233I Datasheet
1Mb / 19P
   Dual Micropower, Zero-Drift, RRIO Operational Amplifiers
November 17, 2011
logo
Intersil Corporation
ISL28133 INTERSIL-ISL28133 Datasheet
1Mb / 20P
   Single, Dual, and Quad Micropower, Zero-Drift, RRIO Operational Amplifiers
logo
Linear Technology
LT1818 LINER-LT1818_15 Datasheet
1Mb / 18P
   400MHz, 2500V/s, 9mA Single/Dual Operational Amplifi ers
LTC1047 LINER-LTC1047_15 Datasheet
163Kb / 12P
   Dual Micropower Zero-Drift Operational Amplifier with Internal Capacitors
LTC1047 LINER-LTC1047_09 Datasheet
157Kb / 12P
   Dual Micropower Zero-Drift Operational Amplifier with Internal Capacitors
logo
Diodes Incorporated
AS2333 DIODES-AS2333 Datasheet
746Kb / 16P
   1.8V, MICROPOWER CMOS ZERO-DRIFT OPERATIONAL AMPLIFIERS
January 2021 Rev. 3 - 2
logo
Linear Technology
LTC2051 LINER-LTC2051 Datasheet
117Kb / 4P
   Dual Zero-Drift Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com