Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2055 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC2055
Description  Single/Dual Micropower Zero-Drift Operational Amplifi ers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2055 Datasheet(HTML) 4 Page - Linear Technology

  LTC2055_15 Datasheet HTML 1Page - Linear Technology LTC2055_15 Datasheet HTML 2Page - Linear Technology LTC2055_15 Datasheet HTML 3Page - Linear Technology LTC2055_15 Datasheet HTML 4Page - Linear Technology LTC2055_15 Datasheet HTML 5Page - Linear Technology LTC2055_15 Datasheet HTML 6Page - Linear Technology LTC2055_15 Datasheet HTML 7Page - Linear Technology LTC2055_15 Datasheet HTML 8Page - Linear Technology LTC2055_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LTC2054/LTC2055
4
20545fc
(LTC2054HV/LTC2055HV) The
denotes the specifications which apply over the full operating temperature range, otherwise
specifications are at TA = 25°C. VS = ±5V unless otherwise noted. (Note 2)
LTC2054HVC/LTC2055HVC
LTC2054HVI/LTC2055HVI
LTC2054HVH/LTC2055HVH
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
IS
Supply Current
No Load (LTC2054)
175
210
175
215
μA
IS
Supply Current (Per Amplifier)
No Load (LTC2055)
150
180
150
185
μA
VOS
Input Offset Voltage
(Note 3)
±0.5
±5
±0.5
± 5
μV
ΔVOS/ΔT
Average Input Offset Drift
(Note 3)
0.025
±0.03
0.025
± 0.05
μV/°C
Long-Term Offset Drift
50
50
nV/√mo
IB
Input Bias Current
(Note 4)
±3
±150
±3
±3000
pA
pA
IOS
Input Offset Current
(Note 4)
±6
±300
±6
±700
pA
pA
en
Input Noise Voltage
RS = 100Ω, DC to 1Hz
RS = 100Ω, DC to 10Hz
0.6
1.6
0.6
1.6
μVP-P
μVP-P
CMRR
Common Mode Rejection Ratio
VCM = GND to V+ – 0.9
120
115
130
120
115
130
dB
dB
PSRR
Power Supply Rejection Ratio
VS = 2.7V to 11V
120
115
130
120
115
130
dB
dB
AVOL
Large-Signal Voltage Gain
RL = 100k, VOUT = GND
125
120
140
125
120
140
dB
dB
VOUT
Maximum Output Voltage Swing RL = 5k to GND
RL = 5k to GND
± 4.78
±4.75
± 4.82
±4.78
±4.70
±4.82
V
V
RL = 100k to GND
RL = 100k to GND
± 4.98
±4.975
± 4.99
±4.98
±4.97
±4.99
V
V
SR
Slew Rate
0.5
0.5
V/μs
GBW
Gain Bandwidth Product
500
500
kHz
fS
Internal Sampling Frequency
1
1
kHz
LTC2054C/LTC2055C
LTC2054I/LTC2055I
LTC2054H/LTC2055H
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOUT
Output Voltage Swing Low
RL = 5k to GND, VS = 3V
RL = 5k to GND, VS = 3V
28
10
38
10
mV
mV
RL = 5k to GND, VS = 5V
RL = 5k to GND, VS = 5V
28
10
38
10
mV
mV
RL = 100k to GND, VS = 3V
RL = 100k to GND, VS = 3V
28
10
38
10
mV
mV
RL = 100k to GND, VS = 5V
RL = 100k to GND, VS = 5V
28
10
38
10
mV
mV
SR
Slew Rate
0.5
0.5
V/μs
GBW
Gain Bandwidth Product
500
500
kHz
fS
Internal Sampling Frequency
1
1
kHz
(LTC2054/LTC2055) The
l denotes the specifications which apply over the
full operating temperature range, otherwise specifications are at TA = 25°C. VS = 3V, 5V unless otherwise noted. (Note 2)
ELECTRICAL CHARACTERISTICS


Similar Part No. - LTC2055_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2055CDD LINER-LTC2055CDD Datasheet
190Kb / 12P
   Single/Dual Micropower Zero-Drift Operational Amplifiers
LTC2055CMS8 LINER-LTC2055CMS8 Datasheet
190Kb / 12P
   Single/Dual Micropower Zero-Drift Operational Amplifiers
LTC2055HDD LINER-LTC2055HDD Datasheet
190Kb / 12P
   Single/Dual Micropower Zero-Drift Operational Amplifiers
LTC2055HMS8 LINER-LTC2055HMS8 Datasheet
190Kb / 12P
   Single/Dual Micropower Zero-Drift Operational Amplifiers
LTC2055HVCDD LINER-LTC2055HVCDD Datasheet
190Kb / 12P
   Single/Dual Micropower Zero-Drift Operational Amplifiers
More results

Similar Description - LTC2055_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2054 LINER-LTC2054_15 Datasheet
213Kb / 16P
   Single/Dual Micropower Zero-Drift Operational Amplifi ers
LTC2050 LINER-LTC2050_1 Datasheet
175Kb / 16P
   Zero-Drift Operational Amplifi ers in SOT-23
LTC2055 LINER-LTC2055 Datasheet
190Kb / 12P
   Single/Dual Micropower Zero-Drift Operational Amplifiers
logo
Renesas Technology Corp
ISL28233I RENESAS-ISL28233I Datasheet
1Mb / 19P
   Dual Micropower, Zero-Drift, RRIO Operational Amplifiers
November 17, 2011
logo
Intersil Corporation
ISL28133 INTERSIL-ISL28133 Datasheet
1Mb / 20P
   Single, Dual, and Quad Micropower, Zero-Drift, RRIO Operational Amplifiers
logo
Linear Technology
LT1818 LINER-LT1818_15 Datasheet
1Mb / 18P
   400MHz, 2500V/s, 9mA Single/Dual Operational Amplifi ers
LTC1047 LINER-LTC1047_15 Datasheet
163Kb / 12P
   Dual Micropower Zero-Drift Operational Amplifier with Internal Capacitors
LTC1047 LINER-LTC1047_09 Datasheet
157Kb / 12P
   Dual Micropower Zero-Drift Operational Amplifier with Internal Capacitors
logo
Diodes Incorporated
AS2333 DIODES-AS2333 Datasheet
746Kb / 16P
   1.8V, MICROPOWER CMOS ZERO-DRIFT OPERATIONAL AMPLIFIERS
January 2021 Rev. 3 - 2
logo
Linear Technology
LTC2051 LINER-LTC2051 Datasheet
117Kb / 4P
   Dual Zero-Drift Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com