Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1556 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1556
Description  SIM Power Supply and Level Translator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1556 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1556 Datasheet HTML 4Page - Linear Technology LTC1556 Datasheet HTML 5Page - Linear Technology LTC1556 Datasheet HTML 6Page - Linear Technology LTC1556 Datasheet HTML 7Page - Linear Technology LTC1556 Datasheet HTML 8Page - Linear Technology LTC1556 Datasheet HTML 9Page - Linear Technology LTC1556 Datasheet HTML 10Page - Linear Technology LTC1556 Datasheet HTML 11Page - Linear Technology LTC1556 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
LTC1555/LTC1556
I/O pin on the SIM side. The second method is to use the
DDRV pin to send data to the SIM and use the DATA pin to
receive data from the SIM. When the DDRV pin is not used,
it should either be left floating or tied to DVCC.
Level Translation with DVCC > VCC
It is assumed that most applications for these parts will
use controller supply voltages (DVCC) less than or equal
to VCC. In cases where DVCC is greater than VCC by more
than 0.6V or so, the parts’ operation will be affected in the
following ways: 1) A small DC current (up to 100
µA) will
flow from DVCC to VCC through the DATA pull-up resistor,
N-channel pass device and the I/O pull-up resistor
(except when the part is in shutdown at which time DVCC
is disconnected from VCC by turning off the pass device).
If the VCC load current is less than the DVCC current, the
VCC output may be pulled out of regulation until sufficient
load current pulls VCC back into regulation. 2) When the
SIM is sending data back to the controller, a logic high on
the I/O pin will result in the DATA pin being pulled up to
[VCC + 1/3(DVCC – VCC)], not all the way up to DVCC. For
example, if DVCC is 5V and VCC is 3V, the DATA pin will
only swing from
≈0.1V to 3.67V when receiving data
from the SIM side.
Optional LDO Output
The LTC1556 also contains an internal LDO regulator for
providing a low noise boosted supply voltage for low power
external circuitry (e.g., frequency synthesizers, etc.) Tying
the FB pin to the LDO pin provides a regulated 4.3V at the
LDO output (see Figure 4). A 3.3
µF (minimum) capacitor is
APPLICATIONS INFORMATION
required to ensure output stability. A 10
µF low ESR capaci-
tor is recommended, however, to minimize LDO output
noise. The LDO output may also be used as an auxiliary
switch to VCC. If the FB pin is left floating or is tied to GND,
the LDO pin will be internally connected to the VCC output
through the P-channel pass device. The LDO may be dis-
abled at any time by switching the EN pin from DVCC toGND.
The 4.3V LDO output is usable only when VCC is 5V (or
greater). It is not available when VCC = 3V.
Figure 4. Auxiliary LDO Connections (LTC1556 Only)
VREF
61k
VCC = 5V
1
µA
LDO
OFF
ON
10
µF
TANT
4.3V
1555/56 F04
ILDO
0mA to
10mA
FB 153k
EN
+
10kV ESD Protection
All pins that connect to the SIM (CLK, RST, I/O, VCC, GND)
withstand over 10kV of human body model (100pF/1.5k
Ω)
ESD. In order to ensure proper ESD protection, careful
board layout is required. The GND pins should be tied
directly to a GND plane. The VCC capacitor should be
located very close to the VCC pin and tied immediately to
the GND plane.


Similar Part No. - LTC1556

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1556 LINER-LTC1556 Datasheet
255Kb / 12P
   SIM Power Supply and Level Translator
LTC1556C LINER-LTC1556C Datasheet
255Kb / 12P
   SIM Power Supply and Level Translator
LTC1556CGN LINER-LTC1556CGN Datasheet
255Kb / 12P
   SIM Power Supply and Level Translator
LTC1556I LINER-LTC1556I Datasheet
255Kb / 12P
   SIM Power Supply and Level Translator
LTC1556IGN LINER-LTC1556IGN Datasheet
255Kb / 12P
   SIM Power Supply and Level Translator
More results

Similar Description - LTC1556

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4555 LINER-LTC4555 Datasheet
102Kb / 8P
   SIM Power Supply and Level Translator
LTC4555EUD LINER-LTC4555EUD Datasheet
107Kb / 8P
   SIM Power Supply and Level Translator
LTC1555L LINER-LTC1555L_15 Datasheet
142Kb / 8P
   SIM Power Supply and Level Translator
LTC4555 LINER-LTC4555_15 Datasheet
107Kb / 8P
   SIM Power Supply and Level Translator
LTC1555 LINER-LTC1555_15 Datasheet
245Kb / 12P
   SIM Power Supply and Level Translator
LTC1555 LINER-LTC1555 Datasheet
255Kb / 12P
   SIM Power Supply and Level Translator
LTC1555L LINER-LTC1555L Datasheet
136Kb / 8P
   SIM Power Supply and Level Translator
LTC1555L-1.8 LINER-LTC1555L-1.8 Datasheet
150Kb / 8P
   SIM Power Supply and Level Translator
LTC1555L-1.8 LINER-LTC1555L-1.8_15 Datasheet
143Kb / 8P
   SIM Power Supply and Level Translator
LTC4555EUD LINER-LTC4555EUD Datasheet
107Kb / 8P
   SIM Power Supply and Level Translator-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com