Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1541 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC1541
Description  Micropower Op Amp, Comparator and Reference
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1541 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC1541_15 Datasheet HTML 4Page - Linear Technology LTC1541_15 Datasheet HTML 5Page - Linear Technology LTC1541_15 Datasheet HTML 6Page - Linear Technology LTC1541_15 Datasheet HTML 7Page - Linear Technology LTC1541_15 Datasheet HTML 8Page - Linear Technology LTC1541_15 Datasheet HTML 9Page - Linear Technology LTC1541_15 Datasheet HTML 10Page - Linear Technology LTC1541_15 Datasheet HTML 11Page - Linear Technology LTC1541_15 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
LTC1541/LTC1542
15412fd
CAPACITOR VALUE (
µF)
0.001
0.1
10
1000
0.01
0.1
10
1
1541/42 F02
1
100
Figure 2. Damping Resistance vs Bypass Capacitor Value
8
7
4
LTC1541
1541/42 F03a
6 REF
5
COMPIN+
COMPOUT
VCC
VSS
R1
430
C1
1
µF
×1
+
5V TO 8V
COMP
Figure 3a. Reference Transient Response Test Circuit
7.5
10W
DALE
HLM-10
12V
5AHR
GEL CELL
4
8
+
1
1/2
LTC1541
3
2
7
5
6
1541/42 TA06
+
1/2
LTC1541
1M
VN2222
Si9405
1M
3.65M
1A
SOLAR
ARRAY
6.8V
ZENER
1N754
340k
TIP121
8M
2A
FUSE
1M
VREF = 1.2V
(INTERNAL)
LOAD
Shunt Battery Charger with Low-Battery Load Disconnect
1541/42 F04
R2
2pF TO 10pF
+
OP AMP
AMPIN+
AMPOUT
R1
Figure 4. Compensation for Feedback Node Capacitance
8V
5V
VREF
OUT
V +
2ms/DIV
LTC1541 • F03b
Figure 3b. Reference and Comparator Output Transient Response
APPLICATIO S I FOR ATIO
TYPICAL APPLICATIO S


Similar Part No. - LTC1541_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1541CDD LINER-LTC1541CDD Datasheet
265Kb / 12P
   Micropower Op Amp, Comparator and Reference
LTC1541CMS8 LINER-LTC1541CMS8 Datasheet
180Kb / 12P
   Micropower Op Amp, Comparator and Reference
LTC1541CS8 LINER-LTC1541CS8 Datasheet
180Kb / 12P
   Micropower Op Amp, Comparator and Reference
LTC1541IS8 LINER-LTC1541IS8 Datasheet
180Kb / 12P
   Micropower Op Amp, Comparator and Reference
More results

Similar Description - LTC1541_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1541 LINER-LTC1541 Datasheet
180Kb / 12P
   Micropower Op Amp, Comparator and Reference
LTC1541CDD LINER-LTC1541CDD Datasheet
265Kb / 12P
   Micropower Op Amp, Comparator and Reference
LTC1542 LINER-LTC1542_15 Datasheet
265Kb / 12P
   Micropower Op Amp, Comparator and Reference
logo
Silicon Laboratories
TS12011 SILABS-TS12011 Datasheet
1Mb / 18P
   Nanopower Op Amp, Comparator, and Reference
logo
Linear Technology
LT1635 LINER-LT1635 Datasheet
306Kb / 12P
   Micropower Rail-to-Rail Op Amp and Reference
LT1635 LINER-LT1635_15 Datasheet
241Kb / 12P
   Micropower Rail-to-Rail Op Amp and Reference
logo
Touchstone Semiconducto...
TS12011 TOUCHSTONE-TS12011 Datasheet
809Kb / 11P
   A 0.8V/1.5uA Nanopower Op Amp, Comparator, and Reference
logo
Texas Instruments
LMP7300 TI1-LMP7300_15 Datasheet
1Mb / 30P
[Old version datasheet]   Micropower Precision Comparator and Precision Reference
logo
Shanghai Consonance Ele...
CN951 CONSONANCE-CN951 Datasheet
271Kb / 8P
   Low-Power, Single-Supply Op Amp Comparator Reference
logo
Maxim Integrated Produc...
MAX951 MAXIM-MAX951_V01 Datasheet
1Mb / 13P
   Ultra-Low-Power, Single-Supply Op Amp Comparator Reference
19-0431; Rev 3; 2/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com