Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1450 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1450
Description  Parallel Input, 12-Bit Rail-to-Rail Micropower DACs in SSOP
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1450 Datasheet(HTML) 4 Page - Linear Technology

  LTC1450_15 Datasheet HTML 1Page - Linear Technology LTC1450_15 Datasheet HTML 2Page - Linear Technology LTC1450_15 Datasheet HTML 3Page - Linear Technology LTC1450_15 Datasheet HTML 4Page - Linear Technology LTC1450_15 Datasheet HTML 5Page - Linear Technology LTC1450_15 Datasheet HTML 6Page - Linear Technology LTC1450_15 Datasheet HTML 7Page - Linear Technology LTC1450_15 Datasheet HTML 8Page - Linear Technology LTC1450_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
LTC1450/LTC1450L
ELECTRICAL CHARACTERISTICS
VCC = 4.5V to 5.5V (LTC1450), VCC = 2.7V to 3.6V (LTC1450L), TA = TMIN to TMAX, unless otherwise noted.
TYPICAL PERFORMANCE CHARACTERISTICS
LOAD CURRENT (mA)
4.4
4.8
5.0
5.4
5.8
0.01
1
10
100
1450/50L G01
4.0
0.1
5.2
4.6
4.2
5.6
2.8
3.2
3.4
3.8
4.2
2.4
3.6
3.0
2.6
4.0
∆VOUT < 1LSB
LTC1450
LTC1450L
Minimum Supply Voltage
vs Load Current
TEMPERATURE (
°C)
–55
350
360
380
390
400
450
420
–15
25
45
125
1450/50L G02
370
430
440
410
–35
5
65
85 105
VCC = 5.5V
VCC = 4.5V
VCC = 5V
LOGIC INPUT VOLTAGE (V)
0
0.5 1.0 1.5 2.0
3.0
4.0
3.5
4.5
6
8
1450/50L G03
4
2
0
7
5
3
1
2.5
5.0
VCC = 5V
ALL LOGIC INPUTS
TIED TOGETHER
LTC1450
LTC1450L
LTC1450 Supply Current
vs Temperature
Supply Current
vs Logic Input Voltage
The q denotes specifications which apply over the full operating
temperature range.
Note 1: Nonlinearity is defined from the first code that is greater than or
equal to the maximum offset specification to code 4095 (full-scale).
Note 2: Load is 5k
Ω in parallel with 100pF.
Note 3: DAC switched all 1’s and the code corresponding to VOS(MAX) for
the part.
Note 4: Digital inputs at 0V or VCC.
Note 5: Digital inputs swing 10% to 90% of VCC, tr = tf = 5ns and timing
measurements are from VCC/2.
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Switching Characteristics (Note 5)
tCS
CS (MSB or LSB) Pulse Width
q
40
ns
tWR
WR Pulse Width
q
40
ns
tCWS
CS to WR Setup
q
0ns
tCWH
CS to WR Hold
q
0ns
tDWS
Data Valid to WR Setup
VCC = 4.5V to 5.5V (LTC1450)
q
40
15
ns
VCC = 2.7V to 3.6V (LTC1450L)
q
40
15
ns
VCC = 5V (LTC1450L)
10
ns
tDWH
Data Valid to WR Hold
VCC = 4.5V to 5.5V (LTC1450)
q
0– 10
ns
VCC = 2.7V to 3.6V (LTC1450L)
q
0– 10
ns
VCC = 5V (LTC1450L)
– 5
ns
tLDAC
LDAC Pulse Width
q
40
ns
tCLR
CLR Pulse Width
q
40
ns


Similar Part No. - LTC1450_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1450CG LINER-LTC1450CG Datasheet
325Kb / 16P
   Parallel Input, 12-Bit Rail-to-Rail Micropower DACs in SSOP
LTC1450CN LINER-LTC1450CN Datasheet
325Kb / 16P
   Parallel Input, 12-Bit Rail-to-Rail Micropower DACs in SSOP
LTC1450IG LINER-LTC1450IG Datasheet
325Kb / 16P
   Parallel Input, 12-Bit Rail-to-Rail Micropower DACs in SSOP
LTC1450IN LINER-LTC1450IN Datasheet
325Kb / 16P
   Parallel Input, 12-Bit Rail-to-Rail Micropower DACs in SSOP
LTC1450L LINER-LTC1450L Datasheet
325Kb / 16P
   Parallel Input, 12-Bit Rail-to-Rail Micropower DACs in SSOP
More results

Similar Description - LTC1450_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1450L LINER-LTC1450L_15 Datasheet
296Kb / 16P
   Parallel Input, 12-Bit Rail-to-Rail Micropower DACs in SSOP
LTC1450 LINER-LTC1450 Datasheet
325Kb / 16P
   Parallel Input, 12-Bit Rail-to-Rail Micropower DACs in SSOP
LTC1451 LINER-LTC1451_15 Datasheet
199Kb / 12P
   12-Bit Rail-to-Rail Micropower DACs in SO-8
LTC1452 LINER-LTC1452_15 Datasheet
199Kb / 12P
   12-Bit Rail-to-Rail Micropower DACs in SO-8
LTC1451 LINER-LTC1451 Datasheet
173Kb / 12P
   12-Bit Rail-to-Rail Micropower DACs in SO-8
LTC1454 LINER-LTC1454_15 Datasheet
181Kb / 12P
   Dual 12-Bit Rail-to-Rail Micropower DACs
LTC1458 LINER-LTC1458_15 Datasheet
178Kb / 12P
   Quad 12-Bit Rail-to-Rail Micropower DACs
LTC1454 LINER-LTC1454 Datasheet
246Kb / 12P
   Dual 12-Bit Rail-to-Rail Micropower DACs
LTC1458 LINER-LTC1458 Datasheet
248Kb / 12P
   Quad 12-Bit Rail-to-Rail Micropower DACs
LTC1458L LINER-LTC1458L_15 Datasheet
178Kb / 12P
   Quad 12-Bit Rail-to-Rail Micropower DACs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com