Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1450 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1450
Description  Parallel Input, 12-Bit Rail-to-Rail Micropower DACs in SSOP
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1450 Datasheet(HTML) 3 Page - Linear Technology

  LTC1450_15 Datasheet HTML 1Page - Linear Technology LTC1450_15 Datasheet HTML 2Page - Linear Technology LTC1450_15 Datasheet HTML 3Page - Linear Technology LTC1450_15 Datasheet HTML 4Page - Linear Technology LTC1450_15 Datasheet HTML 5Page - Linear Technology LTC1450_15 Datasheet HTML 6Page - Linear Technology LTC1450_15 Datasheet HTML 7Page - Linear Technology LTC1450_15 Datasheet HTML 8Page - Linear Technology LTC1450_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
LTC1450/LTC1450L
VCC = 4.5V to 5.5V (LTC1450), 2.7V to 5.5V (LTC1450L), VOUT unloaded,
REFOUT = REFHI, REFLO = GND = X1/X2, TA = TMIN to TMAX, unless otherwise noted.
ELECTRICAL CHARACTERISTICS
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Reference Input (REFLO = GND)
REFHI Input Range
VREFHI ≤ VCC – 1.5V
q
VCC/2
V
REFHI Input Resistance
q
818
30
k
REFHI Input Capacitance
15
pF
Power Supply
VCC
Positive Supply Voltage
For Specified Performance, LTC1450L
q
2.7
5.5
V
LTC1450
q
4.5
5.5
V
ICC
Supply Current
4.5V
≤ VCC ≤ 5.5V (Note 4) LTC1450
q
300
400
620
µA
2.7V
≤ VCC ≤ 5.5V (Note 4) LTC1450L
q
150
250
500
µA
Op Amp DC Performance
Short-Circuit Current Low
VOUT Shorted to GND
q
100
mA
Short-Circuit Current High
VOUT Shorted to VCC
q
120
mA
Output Impedance to GND
Input Code = 0
q
40
120
AC Performance
Voltage Output Slew Rate
(Note 2)
q
0.5
1.0
V/
µs
Voltage Output Settling Time
(Notes 2, 3) to
±0.5LSB
14
µs
Digital Feedthrough
LDAC = 1
5
(nV)(s)
AC Feedthrough
REFHI = 1kHz, 2VP–P
–95
dB
SINAD
Signal-to-Noise + Distortion
REFHI = 1kHz, 2VP–P (Code: All 1’s)
85
dB
Digital Inputs
VIH
Digital Input High Voltage
VCC = 3V, LTC1450L
q
2.2
V
VCC = 5V, LTC1450
q
2.4
V
VIL
Digital Input Low Voltage
VCC = 3V, LTC1450L
q
0.8
V
VCC = 5V, LTC1450
q
0.8
V
VLTH
Logic Threshold Voltage
LTC1450L
VCC/2
V
ILEAK
Digital Input Leakage
VCC = 5V, VIN = GND to VCC
q
–10
10
µA
CIN
Digital Input Capacitance
Guaranteed by Design. Not Subject to Test
q
10
pF


Similar Part No. - LTC1450_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1450CG LINER-LTC1450CG Datasheet
325Kb / 16P
   Parallel Input, 12-Bit Rail-to-Rail Micropower DACs in SSOP
LTC1450CN LINER-LTC1450CN Datasheet
325Kb / 16P
   Parallel Input, 12-Bit Rail-to-Rail Micropower DACs in SSOP
LTC1450IG LINER-LTC1450IG Datasheet
325Kb / 16P
   Parallel Input, 12-Bit Rail-to-Rail Micropower DACs in SSOP
LTC1450IN LINER-LTC1450IN Datasheet
325Kb / 16P
   Parallel Input, 12-Bit Rail-to-Rail Micropower DACs in SSOP
LTC1450L LINER-LTC1450L Datasheet
325Kb / 16P
   Parallel Input, 12-Bit Rail-to-Rail Micropower DACs in SSOP
More results

Similar Description - LTC1450_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1450L LINER-LTC1450L_15 Datasheet
296Kb / 16P
   Parallel Input, 12-Bit Rail-to-Rail Micropower DACs in SSOP
LTC1450 LINER-LTC1450 Datasheet
325Kb / 16P
   Parallel Input, 12-Bit Rail-to-Rail Micropower DACs in SSOP
LTC1451 LINER-LTC1451_15 Datasheet
199Kb / 12P
   12-Bit Rail-to-Rail Micropower DACs in SO-8
LTC1452 LINER-LTC1452_15 Datasheet
199Kb / 12P
   12-Bit Rail-to-Rail Micropower DACs in SO-8
LTC1451 LINER-LTC1451 Datasheet
173Kb / 12P
   12-Bit Rail-to-Rail Micropower DACs in SO-8
LTC1454 LINER-LTC1454_15 Datasheet
181Kb / 12P
   Dual 12-Bit Rail-to-Rail Micropower DACs
LTC1458 LINER-LTC1458_15 Datasheet
178Kb / 12P
   Quad 12-Bit Rail-to-Rail Micropower DACs
LTC1454 LINER-LTC1454 Datasheet
246Kb / 12P
   Dual 12-Bit Rail-to-Rail Micropower DACs
LTC1458 LINER-LTC1458 Datasheet
248Kb / 12P
   Quad 12-Bit Rail-to-Rail Micropower DACs
LTC1458L LINER-LTC1458L_15 Datasheet
178Kb / 12P
   Quad 12-Bit Rail-to-Rail Micropower DACs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com