Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1380 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1380
Description  Single-Ended 8-Channel/ Differential 4-Channel Analog Multiplexer with SMBus Interface
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1380 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1380 Datasheet HTML 4Page - Linear Technology LTC1380 Datasheet HTML 5Page - Linear Technology LTC1380 Datasheet HTML 6Page - Linear Technology LTC1380 Datasheet HTML 7Page - Linear Technology LTC1380 Datasheet HTML 8Page - Linear Technology LTC1380 Datasheet HTML 9Page - Linear Technology LTC1380 Datasheet HTML 10Page - Linear Technology LTC1380 Datasheet HTML 11Page - Linear Technology LTC1380 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
LTC1380/LTC1393
APPLICATIONS INFORMATION
TI I G DIAGRA
SDA FROM
HOST
SDA FROM
LTC1380/LTC1393
SCL
DO
X
0
A0
A1
0
0
11
*
*0 FOR LTC1380, 1 FOR LTC1393
X
X
X
EN
C2
C1
C0
S
tSU:STA
S
P
tHD:DAT
tSU:DAT
tHD:STA
tr
tf
tLOW
tHIGH
tBUF
tSU:STO
tOFF
tON
tOPEN
ADDRESS BYTE
COMMAND BYTE
Theory of Operation
The LTC1380/LTC1393 are analog input multiplexers with
an SMBus digital interface. The LTC1380 is a single-ended
8-to-1 multiplexer; the LTC1393 is a differential 4-to-1
mulitplexer. The LTC1380 operates on either bipolar or
unipolar supplies, the LTC1393 operates on a single
supply. The minimum VCCsupplyfortheLTC1380/LTC1393
is 2.7V. The maximum supply voltage (VCC to VEE for the
LTC1380, VCC for the LTC1393) should not exceed 14V.
The multiplexer switches operate within the entire power
supply range. The LTC1380 VCC and VEE supplies can be
offset such as 2.7V/–11V and 11V/– 3V.
Serial Interface
The LTC1380/LTC1393 serial interface supports SMBus
send byte protocol as shown below with two interface
signals, SCL and SDA.
A send byte protocol is initiated by the SMBus host with a
start bit followed by a 7-bit address code and a write bit.
Each slave compares the address code with its address.
The send byte write bit is Low. The selected slaves then
reply with an acknowledge bit by pulling the SDA line Low.
Next, the host sends an 8-bit command byte. When the
selected slave receives the whole command byte, it ac-
knowledges and retains the command byte in the shift
register. The host can terminate the serial transfer with a
stop bit or communicate with another slave device with a
repeat start. When a repeat start occurs but the slave is not
selected, the command byte data is kept in the shift
register but the multiplexer control is not updated. The
multiplexer control latches the new command from the
shift register on the first stop bit after a successful com-
mand byte transfer. This allows the host to synchronize
several slave devices with a single stop bit. A1 and A0
select one of the four possible LTC1380/LTC1393 ad-
dresses as shown in Table 1. This allows up to four similar
devices to share the same SMBus, expanding the multi-
plexer to 32 single-ended channels with the LTC1380; 16
differential channels with the LTC1393. The first stop bit
after a successful send byte transfer will latch in the
multiplexer control bits (EN, C2, C1 and C0) and initiate a
break-before-make sequence.
S
10010
A1 A0 W
AXXXX
EN C2 C1 C0
AP
LTC1380 Send Byte Protocol
S
1001
ADDRESS BYTE
S = SMBus START BIT
P = SMBus STOP BIT (THE FIRST STOP BIT AFTER A SUCCESSFUL COMMAND BYTE
UPDATES THE MULTIPLEXER CONTROL LATCH)
A = ACKNOWLEDGE BIT FROM LTC1380/LTC1393
W = WRITE COMMAND BIT
A1, A0 = ADDRESS BITS
EN, C2, C1, C0 = MULTIPLEXER CONTROL BITS
1
A1 A0 W
AXXXX
EN C2 C1 C0
AP
LTC1393 Send Byte Protocol
COMMAND BYTE


Similar Part No. - LTC1380

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1380 LINER-LTC1380 Datasheet
275Kb / 12P
   Single-Ended 8-Channel/ Differential 4-Channel Analog Multiplexer with SMBus Interface
LTC1380C LINER-LTC1380C Datasheet
275Kb / 12P
   Single-Ended 8-Channel/ Differential 4-Channel Analog Multiplexer with SMBus Interface
LTC1380CGN LINER-LTC1380CGN Datasheet
275Kb / 12P
   Single-Ended 8-Channel/ Differential 4-Channel Analog Multiplexer with SMBus Interface
LTC1380CS LINER-LTC1380CS Datasheet
275Kb / 12P
   Single-Ended 8-Channel/ Differential 4-Channel Analog Multiplexer with SMBus Interface
LTC1380I LINER-LTC1380I Datasheet
275Kb / 12P
   Single-Ended 8-Channel/ Differential 4-Channel Analog Multiplexer with SMBus Interface
More results

Similar Description - LTC1380

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1393 LINER-LTC1393_15 Datasheet
245Kb / 12P
   Single-Ended 8-Channel/ Differential 4-Channel Analog Multiplexer with SMBus Interface
LTC1380 LINER-LTC1380 Datasheet
275Kb / 12P
   Single-Ended 8-Channel/ Differential 4-Channel Analog Multiplexer with SMBus Interface
logo
Burr-Brown (TI)
MPC508A BURR-BROWN-MPC508A_07 Datasheet
478Kb / 18P
   Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
logo
Texas Instruments
HI-509A TI-HI-509A Datasheet
1Mb / 10P
[Old version datasheet]   Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
MPC508A TI1-MPC508A Datasheet
982Kb / 19P
[Old version datasheet]   Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
logo
Burr-Brown (TI)
MPC508A BURR-BROWN-MPC508A Datasheet
423Kb / 16P
   Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
MPC508A BURR-BROWN-MPC508A_08 Datasheet
521Kb / 17P
   Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
logo
Linear Technology
LTC1390 LINER-LTC1390_15 Datasheet
168Kb / 8P
   8-Channel Analog Multiplexer with Serial Interface
LTC1390 LINER-LTC1390 Datasheet
225Kb / 8P
   8-Channel Analog Multiplexer with Serial Interface
logo
STMicroelectronics
HCF4097B STMICROELECTRONICS-HCF4097B Datasheet
394Kb / 10P
   ANALOG DIFFERENTIAL 8 CHANNEL MULTIPLEXER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com