Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1265-3.3 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC1265-3.3
Description  1.2A, High Efficiency Step-Down DC/DC Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1265-3.3 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC1265-3.3_15 Datasheet HTML 6Page - Linear Technology LTC1265-3.3_15 Datasheet HTML 7Page - Linear Technology LTC1265-3.3_15 Datasheet HTML 8Page - Linear Technology LTC1265-3.3_15 Datasheet HTML 9Page - Linear Technology LTC1265-3.3_15 Datasheet HTML 10Page - Linear Technology LTC1265-3.3_15 Datasheet HTML 11Page - Linear Technology LTC1265-3.3_15 Datasheet HTML 12Page - Linear Technology LTC1265-3.3_15 Datasheet HTML 13Page - Linear Technology LTC1265-3.3_15 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
LTC1265/LTC1265-3.3/LTC1265-5
APPLICATIONS INFORMATION
output voltage can potentially float above the maximum
allowable tolerance. To prevent this from occuring, a
resistor must be connected between VOUT and ground
with a value low enough to sink the maximum possible
leakage current.
THERMAL CONSIDERATIONS
In a majority of applications, the LTC1265 does not
dissipate much heat due to its high efficiency. However, in
applications where the switching regulator is running at
high duty cycles or the part is in dropout with the switch
turned on continuously (DC), the user will need to do some
thermal analysis. The goal of the thermal analysis is to
determine whether the power dissipated by the regulator
exceeds the maximum junction temperature of the part.
The temperature rise is given by:
TR = P(θJA)
where P is the power dissipated by the regulator and
θJA
is the thermal resistance from the junction of the die to the
ambient temperature.
The junction temperature is simply given by:
TJ = TR + TA
As an example, consider the LTC1265 is in dropout at an
input voltage of 4V with a load current of 0.5A. From the
Typical Performance Characteristics graph of Switch Re-
sistance, the ON resistance of the P-channel is 0.55
Ω.
Therefore power dissipated by the part is:
P = I2(RDSON) = 0.1375W
For the SO package, the
θJA is 110°C/W.
Therefore the junction temperature of the regulator when
it is operating in ambient temperature of 25
°C is:
TJ = 0.1375(110) + 25 = 40.1°C
Remembering that the above junction temperature is
obtained from a RDSON at 25°C, we need to recalculate the
junction temperature based on a higher RDSON since it
increases with temperature. However, we can safely as-
sume that the actual junction temperature will not exceed
the absolute maximum junction temperature of 125
°C.
Now consider the case of a 1A regulator with VIN = 4V and
TA = 65°C. Starting with the same 0.55Ω assumption for
RDSON, the TJ calculation will yield 125°C. But from the
graph, this will increase the RDSON to 0.76Ω, which when
used in the above calculation yields an actual TJ > 148°C.
Therefore the LTC1265 would be unsuitable for a 4V input,
1A output regulator operating at TA = 65°C.
Board Layout Checklist
When laying out the printed circuit board, the following
checklist should be used to ensure proper operation of the
LTC1265. These items are also illustrated graphically in
the layout diagram of Figure 6. Check the following in your
layout:
1. Are the signal and power grounds segregated? The
LTC1265 signal ground (Pin 11) must return to the (–)
plate of COUT. The power ground (Pin 12) returns to the
anode of the Schottky diode, and the (–) plate of CIN,
whose leads should be as short as possible.
2. Does the (+) plate of the CIN connect to the power VIN
(Pins 1,13) as close as possible? This capacitor pro-
vides the AC current to the internal P-channel MOSFET
and its driver.
3. Is the input decoupling capacitor (0.1
µF) connected
closely between power VIN (Pins 1,13) and power
ground (Pin 12)? This capacitor carries the high fre-
quency peak currents.
4. Is the Schottky diode closely connected between the
power ground (Pin 12) and switch (Pin 14)?
5. Does the LTC1265 SENSE(Pin 7) connect to a point
close to RSENSE and the (+) plate of COUT? In adjustable
applications, the resistive divider, R1 and R2, must be
connected between the (+) plate of COUT and signal
ground.
6. Are the SENSEand SENSE+ leads routed together with
minimum PC trace spacing? The 1000pF capacitor
between Pins 7 and 8 should be as close as possible to
the LTC1265.
7. Is SHDN (Pin 10) actively pulled to ground during
normal operation? The SHDN pin is high impedance
and must not be allowed to float.


Similar Part No. - LTC1265-3.3_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1265-3.3 LINER-LTC1265-3.3 Datasheet
226Kb / 16P
   1.2A, High Efficiency Step-Down DC/DC Converter
More results

Similar Description - LTC1265-3.3_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1265 LINER-LTC1265_15 Datasheet
243Kb / 16P
   1.2A, High Efficiency Step-Down DC/DC Converter
LTC1265 LINER-LTC1265 Datasheet
226Kb / 16P
   1.2A, High Efficiency Step-Down DC/DC Converter
LTC1265-5 LINER-LTC1265-5_15 Datasheet
243Kb / 16P
   1.2A, High Efficiency Step-Down DC/DC Converter
logo
SHANGHAI BELLING CO., L...
BL8516 BELLING-BL8516 Datasheet
456Kb / 7P
   1.2A Step-down DC-DC Converter
logo
Will Semiconductor Ltd.
WD1015 WILLSEMI-WD1015 Datasheet
1Mb / 11P
   1.5MHz, 1.2A, Step-down DC-DC Converter
logo
Semtech Corporation
SC1578 SEMTECH-SC1578 Datasheet
130Kb / 5P
   HIGH-EFFICIENCY STEP-DOWN DC-DC CONVERTER
logo
Fairchild Semiconductor
FAN5307 FAIRCHILD-FAN5307 Datasheet
623Kb / 13P
   High-Efficiency Step-Down DC-DC Converter
logo
Analog Intergrations Co...
AIC1578 AIC-AIC1578 Datasheet
266Kb / 7P
   High-Efficiency, Step-Down DC/DC Converter
logo
Shindengen Electric Mfg...
MD1422N SHINDENGEN-MD1422N Datasheet
41Kb / 2P
   high-efficiency step down DC-DC converter
logo
Princeton Technology Co...
RS8016 PTC-RS8016 Datasheet
241Kb / 3P
   1.5MHz, 1.2A, Synchronous Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com