Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1264-7 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1264-7
Description  Linear Phase, Group Delay Equalized, 8th Order Lowpass Filter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1264-7 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1264-7_15 Datasheet HTML 3Page - Linear Technology LTC1264-7_15 Datasheet HTML 4Page - Linear Technology LTC1264-7_15 Datasheet HTML 5Page - Linear Technology LTC1264-7_15 Datasheet HTML 6Page - Linear Technology LTC1264-7_15 Datasheet HTML 7Page - Linear Technology LTC1264-7_15 Datasheet HTML 8Page - Linear Technology LTC1264-7_15 Datasheet HTML 9Page - Linear Technology LTC1264-7_15 Datasheet HTML 10Page - Linear Technology LTC1264-7_15 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LTC1264-7
12647fa
7
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
Gain vs fCLK
Passband Gain vs fCLK
Maximum Passband vs
Temperature
Delay vs fCLK
Delay vs fCLK
THD vs Frequency
THD vs Frequency
THD + Noise vs Input
THD vs Frequency
FREQUENCY (kHz)
–90
–70
–50
–30
–10
10
200
1264-7 G17
–80
–60
–40
–20
0
10
B
A
VS = SINGLE 5V
(fCLK/fC) = 50:1
AGND = 2V
TA = 25°C
A. fCLK = 0.5MHz
B. fCLK = 1MHz
C. fCLK = 2MHz
C
100
FREQUENCY (kHz)
5
–5
–3
–1
1
3
10
100
1264-7 G18
–4
–2
0
2
4
5
D
C
B
A
VS = SINGLE 5V
(fCLK/fC) = 50:1
AGND = 2V
TA = 25°C
A. fCLK = 0.5MHz
B. fCLK = 1.0MHz
C. fCLK = 1.5MHz
D. fCLK = 2.0MHz
FREQUENCY (kHz)
1
–4.0
–3.0
0
10
50
1264-7 G19
–2.0
–1.5
– 0.5
1.0
0.5
–1.0
–2.5
–3.5
VS = SINGLE 5V
fCLK = 2MHz
(fCLK/fC) = 50:1
AGND = 2V
A. TA = 70°C
B. TA = –40°C
A
B
INPUT FREQUENCY (kHz)
20
0
5
10
15
20
25
30
60
100
140
180
1264-7 G20
220
VS = ±7.5V
(fCLK/fC) = 25:1
TA = 25°C
40
120
80
160
200
A
D
B
C
A. fCLK = 1MHz
B. fCLK = 2MHz
C. fCLK = 3MHz
D. fCLK = 4MHz
INPUT FREQUENCY (kHz)
10
0
10
20
30
40
50
60
30
50
70
90
1264-7 G21
110
VS = ±7.5V
(fCLK/fC) = 50:1
TA = 25°C
20
60
40
80
100
A
D
B
C
A. fCLK = 1MHz
B. fCLK = 2MHz
C. fCLK = 3MHz
D. fCLK = 4MHz
FREQUENCY (kHz)
1
–90
–80
–50
10
50
1264-7 G22
–70
–65
–55
–40
–45
–60
–75
–85
VS = ±5V
VIN = 1VRMS
fCLK = 1MHz
(fCLK/fC) = 25:1
(5 REPRESENTA-
TIVE UNITS)
FREQUENCY (kHz)
1
10
100
1264-7 G23
–90
–80
–50
–70
–65
–55
–40
–45
–60
–75
–85
VS = ±7.5V
VIN = 1VRMS
fCLK = 2.5MHz
(fCLK/fC) = 25:1
(5 REPRESENTA-
TIVE UNITS)
FREQUENCY (kHz)
1
–90
–80
–70
–60
–50
10
1264-7 G24
–85
–75
–65
–55
–45
VS = SINGLE 5V
VIN = 0.5VRMS
fCLK = 500kHz
(fCLK/fC) = 25:1
AGND = 2V
(5 REPRESENTA-
TIVE UNITS)
–40
20
INPUT AMPLITUDE (VRMS)
0.1
1
5
1264-7 G25
–90
–80
–50
–70
–65
–55
–40
–45
–60
–75
–85
fIN = 1kHz
fCLK = 1MHz
(fCLK/fC) = 25:1
A
B
A. VS = ±5V
B. VS = ±7.5V


Similar Part No. - LTC1264-7_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1264-7 LINER-LTC1264-7_1 Datasheet
303Kb / 16P
   Linear Phase, Group Delay Equalized, 8th Order Lowpass Filter
More results

Similar Description - LTC1264-7_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1264-7 LINER-LTC1264-7 Datasheet
301Kb / 12P
   Linear Phase, Group Delay Equalized, 8th Order Lowpass Filter
LTC1264-7 LINER-LTC1264-7_1 Datasheet
303Kb / 16P
   Linear Phase, Group Delay Equalized, 8th Order Lowpass Filter
LTC1064-7 LINER-LTC1064-7 Datasheet
298Kb / 12P
   Linear Phase, 8th Order Lowpass Filter
LTC1069-7 LINER-LTC1069-7 Datasheet
226Kb / 8P
   Linear Phase 8th Order Lowpass Filter
LT10647FB LINER-LT10647FB_15 Datasheet
223Kb / 16P
   Linear Phase, 8th Order Lowpass Filter
LTC1069-7 LINER-LTC1069-7_15 Datasheet
169Kb / 10P
   Linear Phase 8th Order Lowpass Filter
LTC1064-7 LINER-LTC1064-7_09 Datasheet
217Kb / 16P
   Linear Phase, 8th Order Lowpass Filter
LTC1164-7 LINER-LTC1164-7_15 Datasheet
267Kb / 16P
   Low Power, Linear Phase 8th Order Lowpass Filter
LTC1164-7 LINER-LTC1164-7 Datasheet
300Kb / 12P
   Low Power, Linear Phase 8th Order Lowpass Filter
LTC1164-7 LINER-LTC1164-7_1 Datasheet
262Kb / 16P
   Low Power, Linear Phase 8th Order Lowpass Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com