Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OD1238-24MB-XC Datasheet(PDF) 1 Page - ORION FANS

Part # OD1238-24MB-XC
Description  High Performance DC Fan
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORIONFANS [ORION FANS]
Direct Link  http://www.orionfans.com/index.html
Logo ORIONFANS - ORION FANS

OD1238-24MB-XC Datasheet(HTML) 1 Page - ORION FANS

  OD1238-24MB-XC Datasheet HTML 1Page - ORION FANS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RoHS Compliant
52
Orion Fans
Information and data is subject to
change without prior notification.
Knight Electronics, Inc.
10557 Metric Drive
Dallas, Texas 75243
214-340-0265
OD1238 - ‘XC Series’
High Performance
High Performance DC Fan
120x38mm (4.7”x 1.5”)
Frame & Impeller
PBT, UL94V-O plastic
Available Options:
Tachometer (Frequency
Generator)
Alarm (Rotation Detector)
Thermistor (Thermal Speed
Control) Lead or
hub mounted
Connection
2x Lead wires 24AWG
Motor
Brushless DC, auto restart,
polarity protected
Bearing System
Dual ball bearing
Insulation Resistance 10Mohm between leadwire
and frame (500VDC)
Dielectric Strength
1 second at 500 VAC, max
leakage - 500 MicroAmp
Temperature Range
-10C ~ +70C
Life (L10)
65,000 hours (45C)
Model Number
Speed
(RPM)
Airflow
(CFM) Noise (dB) Volts DC Input Power
(Watts)
Amps
Max. Static
Pressure
(“H2O)
OD1238-12HB-XC
4300
200
61
12
23
1.95
0.64
OD1238-12MB-XC
3800
175
57
12
18
1.50
0.51
OD1238-12LB-XC
3200
150
52
12
10
0.87
0.38
OD1238-24HB-XC
4300
200
61
24
19
0.98
0.64
OD1238-24MB-XC
3800
175
57
24
16
0.68
0.51
OD1238-24LB-XC
3200
150
52
24
9
0.42
0.38
OD1238-24LLB-XC
2800
130
48
24
7
0.30
0.29
OD1238-48HHB-XC
4700
220
63
48
32
0.68
0.75
OD1238-48HB-XC
4300
200
61
48
25
0.52
0.64
OD1238-48MB-XC
3800
175
57
48
17
0.36
0.51
OD1238-48LB-XC
3200
150
52
48
11
0.22
0.38
OD1238-48LLB-XC
2800
130
48
48
9
0.18
0.29
m1
77282 2009_fan_cat sec 3:Layout 1
8/3/09
11:19 AM
Page 52


Similar Part No. - OD1238-24MB-XC

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OD1238-24MB-XC ORIONFANS-OD1238-24MB-XC Datasheet
100Kb / 1P
   High Performance DC Fan 120x38mm (4.7?쓝 1.5??
OD1238-24MB-XC ORIONFANS-OD1238-24MB-XC Datasheet
242Kb / 1P
   High Performance DC Fan 12, 24, 48V 120x38mm (4.7?쓝 1.5??
More results

Similar Description - OD1238-24MB-XC

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OD1238VA ORIONFANS-OD1238VA Datasheet
126Kb / 1P
   High Performance DC Fan
OD1238 ORIONFANS-OD1238 Datasheet
120Kb / 1P
   High Performance DC Fan 120x38mm (4.7' x 1.5')
OD1238XC ORIONFANS-OD1238XC Datasheet
100Kb / 1P
   High Performance DC Fan 120x38mm (4.7?쓝 1.5??
logo
STEGO Elektrotechnik Gm...
DCR030 STEGO-DCR030 Datasheet
278Kb / 2P
   HIGH-PERFORMANCE FAN HEATER
08.09.2020
DCR130 STEGO-DCR130 Datasheet
282Kb / 2P
   HIGH-PERFORMANCE FAN HEATER
08.09.2020
CR130 STEGO-CR130 Datasheet
240Kb / 1P
   COMPACT HIGH-PERFORMANCE FAN HEATER
21.08.2020
CR030 STEGO-CR030 Datasheet
236Kb / 1P
   COMPACT HIGH-PERFORMANCE FAN HEATER
21.08.2020
CS032 STEGO-CS032 Datasheet
210Kb / 2P
   HIGH-PERFORMANCE FAN HEATER (SEMICONDUCTOR)
25.01.2021
logo
ORION FANS
OD1238XC ORIONFANS-OD1238XC_16 Datasheet
242Kb / 1P
   High Performance DC Fan 12, 24, 48V 120x38mm (4.7?쓝 1.5??
OD1238VXC ORIONFANS-OD1238VXC Datasheet
264Kb / 1P
   High Performance DC Fan 12, 24, 48V 120x38mm (4.7?쓝 1.5??
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com