Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMDL301T1G Datasheet(PDF) 1 Page - Leshan Radio Company

Part # LMDL301T1G
Description  Silicon Hot?밅arrier Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LMDL301T1G Datasheet(HTML) 1 Page - Leshan Radio Company

  LMDL301T1G_15 Datasheet HTML 1Page - Leshan Radio Company LMDL301T1G_15 Datasheet HTML 2Page - Leshan Radio Company LMDL301T1G_15 Datasheet HTML 3Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LESHAN RADIO COMPANY, LTD.
PLASTIC SOD– 323
CASE 477
1
2
LMDL301T1G
Silicon Hot–Carrier Diodes
Schottky Barrier Diode
These devices are designed primarily for high–efficiency UHF and VHF
detector applications. They are readily adaptable to many other fast switching
RF and digital applications. They are supplied in an inexpensive plastic package
for low–cost, high–volume consumer and industrial/commercial requirements.
They are available in a Surface Mount package.
• Extremely Low Minority Carrier Lifetime – 15 ps (Typ)
• Very Low Capacitance – 1.5 pF (Max) @ V R = 15 V
• Low Reverse Leakage – I R = 13 nAdc (Typ)
• Device Marking: 4T
2
ANODE
1
CATHODE
MAXIMUM RATINGS ( T
J =125°C unless otherwise noted )
Symbol
Rating
Value
Unit
V R
Reverse Voltage
30
Volts
THERMAL CHARACTERISTICS
Symbol
Characteristic
M a x
Unit
P D
Total Device Dissipation FR–5 Board,*
200
mW
T A = 25°C
Derate above 25°C
1.57
mW/°C
R θJA
Thermal Resistance Junction to Ambient
635
°C/W
T J , T stg
Junction and Storage
–55 to+150
°C
Temperature Range
*FR–5 Minimum Pad
ORDERING INFORMATION
Device
Marking
Shipping
LMDL301T1G
4T
3000 / Tape & Reel
30 VOLTS SILICON
HOT–CARRIER DETECTOR
AND SWITCHING DIODES
ELECTRICAL CHARACTERISTICS (T
A = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
M a x
Unit
Reverse Breakdown Voltage
V (BR)R
30
Volts
(I R = 10
µA)
Diode Capacitance
(V R = 15 V, f = 1.0MHz) Figure 1
C T
0.9
1.5
pF
Reverse Leakage
(V R = 25 V) Figure 3
I R
13
200
nAdc
Forward Voltage
(I F = 1.0 mAdc) Figure 4
V F
0.38
0.45
Vdc
Forward Voltage
(I F = 10 mAdc) Figure 4
V F
0.52
0.6
Vdc
LMDL301T3G
4T
10000 / Tape & Reel
We declare that the material of product
compliance with RoHS requirements.
Rev.O 1/3
S-LMDL301T1G
• S- Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements;
AEC-Q101 Qualified and PPAP Capable.
S-LMDL301T1G
S-LMDL301T3G


Similar Part No. - LMDL301T1G_15

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMDL301T1G LRC-LMDL301T1G Datasheet
135Kb / 3P
   Silicon Hot?밅arrier Diodes Schottky Barrier Diode
More results

Similar Description - LMDL301T1G_15

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FDR301U FS-FDR301U Datasheet
184Kb / 3P
   Silicon Hot?밅arrier Diodes
logo
Leshan Radio Company
LMBD301LT1G LRC-LMBD301LT1G_15 Datasheet
119Kb / 3P
   Silicon Hot?밅arrier Diodes
LMBD301LT1G LRC-LMBD301LT1G_11 Datasheet
112Kb / 3P
   Silicon Hot?밅arrier Diodes Schottky Barrier Diodes
logo
First Silicon Co., Ltd
FDR301 FS-FDR301 Datasheet
209Kb / 3P
   Silicon Hot?밅arrier Diodes Schottky Barrier Diodes
logo
Leshan Radio Company
LMDL301T1G LRC-LMDL301T1G Datasheet
135Kb / 3P
   Silicon Hot?밅arrier Diodes Schottky Barrier Diode
logo
ON Semiconductor
MBD301G ONSEMI-MBD301G Datasheet
135Kb / 5P
   Silicon Hot-Carrier Diodes
August, 2009 ??Rev. 5
MBD301G ONSEMI-MBD301G_16 Datasheet
95Kb / 5P
   Silicon Hot-Carrier Diodes
October, 2016 ??Rev. 8
logo
Leshan Radio Company
MMDL301T1 LRC-MMDL301T1 Datasheet
118Kb / 3P
   Silicon Hot-Carrier Diodes
logo
ON Semiconductor
MMDL301T1G ONSEMI-MMDL301T1G Datasheet
94Kb / 3P
   Silicon Hot-Carrier Diodes
September, 2010??Rev. 2
logo
Leshan Radio Company
MBD701 LRC-MBD701 Datasheet
54Kb / 2P
   Silicon Hot-Carrier Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com