Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RD74LVC244B Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # RD74LVC244B
Description  Octal Buffers / Line Drivers with 3-state Outputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RD74LVC244B Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button RD74LVC244B_15 Datasheet HTML 3Page - Renesas Technology Corp RD74LVC244B_15 Datasheet HTML 4Page - Renesas Technology Corp RD74LVC244B_15 Datasheet HTML 5Page - Renesas Technology Corp RD74LVC244B_15 Datasheet HTML 6Page - Renesas Technology Corp RD74LVC244B_15 Datasheet HTML 7Page - Renesas Technology Corp RD74LVC244B_15 Datasheet HTML 8Page - Renesas Technology Corp RD74LVC244B_15 Datasheet HTML 9Page - Renesas Technology Corp RD74LVC244B_15 Datasheet HTML 10Page - Renesas Technology Corp RD74LVC244B_15 Datasheet HTML 11Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
RD74LVC244B
Rev.2.00 Feb. 17, 2005 page 7 of 8
Waveforms – 1
tPLH
tPHL
VOH
VOL
Input A
10 %
GND
90 %
tr
tf
90 %
10 %
Output Y
VIH
Vref
Vref
Vref
Vref
Notes:
1.
Input waveform : PRR = 10 MHz, duty cycle 50%
Waveforms – 2
V
∆ V
OH
V
+
∆ V
OL
tZL
tLZ
tZH
tHZ
tf
tr
90 %
10 %
90 %
10 %
VOH
VOL
GND
Input G
Waveform - A
Waveform - B
Vref
Vref
Vref
Vref
VIH
≈ GND
≈ 1/2V
TT
1.5 V
1.5 V
Vref
CL
RL
1/2 VCC
30 pF
1.0 k
500
500
500
500
∆V
0.3 V
0.3 V
0.3 V
0.15 V
0.15 V
30 pF
50 pF
50 pF
50 pF
1/2 VCC
1/2 VCC
6 V
6 V
VTT
2
× VCC
2
× VCC
2
× VCC
2.7 V
2.7 V
INPUTS
VCC
VCC
VCC
VI
tr/tf
VCC = 1.8±0.15 V
VCC = 2.5±0.2 V
VCC = 3.3±0.3 V
VCC = 5.0±0.5 V
VCC = 2.7 V
VCC (V)
2 ns
2 ns
2.5 ns
2.5 ns
2.5 ns
Notes:
1.
Input waveform : PRR = 10 MHz, duty cycle 50%
2.
Waveform – A shows input conditions such that the output is "L" level when enable by the
output control.
3.
Waveform – B shows input conditions such that the output is "H" level when enable by the
output control.


Similar Part No. - RD74LVC244B_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RD74LVC244BFPEL RENESAS-RD74LVC244BFPEL Datasheet
82Kb / 9P
   Octal Buffers / Line Drivers with 3-state Outputs
RD74LVC244BTELL RENESAS-RD74LVC244BTELL Datasheet
82Kb / 9P
   Octal Buffers / Line Drivers with 3-state Outputs
More results

Similar Description - RD74LVC244B_15

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74F240 FAIRCHILD-74F240_04 Datasheet
82Kb / 8P
   Octal Buffers/Line Drivers with 3-STATE Outputs
logo
Hitachi Semiconductor
HD74BC540A HITACHI-HD74BC540A Datasheet
38Kb / 8P
   Octal Buffers/Line Drivers With 3 State Outputs
HD74BC541A HITACHI-HD74BC541A Datasheet
38Kb / 8P
   Octal Buffers/Line Drivers With 3 State Outputs
HD74HC540 HITACHI-HD74HC540 Datasheet
51Kb / 9P
   Octal Buffers/Line Drivers (with 3-state outputs)
logo
Renesas Technology Corp
RD74LVC540B RENESAS-RD74LVC540B Datasheet
83Kb / 9P
   Octal Buffers / Line Drivers with 3-state Outputs
HD74HCT540 RENESAS-HD74HCT540 Datasheet
112Kb / 9P
   Octal Buffers/Line Drivers (with 3-state outputs)
HD74HC540 RENESAS-HD74HC540_15 Datasheet
132Kb / 11P
   Octal Buffers/Line Drivers (with 3-state outputs)
logo
Texas Instruments
54AC11241 TI1-54AC11241_09 Datasheet
105Kb / 7P
[Old version datasheet]   OCTAL BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74BC244A HITACHI-HD74BC244A Datasheet
38Kb / 8P
   Octal Buffers/Line Drivers With 3 State Outputs
HD74LVC244A HITACHI-HD74LVC244A Datasheet
47Kb / 9P
   Octal Buffers / Line Drivers with 3-state Outputs
HD74LVC540A HITACHI-HD74LVC540A Datasheet
48Kb / 9P
   Octal Buffers / Line Drivers with 3-state Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com