Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RD74LVC138BTELL Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # RD74LVC138BTELL
Description  3-to-8-line Decoder / Demultiplexer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RD74LVC138BTELL Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button RD74LVC138BTELL Datasheet HTML 2Page - Renesas Technology Corp RD74LVC138BTELL Datasheet HTML 3Page - Renesas Technology Corp RD74LVC138BTELL Datasheet HTML 4Page - Renesas Technology Corp RD74LVC138BTELL Datasheet HTML 5Page - Renesas Technology Corp RD74LVC138BTELL Datasheet HTML 6Page - Renesas Technology Corp RD74LVC138BTELL Datasheet HTML 7Page - Renesas Technology Corp RD74LVC138BTELL Datasheet HTML 8Page - Renesas Technology Corp RD74LVC138BTELL Datasheet HTML 9Page - Renesas Technology Corp RD74LVC138BTELL Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
RD74LVC138B
Rev.2.00 Jan. 14, 2005 page 5 of 7
Switching Characteristics
Ta = –40 to 85°C
Item
Symbol
VCC (V)
Min
Typ
Max
Unit
From
(Input)
To
(Output)
1.8±0.15
1.0
22.0
2.5±0.2
1.0
9.9
2.7
1.0
7.9
3.3±0.3
1.0
6.7
tPLH
tPHL
5.0±0.5
1.0
6.0
ns
A, B, C
Y0 to Y7
1.8±0.15
1.0
21.0
2.5±0.2
1.0
9.4
2.7
1.0
7.4
3.3±0.3
1.0
6.5
tPLH
tPHL
5.0±0.5
1.0
6.0
ns
G2A, G2B Y0 to Y7
1.8±0.15
1.0
20.3
2.5±0.2
1.0
8.4
2.7
1.0
6.4
3.3±0.3
1.0
5.8
Propagation delay time
tPLH
tPHL
5.0±0.5
1.0
5.0
ns
G1
Y0 to Y7
1.8±0.15
2.5±0.2
2.7
3.3±0.3
1.0
Output skew between
pins*
1
tOSLH
tOSHL
5.0±0.5
1.0
ns
Input capacitance
CIN
3.3
5.0
pF
Note:
1. This parameter is characterized but not tested.
tOSLH = |tPLHm – tPLHn|, tOSHL = |tPHLm – tPHLn|
Operating Characteristics
Ta = 25°C
Item
Symbol
VCC = (V)
Min
Typ
Max
Unit
Test Conditions
1.8
25
2.5
26
3.3
27
Power dissipation capacitance
CPD
5.0
30
pF
f = 10 MHz


Similar Part No. - RD74LVC138BTELL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RD74LVC138BTELL RENESAS-RD74LVC138BTELL Datasheet
71Kb / 8P
   3-to-8-line Decoder / Demultiplexer
More results

Similar Description - RD74LVC138BTELL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74ACT11238 TI-74ACT11238 Datasheet
96Kb / 7P
[Old version datasheet]   3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
SN74LV138AT TI1-SN74LV138AT_15 Datasheet
984Kb / 19P
[Old version datasheet]   3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
SN74LVC138A-Q1 TI1-SN74LVC138A-Q1_15 Datasheet
808Kb / 14P
[Old version datasheet]   3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
logo
Renesas Technology Corp
HD74HC138 RENESAS-HD74HC138 Datasheet
67Kb / 9P
   3-to-8-line Decoder/Demultiplexer
HD74LVC138 RENESAS-HD74LVC138 Datasheet
178Kb / 6P
   3-to-8-line Decoder / Demultiplexer
HD74LV138A RENESAS-HD74LV138A_15 Datasheet
118Kb / 9P
   3-to-8-line Decoder / Demultiplexer
logo
Mitsubishi Electric Sem...
M74LS138P MITSUBISHI-M74LS138P Datasheet
215Kb / 4P
   3-LINE TO 8-LINE DECODER / DEMULTIPLEXER
logo
Texas Instruments
SN74LVC138A-EP TI1-SN74LVC138A-EP Datasheet
612Kb / 13P
[Old version datasheet]   3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
SN54HCT138 TI1-SN54HCT138_16 Datasheet
1Mb / 20P
[Old version datasheet]   3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
logo
Hitachi Semiconductor
HD74LVC138 HITACHI-HD74LVC138 Datasheet
37Kb / 8P
   3-to-8-line Decoder / Demultiplexer
logo
Diodes Incorporated
74AHC138 DIODES-74AHC138 Datasheet
307Kb / 10P
   3-TO-8 LINE DECODER DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com