Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LIMN10T1G Datasheet(PDF) 1 Page - Leshan Radio Company

Part # LIMN10T1G
Description  Switching Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LIMN10T1G Datasheet(HTML) 1 Page - Leshan Radio Company

  LIMN10T1G_15 Datasheet HTML 1Page - Leshan Radio Company LIMN10T1G_15 Datasheet HTML 2Page - Leshan Radio Company LIMN10T1G_15 Datasheet HTML 3Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Switching Diode
LIMN10T1G
.
Device
Marking
Shipping
Device Marking Ordering Information
LESHAN RADIO COMPANY, LTD.
1
3
2
6
4
5
!Applications
Ultra high speed switching
!Features
1) Multiple diodes in one small surface mount package.
2) Diode characteristics are matched in the package.
!Construction
Silicon epitaxial planar
3) Pb Free Package is Available.
!
!
!
!Absolute maximum ratings
(Ta=25
°C)
∗1 Not to exceed 200mW per element.
!
!
!
!Electrical characteristics
(Ta=25
°C)
!
LIMN10T1G
LIMN10T3G
N10
3000 Tape&Reel
N10
10000 Tape&Reel
TSOP-6
Parameter
Symbol
Limits
Unit
Peak reverse voltage
VRM
80
V
DC reverse voltage
VR
80
V
Peak forward current
I FM
300
mA
Mean rectifying current
I O
100
mA
surge
Junction temperature
Tj
150
°C
Storage temperature
Tstg
– 55 ~ +150
°C
4
A
300 ∗1
Surge current (1us)
I
Power dissipation (total)
Pd
mW
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Forward voltage
VF
1.2
V
I F=100mA
Reverse current
I R
0.1
µAV
R=70V
Capacitance between terminals
CT
3.5
pF
VR=6V , f=1MHz
Reverse recovery time
trr
R=6V , IF=5mA
4
ns
V
1
3
2
6
4
5
Rev.O 1/3
S-LIMN10T1G
S- Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC-Q101
Qualified and PPAP Capable.
S-LIMN10T1G
S-LIMN10T3G
4)


Similar Part No. - LIMN10T1G_15

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LIMN10T1G LRC-LIMN10T1G Datasheet
174Kb / 3P
   Switching Diode LIMN10T1G
More results

Similar Description - LIMN10T1G_15

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BAV99L AITSEMI-BAV99L Datasheet
442Kb / 5P
   SWITCHING DIODE DUAL SWITCHING DIODE
REV2.0
MDL914 AITSEMI-MDL914 Datasheet
483Kb / 5P
   SWITCHING DIODE HIGH ?밪PEED SWITCHING DIODE
REV1.1
MBD914 AITSEMI-MBD914 Datasheet
505Kb / 5P
   SWITCHING DIODE HIGH?뭆PEED SWITCHING DIODE
REV1.0
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
   SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
logo
Rohm
RLS-73 ROHM-RLS-73 Datasheet
54Kb / 2P
   Switching diode
logo
AUK corp
SDS2836F AUK-SDS2836F Datasheet
103Kb / 3P
   Switching Diode
SDS2838E AUK-SDS2838E Datasheet
104Kb / 3P
   Switching Diode
logo
Microsemi Corporation
JAN1N914 MICROSEMI-JAN1N914 Datasheet
53Kb / 2P
   SWITCHING DIODE
logo
AUK corp
SDS2838F AUK-SDS2838F Datasheet
103Kb / 3P
   Switching Diode
logo
ON Semiconductor
BAS116LT1 ONSEMI-BAS116LT1 Datasheet
63Kb / 4P
   Switching Diode
1997 REV 1
logo
Compensated Deuices Inc...
1N914 CDI-DIODE-1N914 Datasheet
68Kb / 2P
   SWITCHING DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com