Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT6600-20 Datasheet(PDF) 8 Page - Linear Technology

Part # LT6600-20
Description  Very Low Noise, Differential Amplifi er and 20MHz Lowpass Filter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6600-20 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT6600-20 Datasheet HTML 4Page - Linear Technology LT6600-20 Datasheet HTML 5Page - Linear Technology LT6600-20 Datasheet HTML 6Page - Linear Technology LT6600-20 Datasheet HTML 7Page - Linear Technology LT6600-20 Datasheet HTML 8Page - Linear Technology LT6600-20 Datasheet HTML 9Page - Linear Technology LT6600-20 Datasheet HTML 10Page - Linear Technology LT6600-20 Datasheet HTML 11Page - Linear Technology LT6600-20 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
LT6600-20
8
66002fb
APPLICATIONS INFORMATION
In Figure 3 the LT6600-20 is providing 12dB of gain. The
gain resistor has an optional 62pF in parallel to improve
the passband flatness near 20MHz. The common mode
output voltage is set to 2V.
Use Figure 4 to determine the interface between the
LT6600-20 and a current output DAC. The gain, or “trans-
impedance,” is defined as A = VOUT/IIN. To compute the
transimpedance, use the following equation:
A
=
402 •R1
R1
+R2
()
Ω
()
By setting R1 + R2 = 402Ω, the gain equation reduces
to A = R1(Ω).
The voltage at the pins of the DAC is determined by R1, R2,
the voltage on Pin 7 and the DAC output current. Consider
Figure 4 with R1 = 49.9Ω and R2 = 348Ω. The voltage at
Pin 7 is 1.65V. The voltage at the DAC pins is given by:
VDAC = VPIN7
R1
R1
+R2+ 402
+IIN
R1•R2
R1
+R2
= 26mV +IIN • 48.3Ω
IIN is IIN+ or IIN–. The transimpedance in this example is
50.4Ω.
Evaluating the LT6600-20
The low impedance levels and high frequency operation
ofthe LT6600-20 require some attention to the matching
networks between the LT6600-20 and other devices. The
previous examples assume an ideal (0Ω) source impedance
and a large (1kΩ) load resistance. Among practical ex-
amples where impedance must be considered is the evalu-
ation of the LT6600-20 with a network analyzer. Figure 5
is a laboratory setup that can be used to characterize
the LT6600-20 using single-ended instruments with 50
source impedance and 50Ω input impedance. For a unity
gain configuration the LT6600-20 requires a 402Ω source
resistance yet the network analyzer output is calibrated
for a 50Ω load resistance. The 1:1 transformer, 53.6Ω
and 388Ω resistors satisfy the two constraints above.
The transformer converts the single-ended source into a
differential stimulus. Similarly, the output of the LT6600-20
will have lower distortion with larger load resistance yet
the analyzer input is typically 50Ω. The 4:1 turns (16:1
impedance) transformer and the two 402Ω resistors of
Figure 5, present the output of the LT6600-20 with a 1600Ω
differential load, or the equivalent of 800Ω to ground at
each output. The impedance seen by the network analyzer
input is still 50Ω, reducing reflections in the cabling be-
tween the transformer and analyzer input.
Differential and Common Mode Voltage Ranges
The differential amplifiers inside the LT6600-20 contain
circuitry to limit the maximum peak-to-peak differential
voltage through the filter. This limiting function prevents
excessive power dissipation in the internal circuitry and
provides output short-circuit protection. The limiting
function begins to take effect at output signal levels above
2VP-P and it becomes noticeable above 3.5VP-P. This is
illustrated in Figure 6; the LT6600-20 was configured with
unity passband gain and the input of the filter was driven
with a 1MHz signal. Because this voltage limiting takes
Figure 4
Figure 5
+
0.1μF
3.3V
+
LT6600-20
3
4
1
0.01μF
CURRENT
OUTPUT
DAC
7
2
8
5
VOUT
+
VOUT
66002 F04
6
R2
R1
IIN
IIN
+
R2
R1
+
0.1μF
0.1μF
2.5V
–2.5V
+
LT6600-20
3
4
1
7
2
8
5
6
66002 F05
402Ω
402Ω
NETWORK
ANALYZER
INPUT
50Ω
COILCRAFT
TTWB-16A
4:1
NETWORK
ANALYZER
SOURCE
COILCRAFT
TTWB-1010
1:1
50Ω
53.6Ω
388Ω
388Ω


Similar Part No. - LT6600-20

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6600-20 LINER-LT6600-20 Datasheet
218Kb / 12P
   Very Low Noise, Differential Amplifier and 20MHz Lowpass Filter
LT6600-20 LINER-LT6600-20 Datasheet
223Kb / 16P
   1.3GHz Low Noise, Low Distortion Differential ADC Driver for 140MHz IF
LT6600-20 LINER-LT6600-20 Datasheet
213Kb / 16P
   2.4GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF
LT6600-20 LINER-LT6600-20 Datasheet
377Kb / 26P
   2.7GHz, 5V, Low Noise,Rail-to-Rail Input Differential Amplifier/Driver
More results

Similar Description - LT6600-20

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6600-10 LINER-LT6600-10_15 Datasheet
204Kb / 16P
   Very Low Noise, Differential Amplifi er and 10MHz Lowpass Filter
LT6600-5 LINER-LT6600-5_15 Datasheet
160Kb / 12P
   Very Low Noise, Differential Amplifi er and 5MHz Lowpass Filter
LT6600-15 LINER-LT6600-15 Datasheet
156Kb / 12P
   Very Low Noise, Differential Amplifi er and 15MHz Lowpass Filter
LT6600-2.5 LINER-LT6600-2.5_09 Datasheet
193Kb / 16P
   Very Low Noise, Differential Amplifi er and 2.5MHz Lowpass Filter
LT6600-2.5 LINER-LT6600-2.5_15 Datasheet
233Kb / 16P
   Very Low Noise, Differential Amplifi er and 2.5MHz Lowpass Filter
LT6600-5 LINER-LT6600-5 Datasheet
153Kb / 12P
   Very Low Noise, Differential Amplifi er and 5MHz Lowpass Filter
LT6604-2.5 LINER-LT6604-2.5 Datasheet
200Kb / 16P
   Dual Very Low Noise, Differential Amplifi er and 2.5MHz Lowpass Filter
LT6604-5 LINER-LT6604-5 Datasheet
182Kb / 16P
   Dual Very Low Noise, Differential Amplifi er and 5MHz Lowpass Filter
LT6604-15 LINER-LT6604-15 Datasheet
202Kb / 16P
   Dual Very Low Noise, Differential Amplifi er and 15MHz Lowpass Filter
LT6604-10 LINER-LT6604-10 Datasheet
204Kb / 16P
   Dual Very Low Noise, Differential Amplifi er and 10MHz Lowpass Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com