Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD49330AF Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HD49330AF
Description  CDS/PGA & 12-bit A/D Converter
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD49330AF Datasheet(HTML) 5 Page - Renesas Technology Corp

  HD49330AF_15 Datasheet HTML 1Page - Renesas Technology Corp HD49330AF_15 Datasheet HTML 2Page - Renesas Technology Corp HD49330AF_15 Datasheet HTML 3Page - Renesas Technology Corp HD49330AF_15 Datasheet HTML 4Page - Renesas Technology Corp HD49330AF_15 Datasheet HTML 5Page - Renesas Technology Corp HD49330AF_15 Datasheet HTML 6Page - Renesas Technology Corp HD49330AF_15 Datasheet HTML 7Page - Renesas Technology Corp HD49330AF_15 Datasheet HTML 8Page - Renesas Technology Corp HD49330AF_15 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
HD49330AF/AHF
Rev.1.0, Apr.05.2004, page 3 of 19
Pin Description (cont.)
Pin No.
Symbol
Description
I/O
Analog(A) or
Digital(D)
32
BIAS
Internal bias pin
Connect a 33 k
Ω resistor between BIAS and AV
SS.
A
33
AVDD
Analog power supply (3 V)
A
34
Y IN
Y input pin
A
35
AVSS
Analog ground (0 V)
A
36
ADCIN
ADC input pin
A
37
VRM
Reference voltage pin 1
Connect a 0.1
µF ceramic capacitor between VRM and AV
SS.
A
38
VRT
Reference voltage pin 3
Connect a 0.1
µF ceramic capacitor between VRT and AV
SS.
A
39
VRB
Reference voltage pin 2
Connect a 0.1
µF ceramic capacitor between VRB and AV
SS.
A
40
DVDD
Digital power supply (3 V)
D
41
DVSS
Digital ground (0 V)
D
42
OEB *
1
Digital output enable pin
D
43
DVDD
Digital power supply (3 V)
D
44
DVDD
Digital power supply (3 V)
D
45
DVSS
Digital ground (0 V)
D
46
CS
Serial interface control input pin
I
D
47
SDATA
Serial data input pin
I
D
48
SCK
Serial clock input pin
I
D
Note:
1. With pull-down resistor.


Similar Part No. - HD49330AF_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD49330AF RENESAS-HD49330AF Datasheet
218Kb / 20P
   CDS/PGA & 12-bit A/D Converter
More results

Similar Description - HD49330AF_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD49338NP RENESAS-HD49338NP_15 Datasheet
294Kb / 25P
   CDS/PGA & 12-bit A/D Converter
HD49338F RENESAS-HD49338F Datasheet
247Kb / 23P
   CDS/PGA & 12-bit A/D Converter
HD49338F RENESAS-HD49338F_15 Datasheet
295Kb / 25P
   CDS/PGA & 12-bit A/D Converter
HD49343NPHNP RENESAS-HD49343NPHNP_15 Datasheet
223Kb / 23P
   CDS/PGA & 12-bit A/D Converter
HD49330AF RENESAS-HD49330AF Datasheet
218Kb / 20P
   CDS/PGA & 12-bit A/D Converter
HD49338NP RENESAS-HD49338NP Datasheet
258Kb / 23P
   CDS/PGA & 12-bit A/D Converter
HD49343NP RENESAS-HD49343NP Datasheet
222Kb / 23P
   CDS/PGA & 12-bit A/D Converter
Jul 06, 2012
HD49340NP RENESAS-HD49340NP Datasheet
232Kb / 22P
   CDS/PGA & 10-bit A/D Converter
HD49340F RENESAS-HD49340F Datasheet
240Kb / 23P
   CDS/PGA & 10-bit A/D Converter
HD49340F RENESAS-HD49340F_15 Datasheet
271Kb / 25P
   CDS/PGA & 10-bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com