Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74HC123A Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HD74HC123A
Description  Dual Retriggerable Monostable Multivibrators (with Clear)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HC123A Datasheet(HTML) 4 Page - Renesas Technology Corp

  HD74HC123A_15 Datasheet HTML 1Page - Renesas Technology Corp HD74HC123A_15 Datasheet HTML 2Page - Renesas Technology Corp HD74HC123A_15 Datasheet HTML 3Page - Renesas Technology Corp HD74HC123A_15 Datasheet HTML 4Page - Renesas Technology Corp HD74HC123A_15 Datasheet HTML 5Page - Renesas Technology Corp HD74HC123A_15 Datasheet HTML 6Page - Renesas Technology Corp HD74HC123A_15 Datasheet HTML 7Page - Renesas Technology Corp HD74HC123A_15 Datasheet HTML 8Page - Renesas Technology Corp HD74HC123A_15 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
HD74HC123A
Rev.2.00, Oct 11, 2005 page 2 of 8
Pin Arrangement
1
Q
Q
CLR
(Top view)
1A
2
1B
3
1CLR
4
1
Q
5
2Q
6
2Cext
7
2Rext/
Cext
8
GND
VCC
16
1Rext
Cext
15
1Cext
14
1Q
13
2
Q
12
2CLR
11
2B
10
2A
9
Q
Q
CLR
Absolute Maximum Ratings
Item
Symbol
Ratings
Unit
Supply voltage range
VCC
–0.5 to 7.0
V
Input / Output voltage
Vin, Vout
–0.5 to VCC +0.5
V
Input / Output diode current
IIK, IOK
±20
mA
Output current
IO
±25
mA
VCC, GND current
ICC or IGND
±50
mA
Power dissipation
PT
500
mW
Storage temperature
Tstg
–65 to +150
°C
Note:
The absolute maximum ratings are values, which must not individually be exceeded, and furthermore, no two of
which may be realized at the same time.
Recommended Operating Conditions
Item
Symbol
Ratings
Unit
Conditions
Supply voltage
VCC
2 to 6
V
Input / Output voltage
VIN, VOUT
0 to VCC
V
Operating temperature
Ta
–40 to 85
°C
0 to 1000
VCC = 2.0 V
0 to 500
VCC = 4.5 V
Input rise / fall time
*1
tr, tf
0 to 400
ns
VCC = 6.0 V
Note:
1. This item guarantees maximum limit when one input switches.
Waveform: Refer to test circuit of switching characteristics.


Similar Part No. - HD74HC123A_15

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC123A HITACHI-HD74HC123A Datasheet
48Kb / 8P
   Dual Retriggerable Monostable Multivibrators (with Clear)
logo
Renesas Technology Corp
HD74HC123A RENESAS-HD74HC123A Datasheet
59Kb / 8P
   Dual Retriggerable Monostable Multivibrators (with Clear)
HD74HC123A RENESAS-HD74HC123A Datasheet
122Kb / 11P
   Old Company Name in Catalogs and Other Documents
More results

Similar Description - HD74HC123A_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LS123 RENESAS-HD74LS123 Datasheet
90Kb / 9P
   Dual Retriggerable Monostable Multivibrators (with Clear)
HD74HC123A RENESAS-HD74HC123A Datasheet
59Kb / 8P
   Dual Retriggerable Monostable Multivibrators (with Clear)
logo
Hitachi Semiconductor
HD74HC123A HITACHI-HD74HC123A Datasheet
48Kb / 8P
   Dual Retriggerable Monostable Multivibrators (with Clear)
HD74LS123 HITACHI-HD74LS123 Datasheet
87Kb / 7P
   Dual Retriggerable Monostable Multivibrators(with Clear)
HD74LS122 HITACHI-HD74LS122 Datasheet
91Kb / 7P
   Retriggerable Monostable Multivibrators(with Clear)
HD74LV123A HITACHI-HD74LV123A Datasheet
91Kb / 20P
   Dual Retriggerable Monostable Multivibrators
logo
Texas Instruments
SN54AHCT123A TI-SN54AHCT123A_07 Datasheet
726Kb / 24P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
logo
Renesas Technology Corp
HD74LV123A RENESAS-HD74LV123A Datasheet
119Kb / 16P
   Dual Retriggerable Monostable Multivibrators
logo
Texas Instruments
SN54AHC123A TI-SN54AHC123A Datasheet
637Kb / 23P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
SN54AHC123A TI1-SN54AHC123A_15 Datasheet
1Mb / 28P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com