Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KTC4072V Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KTC4072V
Description  EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTC4072V Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KTC4072V Datasheet HTML 1Page - KEC(Korea Electronics) KTC4072V Datasheet HTML 2Page - KEC(Korea Electronics) KTC4072V Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2002. 2. 20
2/3
KTC4072V
Revision No : 2
BASE-EMITTER VOLTAGE V
(V)
BE
I
- V
C
BE
Ta=
125
C
V
=2V
I /I =20
CE
V
=2V
CE
V
=2V
CE
CB
I /I =20
CB
I /I =50
CB
I /I =20
C B
I /I =10
C B
Ta=
25
C
Ta=-40
C
Ta=125 C
Ta=25 C
Ta=-40 C
Ta=25 C
Ta=125 C
Ta=25 C
Ta=-40 C
Ta=25 C
10
1K
30
50
100
300
500
V
- I
C
COLLECTOR CURRENT I
(mA)
CE(sat)
C
13
1
10
30
100
300
1K
3
5
10
30
50
100
300
500
1K
V
- I
C
COLLECTOR CURRENT I
(mA)
CE(sat)
C
13
1
10
30
100
300
1K
3
5
10
30
50
100
300
500
1K
0
1
0.5
1.0
1.5
3
5
10
30
50
100
300
500
1K
f - I
C
COLLECTOR CURRENT I
(mA)
T
C
13
10
30
100
300
1K
100
10K
300
500
1K
3K
5K
V
- I
C
COLLECTOR CURRENT I
(mA)
BE(sat)
C
13
10
30
100
300
1K
10
1K
30
50
100
300
500
13
10
30
100
300
1K
COLLECTOR CURRENT I
(mA)
C
h
- I
FE
C


Similar Part No. - KTC4072V

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTC4072V KEC-KTC4072V_15 Datasheet
365Kb / 3P
   EPITAXIAL PLANAR NPN TRANSISTOR
More results

Similar Description - KTC4072V

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTC4072E KEC-KTC4072E Datasheet
72Kb / 3P
   EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING)
logo
SEMTECH ELECTRONICS LTD...
MMBTSC1621 SEMTECH_ELEC-MMBTSC1621 Datasheet
125Kb / 2P
   NPN Silicon Epitaxial Planar Switching Transistor
logo
KEC(Korea Electronics)
KTN2222 KEC-KTN2222 Datasheet
471Kb / 5P
   EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, SWITCHING)
KTC812E KEC-KTC812E Datasheet
78Kb / 3P
   EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, SWITCHING)
KTN2369 KEC-KTN2369 Datasheet
150Kb / 2P
   EPITAXIAL PLANAR NPN TRANSISTOR (HISH SPEED SWITCHING)
KN2222S KEC-KN2222S Datasheet
268Kb / 3P
   EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, SWITCHING)
2N2904E KEC-2N2904E Datasheet
51Kb / 4P
   EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, SWITCHING)
2N3904C KEC-2N3904C Datasheet
205Kb / 2P
   EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, SWITCHING)
BC338 KEC-BC338 Datasheet
275Kb / 2P
   EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, SWITCHING)
BC849 KEC-BC849 Datasheet
146Kb / 1P
   EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, SWITCHING)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com