Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN2834 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN2834
Description  How to get the best ADC accuracy in STM32Fx Series and STM32L1 Series devices
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2834 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN2834 Datasheet HTML 4Page - STMicroelectronics AN2834 Datasheet HTML 5Page - STMicroelectronics AN2834 Datasheet HTML 6Page - STMicroelectronics AN2834 Datasheet HTML 7Page - STMicroelectronics AN2834 Datasheet HTML 8Page - STMicroelectronics AN2834 Datasheet HTML 9Page - STMicroelectronics AN2834 Datasheet HTML 10Page - STMicroelectronics AN2834 Datasheet HTML 11Page - STMicroelectronics AN2834 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 45 page
background image
ADC internal principle
AN2834
8/45
DocID15067 Rev 2
Figure 6. Step 2: If MSB = 0, then compare with ¼ VREF
1. Compare with ¼ VREF; if MSB =0. S1 remained switched to ground. S2 switched to VREF.
S1
Sb
CLK
D
Q
CLR
PR
A
S2
Sa
VIN
ADC Data
ADC Clk
S3
S4
S5
S6
S7
S8
S9
C
C/2
C/4
C/8
C/16
C/32
C/64
C/128
C/256
ai17802
VREF
S10
S11
C/512
C/512
Equivalent circuit:
A
C/2
3C/2
VREF
VCOMP= –V IN+ ¼ V REF


Similar Part No. - AN2834

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2833 STMICROELECTRONICS-AN2833 Datasheet
2Mb / 32P
   Dual step-down controller with auxiliary voltages for industrial system power
AN2835 STMICROELECTRONICS-AN2835 Datasheet
796Kb / 21P
   This application note describes the electronic lamp ballast for 70 W high intensity discharge
AN2836 STMICROELECTRONICS-AN2836 Datasheet
2Mb / 57P
   Modern motion control applications need more flexibility that can be addressed
AN2837 STMICROELECTRONICS-AN2837 Datasheet
543Kb / 12P
   Positive to negative buck-boost converter
AN2838 STMICROELECTRONICS-AN2838 Datasheet
1Mb / 23P
   35 W wide-range high power factor flyback converter evaluation
More results

Similar Description - AN2834

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN4073 STMICROELECTRONICS-AN4073 Datasheet
528Kb / 32P
   How to improve ADC accuracy when using STM32F2xx and STM32F4xx microcontrollers
AN4496 STMICROELECTRONICS-AN4496 Datasheet
371Kb / 18P
   How to get a high power factor with the HVLED815PF device
logo
Schneider Electric
IGP10S SCHNEIDER-IGP10S Datasheet
121Kb / 2P
   Accuracy of 짹0.05% of reading, best reference accuracy turndown on the market
Apr 26, 2022
logo
STMicroelectronics
UM0457 STMICROELECTRONICS-UM0457 Datasheet
382Kb / 9P
   How to use the BT_HTS_RX_R2
logo
Silicon Laboratories
AN746 SILABS-AN746 Datasheet
1Mb / 30P
   How to configure the Si4012
logo
Schneider Electric
IAP10S SCHNEIDER-IAP10S Datasheet
121Kb / 2P
   Accuracy of 짹0.05% of reading, best reference accuracy turndown on the market
Apr 26, 2022
IDP10S SCHNEIDER-IDP10S Datasheet
131Kb / 2P
   Accuracy of 짹0.05% of reading, best reference accuracy turndown on the market
Apr 25, 2022
logo
STMicroelectronics
AN1828 STMICROELECTRONICS-AN1828 Datasheet
225Kb / 17P
   The document explains how to design
AN4428 STMICROELECTRONICS-AN4428 Datasheet
1Mb / 18P
   Best practices in the manufacturing process
AN4654 STMICROELECTRONICS-AN4654 Datasheet
645Kb / 32P
   Migrating between STM32L1 and STM32L0 series microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com