Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN2797 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN2797
Description  PCB layout guidelines for SPEAr600
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2797 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN2797 Datasheet HTML 2Page - STMicroelectronics AN2797 Datasheet HTML 3Page - STMicroelectronics AN2797 Datasheet HTML 4Page - STMicroelectronics AN2797 Datasheet HTML 5Page - STMicroelectronics AN2797 Datasheet HTML 6Page - STMicroelectronics AN2797 Datasheet HTML 7Page - STMicroelectronics AN2797 Datasheet HTML 8Page - STMicroelectronics AN2797 Datasheet HTML 9Page - STMicroelectronics AN2797 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
DDR memory interface
AN2797
6/23
Doc ID 14841 Rev 1
2
DDR memory interface
2.1
DRAM power decoupling
A low impedance wide bandwidth power delivery network (PDN) is critical for the proper
operation of high-speed ICs such as SPEAr and DDR memory. If the PDN impedance is too
high or does not have sufficient bandwidth, this affects the logic performance, resulting in
ground and rail bounce, slower rise/fall times of both I/O and internal logic, which in turn
result in delayed timing of events. These timing delays, from inadequate ground and power,
subtract directly from the specified timing budget, which in turn can result in failure of the
interface.
To achieve a low impedance, wide bandwidth power delivery network, it is critical to use
appropriate decoupling capacitors and capacitor layout. A large portion of the power
delivery network's frequency spectrum is above the series resonant frequency of the
decoupling capacitors, where they are inductive. The PCB layout for decoupling capacitors
is also inductive, and is a larger inductance than the capacitor itself. It is necessary to select
capacitors with low inherent inductance (small package size), a lossy dielectric, and a PCB
layout that provides the lowest possible inductance. For IC core voltage and high-speed I/O
supplies (like DDR), as many capacitors should be used as can fit in the space available.
This adds many parallel paths, reducing the overall inductance seen by the IC. A small
capacitor package size and a small layout can be used to enable this.
Capacitors: Use 0402 package size to minimize the mounting inductance. The small 0402
package frees more board space, which is essential in high-density areas for more
decoupling capacitors and signal routing. A capacitance value of 100 nF or larger is
recommended, with X7R or X5R dielectric. Do not use Y5V dielectric for decoupling of mid-
frequency applications. A few capacitors of smaller capacitance value probably may be
necessary to suppress plane resonance. The correct value(s) to use for controlling
resonance is very dependent on the board layout and stack up and must be determined
individually for each unique PC board.
Decoupling capacitor layout: The layout of decoupling capacitors is extremely important
to minimize the induction loop formed between the capacitor and the IC power and ground
balls. The vias should be placed on the side of the capacitor lands, not the ends. The vias
should be located at minimum keepout distance and connected to the capacitor lands with a
wide trace - at least as wide as the via pad. Vias of opposite polarity should be placed as
close together as possible (minimum keepout distance) and vias of the same polarity should
be kept separated as much as possible. Following these layout guidelines can reduce the
capacitor mounting induction loop by 50% or more over a layout with vias at the end of the
capacitor lands. This is a very significant improvement, and is free. If space allows, a second
pair of vias on the opposite side of the capacitor may be added to reduce the inductance
further.


Similar Part No. - AN2797

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
AN279 SILABS-AN279 Datasheet
346Kb / 8P
   ESTIMATING PERIOD JITTER FROM PHASE NOISE
logo
STMicroelectronics
AN279 STMICROELECTRONICS-AN279 Datasheet
117Kb / 5P
   output to output short-circuit
AN2791 STMICROELECTRONICS-AN2791 Datasheet
659Kb / 18P
   This document describes a detailed analysis on the current regulated channels
AN2792 STMICROELECTRONICS-AN2792 Datasheet
135Kb / 12P
   STM8A easy programmer
AN2794 STMICROELECTRONICS-AN2794 Datasheet
3Mb / 39P
   This application note provides design guidelines
More results

Similar Description - AN2797

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2674 STMICROELECTRONICS-AN2674 Datasheet
549Kb / 22P
   PCB layout guidelines for SPEAr3xx
logo
Fairchild Semiconductor
AN-5061 FAIRCHILD-AN-5061 Datasheet
129Kb / 4P
   Layout Guidelines
logo
NXP Semiconductors
AN10778 PHILIPS-AN10778 Datasheet
280Kb / 14P
   PCB layout guidelines for NXP MCUs in BGA packages
Rev. 2-15 April 2011
logo
Silicon Laboratories
AN644 SILABS-AN644 Datasheet
1Mb / 15P
   Si477X LAYOUT GUIDELINES
logo
Fairchild Semiconductor
AN-1577 FAIRCHILD-AN-1577 Datasheet
622Kb / 6P
   SG1577A Layout Guidelines
logo
Texas Instruments
TLV320AIC24 TI-TLV320AIC24 Datasheet
983Kb / 53P
[Old version datasheet]   Layout and Grounding Guidelines for TLV320AIC2x
logo
STMicroelectronics
AN3317 STMICROELECTRONICS-AN3317 Datasheet
257Kb / 22P
   PCB guidelines for SPEAr1340
logo
Silicon Laboratories
AN400 SILABS-AN400 Datasheet
1Mb / 20P
   Si474X ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
AN383 SILABS-AN383 Datasheet
1Mb / 69P
   Si47XX ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
logo
Rosenberger Hochfrequen...
MB-522 ROSENBERGER-MB-522 Datasheet
172Kb / 2P
   Leiterplatten-Layout PCB Layout
21.08.2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com