Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN2647 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN2647
Description  Using the STR91xFA external memory interface
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2647 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN2647 Datasheet HTML 7Page - STMicroelectronics AN2647 Datasheet HTML 8Page - STMicroelectronics AN2647 Datasheet HTML 9Page - STMicroelectronics AN2647 Datasheet HTML 10Page - STMicroelectronics AN2647 Datasheet HTML 11Page - STMicroelectronics AN2647 Datasheet HTML 12Page - STMicroelectronics AN2647 Datasheet HTML 13Page - STMicroelectronics AN2647 Datasheet HTML 14Page - STMicroelectronics AN2647 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
AN2647
Interfacing with asynchronous memory
11/34
1.1.2
Non-multiplexed EMI bus configuration
The 8-bit non-multiplexed bus has a different set of bus signal, port assignment and bus
timing. Table 2 shows the non-multiplexed bus signal pin assignments.
The non-multiplexed bus has 16 address lines and this limits the memory bank size to no
more than 64 KB. Figure 6. shows a typical non-multiplexed bus connection to an 8-bit
Cypress SRAM.
Table 2.
Non-multiplexed bus signals
Figure 6.
Non-multiplexed bus port connection
Read bus cycle timing configuration
Figure 7 shows a typical Read Bus Cycle. All bus timings are referenced to the internal
BCLK clock signal. BCLK clock is only available on an external pin for various usage on the
144 pin BGA package.
Signal name
Pin / Port assignment
Signal description
D0-D7
Port 8
Data bus D0-D7
A0-A7
Port 7
Address A0-A7
A8-A15
Port 9
Address A8-A15
Read
EMI_RDn
Read signal
Write
EMI_BWRn
Write signal, same as EMI_WRLn
CS0-CS3
Port 0(P0.4-P0.7) or
Port 5 (P5.4-P5.7) or
One chip select for each of the 4 Memory
Banks.Can be assigned to any of these two
ports.


Similar Part No. - AN2647

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2640 STMICROELECTRONICS-AN2640 Datasheet
1Mb / 36P
   Intelligent multipower digital ballast for fluorescent lamps
logo
List of Unclassifed Man...
AN2640K ETC-AN2640K Datasheet
301Kb / 4P
   VHD VIDEO DISC PLAYER CHROMA AND LUMINANCE PROCESSING CIRCUIT
logo
STMicroelectronics
AN2641 STMICROELECTRONICS-AN2641 Datasheet
424Kb / 37P
   Using the color LCD controller
AN2644 STMICROELECTRONICS-AN2644 Datasheet
1Mb / 64P
   An introduction to LLC resonant
AN2645 STMICROELECTRONICS-AN2645 Datasheet
529Kb / 36P
   Migration and compatibility guidelines for STM8S microcontroller applications
More results

Similar Description - AN2647

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2442 STMICROELECTRONICS-AN2442 Datasheet
227Kb / 22P
   Using the STR91xFA DMA controller
AN1076 STMICROELECTRONICS-AN1076 Datasheet
176Kb / 15P
   ST9 EXTERNAL MEMORY INTERFACE CONFIGURATION
AN2269 STMICROELECTRONICS-AN2269 Datasheet
818Kb / 25P
   Using the ST8024 Smartcard Interface
logo
Xilinx, Inc
DS805 XILINX-DS805 Datasheet
168Kb / 7P
   The external master interface ports directly connect
logo
STMicroelectronics
AN4006 STMICROELECTRONICS-AN4006 Datasheet
3Mb / 19P
   using the PM8803 and an external current booster
logo
NXP Semiconductors
AN460 PHILIPS-AN460 Datasheet
66Kb / 8P
   Using the P82B96 for bus interface
2001 Feb 14
logo
STMicroelectronics
AN2551 STMICROELECTRONICS-AN2551 Datasheet
77Kb / 8P
   Configuring the STR91xFA MCU for optimum CPU performance
logo
List of Unclassifed Man...
EDI8L21664V ETC1-EDI8L21664V Datasheet
63Kb / 6P
   External SRAM Memory Solution
logo
Freescale Semiconductor...
AN1816 FREESCALE-AN1816 Datasheet
2Mb / 24P
   USING THE HC912B32 TO IMPLEMENT THE DISTRIBUTED SYSTEMS INTERFACE (DSI) PROTOCOL
logo
STMicroelectronics
AN2784 STMICROELECTRONICS-AN2784 Datasheet
290Kb / 31P
   Using the high-density STM32F10xxx FSMC peripheral to drive external memories
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com