Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN2595 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN2595
Description  Designing an application with the ST10F27xZx devices
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2595 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN2595 Datasheet HTML 6Page - STMicroelectronics AN2595 Datasheet HTML 7Page - STMicroelectronics AN2595 Datasheet HTML 8Page - STMicroelectronics AN2595 Datasheet HTML 9Page - STMicroelectronics AN2595 Datasheet HTML 10Page - STMicroelectronics AN2595 Datasheet HTML 11Page - STMicroelectronics AN2595 Datasheet HTML 12Page - STMicroelectronics AN2595 Datasheet HTML 13Page - STMicroelectronics AN2595 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Port0 startup configuration
AN2595 - Application note
10/20
Table 2.
Clock options on PORT0 P0H.5/.7 for devices with low-power oscillator
P0H.7
P0H.6
P0H.5
CPU frequency
fCPU = fXTAL x F
External clock
input range(1)
1.
The external clock input range refers to a CPU clock range of 1...64 MHz.
Notes
11
1
fXTAL x 4
4 to 8 MHz
Default configuration
11
0
fXTAL x 3
5.3 to 8 MHz
10
1
fXTAL x 8
4 to 8 MHz
10
0
fXTAL x 5
6.4 to 8 MHz
01
1
fXTAL x 1
1 to 64 MHz
Direct drive(2)
2.
The maximum input frequency depends on the duty cycle of the external clock signal (refer to the latest
datasheet).
01
0
fXTAL x 10
4 to 6.4 MHz
00
1
fXTAL x 0.5
4 to 8 MHz
CPU clock via prescaler(3)
3.
The limit on input frequency is 4 to 8 MHz since the usage of the internal oscillator amplifier is required.
Also, when the PLL is not used and the CPU clock corresponds to FXTAL/2, an external crystal or
resonator should be used: It is not possible to force any clock with an external clock source.
00
0
fXTAL x 16
4 MHz
Table 3.
Clock options on PORT0 P0H.5 /.7 for devices with wide-swing oscillator
P0H.7
P0H.6
P0H.5
CPU frequency
fCPU = fXTAL x F
External clock
input range(1)
1.
The external clock input range refers to a CPU clock range of 1...64 MHz.
Notes
11
1
fXTAL x 4
4 to 8 MHz
Default configuration
11
0
fXTAL x 3
5.3 to 10.6 MHz
10
1
fXTAL x 8
4 to 8 MHz
10
0
fXTAL x 5
6.4 to 12 MHz
01
1
fXTAL x 1
1 to 64 MHz
Direct drive(2)
2.
The maximum input frequency depends on the duty cycle of the external clock signal (refer to the latest
datasheet).
01
0
fXTAL x 10
4 to 6.4 MHz
00
1
fXTAL x 0.5
4 to 12 MHz
CPU clock via prescaler(3)
3.
The limit on input frequency is 4 to 12 MHz since the usage of the internal oscillator amplifier is required.
Also when the PLL is not used and the CPU clock corresponds to FXTAL/2, an external crystal or resonator
shall be should be used: It is not possible to force any clock with an external clock source.
00
0
fXTAL x 16
4 MHz


Similar Part No. - AN2595

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2590 STMICROELECTRONICS-AN2590 Datasheet
833Kb / 17P
   20 W dimmable CFL ballast solution
AN2591 STMICROELECTRONICS-AN2591 Datasheet
215Kb / 19P
   In certain applications
AN2593 STMICROELECTRONICS-AN2593 Datasheet
152Kb / 15P
   STR91x interrupt management
More results

Similar Description - AN2595

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2353 STMICROELECTRONICS-AN2353 Datasheet
180Kb / 18P
   Designing an application with the ST10F27x devices
AN3355 STMICROELECTRONICS-AN3355 Datasheet
103Kb / 11P
   Designing an application board compatible with either
AN4430 STMICROELECTRONICS-AN4430 Datasheet
871Kb / 42P
   Designing an NFC Android Application for M24SR and M24LR devices
AN2972 STMICROELECTRONICS-AN2972 Datasheet
1Mb / 25P
   Designing an antenna for the M24LRxx-R
logo
ALPS ELECTRIC CO.,LTD.
SSSS2 ALPS-SSSS2_15 Datasheet
1Mb / 7P
   Excellent application for designing compact and high density portable devices
logo
Microchip Technology
AN939 MICROCHIP-AN939 Datasheet
432Kb / 18P
   Designing Energy Meters with the PIC16F873A
2005
logo
STMicroelectronics
AN2549 STMICROELECTRONICS-AN2549 Datasheet
441Kb / 33P
   Porting an application from the ST10F269Zx to the ST10F272Z2
AN2556 STMICROELECTRONICS-AN2556 Datasheet
455Kb / 35P
   Porting an application from the ST10F269Zx to the ST10F273Z4
AN2169 STMICROELECTRONICS-AN2169 Datasheet
213Kb / 33P
   Porting an application from the ST10F168 to the ST10F276
AN2555 STMICROELECTRONICS-AN2555 Datasheet
475Kb / 33P
   Porting an application from the ST10F269Zx to the ST10F276Z5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com