Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN2556 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN2556
Description  Porting an application from the ST10F269Zx to the ST10F273Z4
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2556 Datasheet(HTML) 5 Page - STMicroelectronics

  AN2556 Datasheet HTML 1Page - STMicroelectronics AN2556 Datasheet HTML 2Page - STMicroelectronics AN2556 Datasheet HTML 3Page - STMicroelectronics AN2556 Datasheet HTML 4Page - STMicroelectronics AN2556 Datasheet HTML 5Page - STMicroelectronics AN2556 Datasheet HTML 6Page - STMicroelectronics AN2556 Datasheet HTML 7Page - STMicroelectronics AN2556 Datasheet HTML 8Page - STMicroelectronics AN2556 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
AN2556
Modified features
5/35
1
Modified features
1.1
Pinout
1.1.1
Pinout modification summary
Table 1 below summarizes the modifications made in the pinout.
.
1.1.2
Pin 17
In the ST10F269Zx, a decoupling capacitor of 330nF minimum has to be connected
between pin 17 (named DC2) and the nearest VSS pin.
This is no longer the case in the ST10F273Z4 device where pin 17 is a VDD pin.
Hardware impacts
PCB must be adapted.
Software impacts
None.
Table 1.
Pinout modifications table
Pin
No.
ST10F269Zx
ST10F273Z4
Name
Function
Name
Function
17
DC2
Internal voltage regulator decoupling.
Connect to nearest VSS via a 330nF
capacitor.
VDD
5V power supply pin
56
DC1
Internal voltage regulator decoupling.
Connect to nearest VSS via a 330nF
capacitor.
V18
Internal voltage regulator decoupling.
Connect to nearest VSS via a 10 - 100nF
capacitor.
99
EA
Selects code execution out of internal
Flash or external memory according
to level during reset
EA-VSTBY
Selects code execution out of internal
Flash or external memory according to
level during reset. Power supply input for
standby mode.
143
VSS
Ground pin
XTAL3
Input to the 32 kHz oscillator amplifier
circuit. If not used should be tied to
ground to avoid consumption. In addition,
bit OFF32 in RTCCON register should be
set.
144
VDD
5V power supply pin
XTAL4
Output of the 32 kHz oscillator amplifier
circuit. If not used should be left open to
avoid spurious consumption.


Similar Part No. - AN2556

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2551 STMICROELECTRONICS-AN2551 Datasheet
77Kb / 8P
   Configuring the STR91xFA MCU for optimum CPU performance
AN2555 STMICROELECTRONICS-AN2555 Datasheet
475Kb / 33P
   Porting an application from the ST10F269Zx to the ST10F276Z5
AN2559 STMICROELECTRONICS-AN2559 Datasheet
997Kb / 35P
   System power supply board for digital solutions
More results

Similar Description - AN2556

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2555 STMICROELECTRONICS-AN2555 Datasheet
475Kb / 33P
   Porting an application from the ST10F269Zx to the ST10F276Z5
AN2549 STMICROELECTRONICS-AN2549 Datasheet
441Kb / 33P
   Porting an application from the ST10F269Zx to the ST10F272Z2
AN2169 STMICROELECTRONICS-AN2169 Datasheet
213Kb / 33P
   Porting an application from the ST10F168 to the ST10F276
AN1313 STMICROELECTRONICS-AN1313 Datasheet
273Kb / 16P
   Porting an application from the ST10F168 to the ST10F269
AN2692 STMICROELECTRONICS-AN2692 Datasheet
215Kb / 29P
   How to program/reprogram the ST10F269Zx Flash memory
logo
Zilog, Inc.
AN0366 ZILOG-AN0366 Datasheet
245Kb / 12P
   Porting RZK/ZTP Applications to the eZ80L925148MODG Module
logo
STMicroelectronics
AN2353 STMICROELECTRONICS-AN2353 Datasheet
180Kb / 18P
   Designing an application with the ST10F27x devices
AN2595 STMICROELECTRONICS-AN2595 Datasheet
240Kb / 20P
   Designing an application with the ST10F27xZx devices
logo
Exar Corporation
DAN-161 EXAR-DAN-161 Datasheet
26Kb / 2P
   MIGRATING FROM THE XR16C2850 TO THE XR16L2751
logo
STMicroelectronics
AN4240 STMICROELECTRONICS-AN4240 Datasheet
1Mb / 30P
   This application note provides an easy introduction to the usage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com