Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS5P10 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SS5P10
Description  High Current Density Surface Mount
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SS5P10 Datasheet(HTML) 4 Page - Vishay Siliconix

  SS5P10 Datasheet HTML 1Page - Vishay Siliconix SS5P10 Datasheet HTML 2Page - Vishay Siliconix SS5P10 Datasheet HTML 3Page - Vishay Siliconix SS5P10 Datasheet HTML 4Page - Vishay Siliconix SS5P10 Datasheet HTML 5Page - Vishay Siliconix SS5P10 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SS5P9, SS5P10
www.vishay.com
Vishay General Semiconductor
Revision: 18-Jun-12
4
Document Number: 88984
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
Conform to JEDEC TO-277A
TO-277A (SMPC)
0.016 (0.40)
0.006 (0.15)
0.047 (1.20)
0.039 (1.00)
0.146 (3.70)
0.134 (3.40)
0.087 (2.20)
0.075 (1.90)
0.189 (4.80)
0.173 (4.40)
0.049 (1.24)
0.037 (0.94)
0.053 (1.35)
0.041 (1.05)
0.030 (0.75) NOM.
0.084 (2.13) NOM.
0.155 (3.94)
NOM.
Mounting Pad Layout
0.268
(6.80)
0.186 (4.72)
MIN.
0.050 (1.27)
MIN.
0.041
(1.04)
0.055 (1.40)
MIN.
0.189 (4.80)
MIN.
0.187 (4.75)
0.175 (4.45)
0.262 (6.65)
0.250 (6.35)
0.242 (6.15)
0.238 (6.05)
0.171 (4.35)
0.167 (4.25)
K
2
1


Similar Part No. - SS5P10

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SS5P10 VISHAY-SS5P10 Datasheet
110Kb / 5P
   High Current Density Surface Mount Schottky Barrier Rectifiers
Revision: 29-Jul-08
SS5P10 VISHAY-SS5P10 Datasheet
97Kb / 5P
   High Current Density Surface Mount Schottky Barrier Rectifiers
Revision: 28-Jun-11
SS5P10 VISHAY-SS5P10 Datasheet
108Kb / 5P
   High Current Density Surface-Mount Schottky Barrier Rectifiers
01-Jan-2022
SS5P10-E3/86A VISHAY-SS5P10-E3/86A Datasheet
110Kb / 5P
   High Current Density Surface Mount Schottky Barrier Rectifiers
Revision: 29-Jul-08
SS5P10-E3/87A VISHAY-SS5P10-E3/87A Datasheet
110Kb / 5P
   High Current Density Surface Mount Schottky Barrier Rectifiers
Revision: 29-Jul-08
More results

Similar Description - SS5P10

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SS2P3-M3 VISHAY-SS2P3-M3 Datasheet
87Kb / 4P
   High Current Density Surface Mount High Current Density Surface Mount
Revision: 02-Aug-13
SS3P3 VISHAY-SS3P3_15 Datasheet
87Kb / 4P
   High Current Density Surface Mount Schottky Barrier Rectifiers
Revision: 13-Apr-15
SS8PH10 VISHAY-SS8PH10_15 Datasheet
96Kb / 6P
   High Current Density Surface Mount
Revision: 16-Jan-14
logo
Bruckewell Technology L...
SS10PU200 BWTECH-SS10PU200 Datasheet
618Kb / 2P
   High Current Density Surface Mount
logo
Vishay Siliconix
V10PWM10 VISHAY-V10PWM10 Datasheet
140Kb / 5P
   High Current Density Surface-Mount TMBS® (Trench MOS Barrier Schottky) Rectifier Ultra Low VF = 0.48 V at IF = 5 A
Revision: 04-Mar-2021
logo
Bruckewell Technology L...
SS15P50 BWTECH-SS15P50 Datasheet
543Kb / 3P
   High Current Density Surface Mount
logo
Vishay Siliconix
V15P45 VISHAY-V15P45_15 Datasheet
87Kb / 6P
   High Current Density Surface Mount
Revision: 12-Oct-12
V20PWM12 VISHAY-V20PWM12 Datasheet
120Kb / 5P
   High Current Density Surface Mount
Revision: 01-Jun-17
SS5P4 VISHAY-SS5P4_15 Datasheet
97Kb / 6P
   High Current Density Surface Mount
Revision: 02-Aug-13
S4PG-M3 VISHAY-S4PG-M3 Datasheet
94Kb / 5P
   High Current Density Surface Mount
Revision: 05-Jul-12
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com