Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74LV4051ARPEL Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HD74LV4051ARPEL
Description  8-channel Analog Multiplexer / Demultiplexer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LV4051ARPEL Datasheet(HTML) 3 Page - Renesas Technology Corp

  HD74LV4051ARPEL Datasheet HTML 1Page - Renesas Technology Corp HD74LV4051ARPEL Datasheet HTML 2Page - Renesas Technology Corp HD74LV4051ARPEL Datasheet HTML 3Page - Renesas Technology Corp HD74LV4051ARPEL Datasheet HTML 4Page - Renesas Technology Corp HD74LV4051ARPEL Datasheet HTML 5Page - Renesas Technology Corp HD74LV4051ARPEL Datasheet HTML 6Page - Renesas Technology Corp HD74LV4051ARPEL Datasheet HTML 7Page - Renesas Technology Corp HD74LV4051ARPEL Datasheet HTML 8Page - Renesas Technology Corp HD74LV4051ARPEL Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Rev.3.00 Jul. 20, 2004 page 1 of 11
HD74LV4051A
8-channel Analog Multiplexer / Demultiplexer
REJ03D0338–0300Z
(Previous ADE-205-283A (Z))
Rev.3.00
Jul. 20, 2004
Description
The HD74LV4051A handles both analog and digital signals, and enables signals of either type with amplitudes of up to
5.5 V (peak) to be transmitted in either direction (at VCC = 0 V to 5.5 V).
Applications include signal gating, chopping, modulation or demodulation (modem), and signal multiplexing for
analog-to-digital and digital-to-analog conversion systems.
Features
• V
CC = 2.0 V to 5.5 V operation
• All control inputs V
IH (Max.) = 5.5 V (@VCC = 0 V to 5.5 V)
• Ordering Information
Part Name
Package Type
Package Code
Package
Abbreviation
Taping Abbreviation
(Quantity)
HD74LV4051AFPEL
SOP–16 pin (JEITA)
FP–16DAV
FP
EL (2,000 pcs/reel)
HD74LV4051ARPEL
SOP–16 pin (JEDEC)
FP–16DNV
RP
EL (2,500 pcs/reel)
HD74LV4051ATELL
TSSOP–16 pin
TTP–16DAV
T
ELL (2,000 pcs/reel)
Note: Please consult the sales office for the above package availability.
Function Table
Inputs
INH
C
B
A
On Channel
L
L
LLY0
LLL
H
Y1
LLH
L
Y2
L
L
HHY3
L
H
LLY4
LH
L
H
Y5
LH
H
L
Y6
L
H
HHY7
H
X
XXNONE
Note:
H: High level
L: Low level
X: Immaterial


Similar Part No. - HD74LV4051ARPEL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV4051ARPEL RENESAS-HD74LV4051ARPEL Datasheet
125Kb / 12P
   8-channel Analog Multiplexer / Demultiplexer
More results

Similar Description - HD74LV4051ARPEL

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7MZ4051FK TOSHIBA-TC7MZ4051FK_07 Datasheet
236Kb / 11P
   8-Channel Analog Multiplexer/Demultiplexer
logo
Texas Instruments
SN74LV4051A-EP TI1-SN74LV4051A-EP Datasheet
490Kb / 13P
[Old version datasheet]    8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
NXP Semiconductors
74HCT4051PW-118 PHILIPS-74HCT4051PW-118 Datasheet
222Kb / 31P
   8-channel analog multiplexer/demultiplexer
Rev. 7-19 July 2012
74HC_HCT4051 PHILIPS-74HC_HCT4051_15 Datasheet
222Kb / 31P
   8-channel analog multiplexer/demultiplexer
Rev. 7-19 July 2012
logo
Unisonic Technologies
U74HC4051 UTC-U74HC4051_18 Datasheet
256Kb / 9P
   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
U74LVX4051 UTC-U74LVX4051_16 Datasheet
229Kb / 10P
   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Texas Instruments
SN74LV4051A-Q1 TI-SN74LV4051A-Q1 Datasheet
325Kb / 14P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
NXP Semiconductors
HEF4051BT PHILIPS-HEF4051BT Datasheet
174Kb / 23P
   8-channel analog multiplexer/demultiplexer
Rev. 10-17 November 2011
logo
Unisonic Technologies
U74HC4051 UTC-U74HC4051 Datasheet
259Kb / 9P
   8-CHANNEL ANALOG MULTIPLEXER / DEMULTIPLEXER
U74LVX4051 UTC-U74LVX4051 Datasheet
241Kb / 11P
   8-Channel Analog Multiplexer/Demultiplexer
logo
NXP Semiconductors
74HC4051D-T NXP-74HC4051D-T Datasheet
222Kb / 31P
   8-channel analog multiplexer/demultiplexer
Rev. 7-19 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com