Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74LV4053A Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HD74LV4053A
Description  Triple 2-channel Analog Multiplexer / Demultiplexer
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LV4053A Datasheet(HTML) 4 Page - Renesas Technology Corp

  HD74LV4053A_15 Datasheet HTML 1Page - Renesas Technology Corp HD74LV4053A_15 Datasheet HTML 2Page - Renesas Technology Corp HD74LV4053A_15 Datasheet HTML 3Page - Renesas Technology Corp HD74LV4053A_15 Datasheet HTML 4Page - Renesas Technology Corp HD74LV4053A_15 Datasheet HTML 5Page - Renesas Technology Corp HD74LV4053A_15 Datasheet HTML 6Page - Renesas Technology Corp HD74LV4053A_15 Datasheet HTML 7Page - Renesas Technology Corp HD74LV4053A_15 Datasheet HTML 8Page - Renesas Technology Corp HD74LV4053A_15 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
HD74LV4053A
Rev.3.00 Jul. 21, 2004 page 2 of 12
Pin Arrangement
VCC
2
−COM
1
−COM
1Y1
B
1Y0
A
2Y1
2Y0
3Y1
3
−COM
3Y0
INH
GND
GND
C
(Top view)
11
12
13
14
15
16
1
2
3
4
5
6
7
8
9
10
Absolute Maximum Ratings
Item
Symbol
Ratings
Unit
Conditions
Supply voltage range
VCC
–0.5 to 7.0
V
Input voltage range*
1
VI
–0.5 to 7.0
V
Output voltage range*
1, 2
VO
–0.5 to VCC + 0.5
V
Output: H or L
Input clamp current
IIK
–20
mA
VI < 0
Output clamp current
IOK
±50
mA
VO < 0 or VO > VCC
Continuous output current
IO
±25
mA
VO = 0 to VCC
Continuous current through
VCC or GND
ICC or
IGND
±50
mA
785
SOP
Maximum power dissipation at
Ta = 25°C (in still air)*
3
PT
500
mW
TSSOP
Storage temperature
Tstg
–65 to 150
°C
Notes: The absolute maximum ratings are values, which must not individually be exceeded, and furthermore, no two of
which may be realized at the same time.
1. The input and output voltage ratings may be exceeded even if the input and output clamp-current ratings are
observed.
2. This value is limited to 5.5 V maximum.
3. The maximum package power dissipation was calculated using a junction temperature of 150°C.


Similar Part No. - HD74LV4053A_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV4053AFPEL RENESAS-HD74LV4053AFPEL Datasheet
129Kb / 13P
   Triple 2-channel Analog Multiplexer / Demultiplexer
HD74LV4053ARPEL RENESAS-HD74LV4053ARPEL Datasheet
129Kb / 13P
   Triple 2-channel Analog Multiplexer / Demultiplexer
HD74LV4053ATELL RENESAS-HD74LV4053ATELL Datasheet
129Kb / 13P
   Triple 2-channel Analog Multiplexer / Demultiplexer
More results

Similar Description - HD74LV4053A_15

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC4053 STMICROELECTRONICS-M74HC4053 Datasheet
313Kb / 15P
   TRIPLE 2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Unisonic Technologies
U74LVX4053 UTC-U74LVX4053 Datasheet
239Kb / 11P
   Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
Texas Instruments
SN74LV4053A-Q1 TI1-SN74LV4053A-Q1 Datasheet
807Kb / 17P
[Old version datasheet]   TRIPLE 2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Nexperia B.V. All right...
74HC4053-Q100 NEXPERIA-74HC4053-Q100 Datasheet
366Kb / 25P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 3 - 5 March 2020
logo
NXP Semiconductors
74HC4053 PHILIPS-74HC4053_90 Datasheet
141Kb / 17P
   Triple 2-channel analog multiplexer/demultiplexer
December 1990
74HC4053 NXP-74HC4053 Datasheet
224Kb / 32P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 7-13 December 2011
74HCT4053PW118 NXP-74HCT4053PW118 Datasheet
226Kb / 32P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 8-19 July 2012
74HC4053 PHILIPS-74HC4053 Datasheet
176Kb / 33P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 04-9 May 2006
74LV4053 PHILIPS-74LV4053 Datasheet
154Kb / 16P
   Triple 2-channel analog multiplexer/demultiplexer
1998 Jun 23
logo
Hitachi Semiconductor
HD74LV4053A HITACHI-HD74LV4053A Datasheet
76Kb / 17P
   Triple 2-channel Analog Multiplexer / Demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com