Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT5520 Datasheet(PDF) 1 Page - Linear Technology

Part # LT5520
Description  1.3GHz to 2.3GHz High Linearity Upconverting Mixer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5520 Datasheet(HTML) 1 Page - Linear Technology

  LT5520_15 Datasheet HTML 1Page - Linear Technology LT5520_15 Datasheet HTML 2Page - Linear Technology LT5520_15 Datasheet HTML 3Page - Linear Technology LT5520_15 Datasheet HTML 4Page - Linear Technology LT5520_15 Datasheet HTML 5Page - Linear Technology LT5520_15 Datasheet HTML 6Page - Linear Technology LT5520_15 Datasheet HTML 7Page - Linear Technology LT5520_15 Datasheet HTML 8Page - Linear Technology LT5520_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LT5520
1
5520f
APPLICATIO S
FEATURES
DESCRIPTIO
TYPICAL APPLICATIO
s
Wide RF Output Frequency Range: 1.3GHz
to 2.3GHz
s
15.9dBm Typical Input IP3 at 1.9GHz
s
On-Chip RF Output Transformer
s
No External LO or RF Matching Required
s
Single-Ended LO and RF Operation
s
Integrated LO Buffer: –5dBm Drive Level
s
Low LO to RF Leakage: – 41dBm Typical
s
Wide IF Frequency Range: DC to 400MHz
s
Enable Function with Low Off-State Leakage Current
s
Single 5V Supply
s
Small 16-Lead QFN Plastic Package
s
Wireless Infrastructure
s
Cable Downlink Infrastructure
s
Point-to-Point Data Communications
s
High Linearity Frequency Conversion
1.3GHz to 2.3GHz
High Linearity
Upconverting Mixer
The LT
®5520 mixer is designed to meet the high linearity
requirements of wireless and cable infrastructure trans-
mission applications. A high-speed, internally matched,
LO amplifier drives a double-balanced mixer core, allow-
ing the use of a low power, single-ended LO source. An RF
output transformer is integrated, thus eliminating the
need for external matching components at the RF output,
while reducing system cost, component count, board area
and system-level variations. The IF port can be easily
matched to a broad range of frequencies for use in many
different applications.
The LT5520 mixer delivers 15.9dBm typical input 3rd
order intercept point at 1.9GHz with IF input signal levels
of –10dBm. The input 1dB compression point is typically
4dBm. The IC requires only a single 5V supply.
, LTC and LT are registered trademarks of Linear Technology Corporation.
Figure 1. Frequency Conversion in Wireless Infrastructure Transmitter
RF Output Power and Output IM3 vs
IF Input Power (Two Input Tones)
IF+
IF
LO
LO+
RF+
RF
PA
LO INPUT
–5dBm
BIAS
EN
VCC1
VCC2
VCC3
5VDC
5520 F01
BPF
BPF
GND
IF
INPUT
4:1
220pF
220pF
15pF
100
100
(OPTIONAL)
1
µF
1000pF
39nH
RF
OUTPUT
10pF
5pF
5pF
85
LT5520
IF INPUT POWER (dBm/TONE)
–16
10
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
0
5520 • F01b
–12
–8
–4
4
PLO = –5dBm
fLO = 1760MHz
fIF1 = 140MHz
fIF2 = 141MHz
fRF = 1900MHz
TA = 25°C
POUT
IM3


Similar Part No. - LT5520_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5520EUF LINER-LT5520EUF Datasheet
190Kb / 12P
   1.3GHz to 2.3GHz High Linearity Upconverting Mixer
More results

Similar Description - LT5520_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5520 LINER-LT5520 Datasheet
190Kb / 12P
   1.3GHz to 2.3GHz High Linearity Upconverting Mixer
LTC5541 LINER-LTC5541_09 Datasheet
249Kb / 16P
   1.3GHz to 2.3GHz High Dynamic Range Downconverting Mixer
LTC5541 LINER-LTC5541 Datasheet
65Kb / 2P
   1.3GHz to 2.3GHz High Dynamic Range Downconverting Mixer
LTC5541 LINER-LTC5541_15 Datasheet
253Kb / 16P
   1.3GHz to 2.3GHz High Dynamic Range Downconverting Mixer
LTC5591 LINER-LTC5591_15 Datasheet
342Kb / 20P
   Dual 1.3GHz to 2.3GHz High Dynamic Range Downconverting Mixer
LT5519 LINER-LT5519_15 Datasheet
227Kb / 12P
   0.7GHz to 1.4GHz High Linearity Upconverting Mixer
LT5579 LINER-LT5579 Datasheet
247Kb / 20P
   1.5GHz to 3.8GHz High Linearity Upconverting Mixer
LT5578 LINER-LT5578 Datasheet
212Kb / 16P
   0.4GHz to 2.7GHz High Linearity Upconverting Mixer
LT5519 LINER-LT5519 Datasheet
215Kb / 12P
   0.7GHz to 1.4GHz High Linearity Upconverting Mixer
LT5579 LINER-LT5579_15 Datasheet
347Kb / 20P
   1.5GHz to 3.8GHz High Linearity Upconverting Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com