Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT5519 Datasheet(PDF) 2 Page - Linear Technology

Part # LT5519
Description  0.7GHz to 1.4GHz High Linearity Upconverting Mixer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5519 Datasheet(HTML) 2 Page - Linear Technology

  LT5519 Datasheet HTML 1Page - Linear Technology LT5519 Datasheet HTML 2Page - Linear Technology LT5519 Datasheet HTML 3Page - Linear Technology LT5519 Datasheet HTML 4Page - Linear Technology LT5519 Datasheet HTML 5Page - Linear Technology LT5519 Datasheet HTML 6Page - Linear Technology LT5519 Datasheet HTML 7Page - Linear Technology LT5519 Datasheet HTML 8Page - Linear Technology LT5519 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LT5519
2
5519f
Supply Voltage ....................................................... 5.5V
Enable Voltage ............................. –0.3V to (VCC + 0.3V)
LO Input Power (Differential) ............................ +10dBm
LO+ to LODifferential DC Voltage ..........................
±1V
LO+ and LODC Common Mode Voltage ...... –1V to VCC
IF Input Power (Differential) ............................. +10dBm
IF+ and IFDC Currents ........................................ 25mA
RF+ to RFDifferential DC Voltage ......................
±0.13V
RF+ and RFDC Common Mode Voltage ...... –1V to VCC
Operating Temperature Range .................–40
°C to 85°C
Storage Temperature Range ................. – 65
°C to 125°C
Junction Temperature (TJ).................................... 125°C
ORDER PART
NUMBER
UF PART
MARKING
TJMAX = 125°C, θJA = 37°C/W
EXPOSED PAD (PIN 17) IS GND
MUST BE SOLDERED TO PCB
5519
LT5519EUF
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
(Note 1)
ELECTRICAL CHARACTERISTICS
Consult LTC Marketing for parts specified with wider operating temperature ranges.
16 15 14 13
5
6
7
8
TOP VIEW
UF PACKAGE
16-LEAD (4mm
× 4mm) PLASTIC QFN
9
10
11
12
4
3
2
1
GND
IF+
IF
GND
GND
RF+
RF
GND
17
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IF Input Frequency Range
1 to 400
MHz
LO Input Frequency Range
300 to 1800
MHz
RF Output Frequency Range
700 to 1400
MHz
1GHz Application: VCC = 5VDC, EN = High, TA = 25°C, IF input = 140MHz at –10dBm, LO input = 1.14GHz at –5dBm, RF output measured
at 1GHz, unless otherwise noted. (Test circuit shown in Figure 2) (Notes 2, 3)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IF Input Return Loss
ZO = 50Ω, with External Matching
20
dB
LO Input Return Loss
ZO = 50Ω
17
dB
RF Output Return Loss
ZO = 50Ω
20
dB
LO Input Power
–10 to 0
dBm
Conversion Gain
–0.6
dB
Input 3rd Order Intercept
–10dBm/Tone,
∆f = 1MHz
17.1
dBm
Input 2nd Order Intercept
–10dBm, Single Tone
48
dBm
LO to RF Leakage
–44
dBm
LO to IF Leakage
–40
dBm
Input 1dB Compression
5.5
dBm
IF Common Mode Voltage
Internally Biased
1.77
VDC
Noise Figure
Single-Side Band
13.6
dB


Similar Part No. - LT5519

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5519 LINER-LT5519 Datasheet
215Kb / 12P
   0.7GHz to 1.4GHz High Linearity Upconverting Mixer
LT5519 LINER-LT5519 Datasheet
307Kb / 16P
   800MHz to 2.7GHz High Linearity Direct Conversion Quadrature Demodulator
LT5519EUF LINER-LT5519EUF Datasheet
215Kb / 12P
   0.7GHz to 1.4GHz High Linearity Upconverting Mixer
More results

Similar Description - LT5519

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5519 LINER-LT5519 Datasheet
215Kb / 12P
   0.7GHz to 1.4GHz High Linearity Upconverting Mixer
LT5520 LINER-LT5520_15 Datasheet
195Kb / 12P
   1.3GHz to 2.3GHz High Linearity Upconverting Mixer
LT5579 LINER-LT5579 Datasheet
247Kb / 20P
   1.5GHz to 3.8GHz High Linearity Upconverting Mixer
LT5578 LINER-LT5578 Datasheet
212Kb / 16P
   0.4GHz to 2.7GHz High Linearity Upconverting Mixer
LT5520 LINER-LT5520 Datasheet
190Kb / 12P
   1.3GHz to 2.3GHz High Linearity Upconverting Mixer
LT5579 LINER-LT5579_15 Datasheet
347Kb / 20P
   1.5GHz to 3.8GHz High Linearity Upconverting Mixer
LT5578 LINER-LT5578_15 Datasheet
217Kb / 16P
   0.4GHz to 2.7GHz High Linearity Upconverting Mixer
LTC5576 LINER-LTC5576_15 Datasheet
511Kb / 24P
   3GHz to 8GHz High Linearity Active Upconverting Mixer
LTC5576 LINER-LTC5576 Datasheet
173Kb / 4P
   3GHz to 8GHz High Linearity Active Upconverting Mixer
logo
Broadcom Corporation.
ALM-32120 BOARDCOM-ALM-32120 Datasheet
741Kb / 11P
   0.7GHz ??1.0GHz 2 Watt High Linearity Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com