Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74LV245ATELL Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # HD74LV245ATELL
Description  Octal Bus Transceivers with 3-state Outputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LV245ATELL Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button HD74LV245ATELL Datasheet HTML 4Page - Renesas Technology Corp HD74LV245ATELL Datasheet HTML 5Page - Renesas Technology Corp HD74LV245ATELL Datasheet HTML 6Page - Renesas Technology Corp HD74LV245ATELL Datasheet HTML 7Page - Renesas Technology Corp HD74LV245ATELL Datasheet HTML 8Page - Renesas Technology Corp HD74LV245ATELL Datasheet HTML 9Page - Renesas Technology Corp HD74LV245ATELL Datasheet HTML 10Page - Renesas Technology Corp HD74LV245ATELL Datasheet HTML 11Page - Renesas Technology Corp HD74LV245ATELL Datasheet HTML 12Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
HD74LV245A
Rev.3.00 Jun. 24, 2004 page 7 of 9
tPLH
tPHL
VOH
VOH
VOL
VOL
0 V
VCC
10%
90%
CC
50% V
CC
50% V
CC
50% V
CC
50% V
CC
50% V
CC
50% V
10%
90%
• Waveform − 1
• Wareform − 2
Input
In phase output
tr
tf
tr
tf
tZL
0 V
0 V
VCC
VCC
tLZ
tZH
tHZ
10%
10%
90%
90%
CC
50% V
CC
50% V
OE
Waveform
A
Waveform
B
rf
V
− 0.3 V
OH
V
+ 0.3 V
OL
1. Input waveform: PRR
≤ 1 MHz, Zo = 50 Ω, t ≤ 3 ns, t ≤ 3 ns
2. Waveform
−A is for an output with internal conditions such that the output is low except when disabled
by the output control.
3. Waveform
−B is for an output with internal conditions such that the output is high except when disabled
by the output control.
4. The output are measured one at a time with one transition per measurement.
Notes:


Similar Part No. - HD74LV245ATELL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV245ATELL RENESAS-HD74LV245ATELL Datasheet
85Kb / 10P
   Octal Bus Transceivers with 3-state Outputs
More results

Similar Description - HD74LV245ATELL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC620 RENESAS-HD74HC620 Datasheet
128Kb / 12P
   Octal Bus Transceivers (with inverted 3-state outputs),Octal Bus Transceivers (with 3-state outputs)
HD74HCT640 RENESAS-HD74HCT640 Datasheet
221Kb / 10P
   Octal Bus Transceivers (with inverted 3-state outputs) Octal Bus Transceivers (with 3-state outputs)
Mar 30, 2006
logo
Hitachi Semiconductor
HD74BC245A HITACHI-HD74BC245A Datasheet
42Kb / 8P
   Octal Bus Transceivers With 3 State Outputs
HD74HCT245 HITACHI-HD74HCT245 Datasheet
57Kb / 8P
   Octal Bus Transceivers (with 3-state outputs)
logo
Texas Instruments
SN54HC245 TI-SN54HC245 Datasheet
533Kb / 16P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ALS640B TI-SN54ALS640B Datasheet
112Kb / 7P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ACT245 TI-SN54ACT245 Datasheet
509Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT640 TI-SN54ABT640 Datasheet
107Kb / 6P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54AC245 TI-SN54AC245 Datasheet
100Kb / 6P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74BC640A HITACHI-HD74BC640A Datasheet
44Kb / 9P
   Octal Bus Transceivers With 3 State Outputs
logo
Renesas Technology Corp
HD74HCT245 RENESAS-HD74HCT245_15 Datasheet
130Kb / 9P
   Octal Bus Transceivers (with 3-state outputs)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com