Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74LV221ARPEL Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # HD74LV221ARPEL
Description  Dual Monostable Multivibrators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LV221ARPEL Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button HD74LV221ARPEL Datasheet HTML 2Page - Renesas Technology Corp HD74LV221ARPEL Datasheet HTML 3Page - Renesas Technology Corp HD74LV221ARPEL Datasheet HTML 4Page - Renesas Technology Corp HD74LV221ARPEL Datasheet HTML 5Page - Renesas Technology Corp HD74LV221ARPEL Datasheet HTML 6Page - Renesas Technology Corp HD74LV221ARPEL Datasheet HTML 7Page - Renesas Technology Corp HD74LV221ARPEL Datasheet HTML 8Page - Renesas Technology Corp HD74LV221ARPEL Datasheet HTML 9Page - Renesas Technology Corp HD74LV221ARPEL Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
HD74LV221A
Rev.6.00 Jun. 23, 2004 page 4 of 13
DC Electrical Characteristics
Ta = –40 to 85°C
Item
Symbol
VCC (V)
Min
Typ
Max
Unit
Test Conditions
2.0
1.5
2.3 to 2.7
VCC
× 0.7
3.0 to 3.6
VCC
× 0.7
VIH
4.5 to 5.5
VCC
× 0.7
2.0
0.5
2.3 to 2.7
VCC
× 0.3
3.0 to 3.6
VCC
× 0.3
Input voltage
VIL
4.5 to 5.5
VCC
× 0.3
V
Min to Max
VCC – 0.1
IOH = –50
µA
2.3
2.0
IOH = –2 mA
3.0
2.48
IOH = –6 mA
VOH
4.5
3.8
V
IOH = –12 mA
Min to Max
0.1
IOL = 50
µA
2.3
0.4
IOL = 2 mA
3.0
0.44
IOL = 6 mA
Output voltage
VOL
4.5
0.55
V
IOL = 12 mA
Input current
IIN
0 to 5.5
±1
µAVIN = 5.5 V or GND
Input current
Rext / Cext
IIN
5.5
±2.5
µAVIN = VCC or GND
Quiescent supply
current
ICC
5.5
20
µAVIN = VCC or GND, IO = 0
2.3
220
3.0
280
4.5
650
Active state supply
current (per circuit)
∆ICC
5.5
975
µAVIN = VCC or GND
Rext/Cext = 0.5 VCC
Output leakage
current
IOFF
0—
5
µAVI or VO = 0 V to 5.5 V
Input capacitance
CIN
3.3
4.0
pF
VI = VCC or GND
Note:
For conditions shown as Min or Max, use the appropriate values under recommended operating conditions.


Similar Part No. - HD74LV221ARPEL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV221ARPEL RENESAS-HD74LV221ARPEL Datasheet
114Kb / 14P
   Dual Monostable Multivibrators
More results

Similar Description - HD74LV221ARPEL

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LS221 HITACHI-HD74LS221 Datasheet
89Kb / 7P
   Dual Monostable Multivibrators
logo
Renesas Technology Corp
HD74LV221A RENESAS-HD74LV221A Datasheet
114Kb / 14P
   Dual Monostable Multivibrators
logo
Hitachi Semiconductor
HD74LV221A HITACHI-HD74LV221A Datasheet
88Kb / 19P
   Dual Monostable Multivibrators
logo
Renesas Technology Corp
HD74LS221 RENESAS-HD74LS221 Datasheet
104Kb / 9P
   Dual Monostable Multivibrators
logo
Hitachi Semiconductor
HD74LV123A HITACHI-HD74LV123A Datasheet
91Kb / 20P
   Dual Retriggerable Monostable Multivibrators
logo
Texas Instruments
SN54AHCT123A TI-SN54AHCT123A_07 Datasheet
726Kb / 24P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
logo
Renesas Technology Corp
HD74LV123A RENESAS-HD74LV123A Datasheet
119Kb / 16P
   Dual Retriggerable Monostable Multivibrators
logo
Texas Instruments
SN54AHC123A TI-SN54AHC123A Datasheet
637Kb / 23P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
SN54AHC123A TI1-SN54AHC123A_15 Datasheet
1Mb / 28P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
logo
Renesas Technology Corp
HD74LV123A RENESAS-HD74LV123A_15 Datasheet
145Kb / 18P
   Dual Retriggerable Monostable Multivibrators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com