Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74LV157AFPEL Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HD74LV157AFPEL
Description  Quad. 2-to-1 line Data Selectors / Multiplexers (Noninverted Outputs)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LV157AFPEL Datasheet(HTML) 4 Page - Renesas Technology Corp

  HD74LV157AFPEL Datasheet HTML 1Page - Renesas Technology Corp HD74LV157AFPEL Datasheet HTML 2Page - Renesas Technology Corp HD74LV157AFPEL Datasheet HTML 3Page - Renesas Technology Corp HD74LV157AFPEL Datasheet HTML 4Page - Renesas Technology Corp HD74LV157AFPEL Datasheet HTML 5Page - Renesas Technology Corp HD74LV157AFPEL Datasheet HTML 6Page - Renesas Technology Corp HD74LV157AFPEL Datasheet HTML 7Page - Renesas Technology Corp HD74LV157AFPEL Datasheet HTML 8Page - Renesas Technology Corp HD74LV157AFPEL Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
HD74LV157A
Rev.2.00 Jun. 03, 2004 page 2 of 8
Pin Arrangement
13
14
11
12
15
16
9
10
VCC
4A
STB
4B
4Y
3A
1
2
3
4
5
6
7
8
SEL
1A
1B
1Y
2A
2B
2Y
GND
3B
3Y
AG
S
B
A
YB
A
Y
B
A
YB
Y
(Top view)
Absolute Maximum Ratings
Item
Symbol
Ratings
Unit
Conditions
Supply voltage range
VCC
–0.5 to 7.0
V
Input voltage range*
1
VI
–0.5 to 7.0
V
–0.5 to VCC + 0.5
Output: H or L
Output voltage range*
1, 2
VO
–0.5 to 7.0
V
VCC: OFF
Input clamp current
IIK
–20
mA
VI < 0
Output clamp current
IOK
±50
mA
VO < 0 or VO > VCC
Continuous output current
IO
±25
mA
VO = 0 to VCC
Continuous current through
VCC or GND
ICC or IGND
±50
mA
785
SOP
Maximum power dissipation
at Ta = 25°C (in still air)*
3
PT
500
mW
TSSOP
Storage temperature
Tstg
–65 to 150
°C
Notes: The absolute maximum ratings are values, which must not individually be exceeded, and furthermore, no two of
which may be realized at the same time.
1. The input and output voltage ratings may be exceeded if the input and output clamp-current ratings are
observed.
2. This value is limited to 5.5 V maximum.
3. The maximum package power dissipation was calculated using a junction temperature of 150°C.


Similar Part No. - HD74LV157AFPEL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV157AFPEL RENESAS-HD74LV157AFPEL Datasheet
77Kb / 9P
   Quad. 2-to-1 line Data Selectors / Multiplexers (Noninverted Outputs)
More results

Similar Description - HD74LV157AFPEL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV157A RENESAS-HD74LV157A Datasheet
77Kb / 9P
   Quad. 2-to-1 line Data Selectors / Multiplexers (Noninverted Outputs)
logo
Hitachi Semiconductor
HD74LV157A HITACHI-HD74LV157A Datasheet
62Kb / 14P
   Quad. 2-to-1 line Data Selectors / Multiplexers(Noninverted Outputs)
logo
Renesas Technology Corp
HD74HC157 RENESAS-HD74HC157 Datasheet
73Kb / 10P
   Quad. 2-to-1-line Data Selectors/Multiplexers (with noninverted outputs)
logo
Hitachi Semiconductor
HD74LS157 HITACHI-HD74LS157 Datasheet
59Kb / 6P
   Quadruple 2-line-to-1-line Data Selectors/Multiplexers(noninverted outputs)
logo
Renesas Technology Corp
HD74LS157 RENESAS-HD74LS157 Datasheet
73Kb / 7P
   Quadruple 2-line-to-1-line Data Selectors / Multiplexers (noninverted outputs)
HD74HC257 RENESAS-HD74HC257 Datasheet
106Kb / 8P
   Quad. 2-to-1-line Data Selectors/Multiplexers(with noninverted 3-state outputs)
logo
Hitachi Semiconductor
HD74HC257 HITACHI-HD74HC257 Datasheet
52Kb / 9P
   Quad. 2-to-1-line Data Selectors/Multiplexers(with noninverted 3-state outputs)
logo
National Semiconductor ...
54157 NSC-54157 Datasheet
118Kb / 6P
   Quad 2-Line to 1-Line Data Selectors/Multiplexers
54LS157 NSC-54LS157 Datasheet
160Kb / 8P
   Quad 2-Line to 1-Line Data Selectors/Multiplexers
logo
Fairchild Semiconductor
DM74LS157 FAIRCHILD-DM74LS157 Datasheet
79Kb / 7P
   Quad 2-Line to 1-Line Data Selectors/Multiplexers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com