Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74LV125A Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # HD74LV125A
Description  Quad. Bus Buffer Gates with 3-state Outputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LV125A Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button HD74LV125A_15 Datasheet HTML 4Page - Renesas Technology Corp HD74LV125A_15 Datasheet HTML 5Page - Renesas Technology Corp HD74LV125A_15 Datasheet HTML 6Page - Renesas Technology Corp HD74LV125A_15 Datasheet HTML 7Page - Renesas Technology Corp HD74LV125A_15 Datasheet HTML 8Page - Renesas Technology Corp HD74LV125A_15 Datasheet HTML 9Page - Renesas Technology Corp HD74LV125A_15 Datasheet HTML 10Page - Renesas Technology Corp HD74LV125A_15 Datasheet HTML 11Page - Renesas Technology Corp HD74LV125A_15 Datasheet HTML 12Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
HD74LV125A
Rev.3.00 Jun. 03, 2004 page 7 of 9
tPLH
tPHL
VOH
VOL
GND
VCC
50 %VCC
50 %VCC
50 %VCC
50 %VCC
50 %VCC
50 %VCC
50 %VCC
50 %VCC
Input A
Output Y
10 %
90 %
tr
tf
10 %
90 %
V
− 0.3 V
OH
V
+ 0.3 V
OL
tZL
tLZ
tZH
tHZ
VOH
VOL
Waveform
− A
Input
OE
Waveform
− B
GND
VCC
GND
VCC
Notes: 1. tr ≤ 3 ns, tf ≤ 3 ns
2. Input waveform: PRR
≤ 1 MHz, duty cycle 50%
3. Waveform
−A is for an output with internal conditions such that the output is low except when
disabled by the output control.
4. Waveform
−B is for an output with internal conditions such that the output is high except when
disabled by the output control.
tr
tf
10 %
10 %
90 %
90 %
• Waveform − 1
• Waveform − 2


Similar Part No. - HD74LV125A_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV125AFPEL RENESAS-HD74LV125AFPEL Datasheet
80Kb / 10P
   Quad. Bus Buffer Gates with 3-state Outputs
HD74LV125ARPEL RENESAS-HD74LV125ARPEL Datasheet
80Kb / 10P
   Quad. Bus Buffer Gates with 3-state Outputs
HD74LV125ATELL RENESAS-HD74LV125ATELL Datasheet
80Kb / 10P
   Quad. Bus Buffer Gates with 3-state Outputs
More results

Similar Description - HD74LV125A_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV126A RENESAS-HD74LV126A Datasheet
75Kb / 10P
   Quad. Bus Buffer Gates with 3-state Outputs
HD74HC125 RENESAS-HD74HC125 Datasheet
104Kb / 9P
   Quad. Bus Buffer Gates (with 3-state outputs)
HD74LVC125A RENESAS-HD74LVC125A Datasheet
183Kb / 7P
   Quad. Bus Buffer Gates with 3-state Outputs
RD74LVC126B RENESAS-RD74LVC126B Datasheet
99Kb / 9P
   Quad. Bus Buffer Gates with 3-state Outputs
HD74LV126A RENESAS-HD74LV126A_15 Datasheet
100Kb / 12P
   Quad. Bus Buffer Gates with 3-state Outputs
logo
Hitachi Semiconductor
HD74LV126A HITACHI-HD74LV126A Datasheet
58Kb / 14P
   Quad. Bus Buffer Gates with 3-state Outputs
HD74HC125 HITACHI-HD74HC125 Datasheet
49Kb / 10P
   Quad. Bus Buffer Gates (with 3-state outputs)
HD74LVC125A HITACHI-HD74LVC125A Datasheet
40Kb / 9P
   Quad. Bus Buffer Gates with 3-state Outputs
logo
Renesas Technology Corp
HD74LV125A RENESAS-HD74LV125A Datasheet
80Kb / 10P
   Quad. Bus Buffer Gates with 3-state Outputs
logo
Hitachi Semiconductor
HD74LV125A HITACHI-HD74LV125A Datasheet
65Kb / 15P
   Quad. Bus Buffer Gates with 3-state Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com