Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74LV123A Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HD74LV123A
Description  Dual Retriggerable Monostable Multivibrators
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LV123A Datasheet(HTML) 3 Page - Renesas Technology Corp

  HD74LV123A_15 Datasheet HTML 1Page - Renesas Technology Corp HD74LV123A_15 Datasheet HTML 2Page - Renesas Technology Corp HD74LV123A_15 Datasheet HTML 3Page - Renesas Technology Corp HD74LV123A_15 Datasheet HTML 4Page - Renesas Technology Corp HD74LV123A_15 Datasheet HTML 5Page - Renesas Technology Corp HD74LV123A_15 Datasheet HTML 6Page - Renesas Technology Corp HD74LV123A_15 Datasheet HTML 7Page - Renesas Technology Corp HD74LV123A_15 Datasheet HTML 8Page - Renesas Technology Corp HD74LV123A_15 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Rev.6.00 Jun. 02, 2004 page 1 of 15
HD74LV123A
Dual Retriggerable Monostable Multivibrators
REJ03D0314–0600Z
(Previous ADE-205-258D (Z))
Rev.6.00
Jun. 02, 2004
Description
The HD74LV123A features output pulse-duration control by three methods. In the first method, the A input is low and
the B input goes high. In the second method, the B input is high and the
A input goes low. In the third method, the A
input is low, the B input is high, and the clear (
CLR) input goes high.
The basic pulse duration is programmed by selecting external resistance and capacitance values.
The external timing capacitor must be connected between Cext and Rext/Cext (positive) and an external resistor
connected between Rext/Cext and Vcc
To obtain variable pulse durations, connect an external variable resistance between Rext/Cext and Vcc.
Once triggered, the basic pulse duration can be extended by retriggering the gated low-level-active (
A) or high-level-
active (B) input. Pulse duration can be reduced by taking
CLR low.
Features
• V
CC = 2.0 V to 5.5 V operation
• All inputs V
IH (Max.) = 5.5 V (@VCC = 0 V to 5.5 V)
• All outputs V
O (Max.) = 5.5 V (@VCC = 0 V)
• Output current ±6 mA (@V
CC = 3.0 V to 3.6 V), ±12 mA (@VCC = 4.5 V to 5.5 V)
• Ordering Information
Part Name
Package Type
Package Code
Package
Abbreviation
Taping Abbreviation
(Quantity)
HD74LV123AFPEL
SOP–16 pin(JEITA)
FP–16DAV
FP
EL (2,000 pcs/reel)
HD74LV123ARPEL
SOP–16 pin(JEDEC)
FP–16DNV
RP
EL (2,500 pcs/reel)
HD74LV123ATELL
TSSOP–16 pin
TTP–16DAV
T
ELL (2,000 pcs/reel)
Note: Please consult the sales office for the above package availability.


Similar Part No. - HD74LV123A_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV123AFPEL RENESAS-HD74LV123AFPEL Datasheet
119Kb / 16P
   Dual Retriggerable Monostable Multivibrators
HD74LV123ARPEL RENESAS-HD74LV123ARPEL Datasheet
119Kb / 16P
   Dual Retriggerable Monostable Multivibrators
HD74LV123ATELL RENESAS-HD74LV123ATELL Datasheet
119Kb / 16P
   Dual Retriggerable Monostable Multivibrators
More results

Similar Description - HD74LV123A_15

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LV123A HITACHI-HD74LV123A Datasheet
91Kb / 20P
   Dual Retriggerable Monostable Multivibrators
logo
Texas Instruments
SN54AHCT123A TI-SN54AHCT123A_07 Datasheet
726Kb / 24P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
logo
Renesas Technology Corp
HD74LV123A RENESAS-HD74LV123A Datasheet
119Kb / 16P
   Dual Retriggerable Monostable Multivibrators
logo
Texas Instruments
SN54AHC123A TI-SN54AHC123A Datasheet
637Kb / 23P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
SN54AHC123A TI1-SN54AHC123A_15 Datasheet
1Mb / 28P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
SN54LS422 TI-SN54LS422 Datasheet
323Kb / 9P
[Old version datasheet]   RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
SN54LS422 TI1-SN54LS422_12 Datasheet
612Kb / 9P
[Old version datasheet]   RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
SN54AHCT123A TI-SN54AHCT123A Datasheet
570Kb / 21P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
logo
Hitachi Semiconductor
HD74HC423A HITACHI-HD74HC423A Datasheet
51Kb / 8P
   Dual Retriggerable Monostable Multivibrators
logo
Texas Instruments
SN54AHCT123A TI-SN54AHCT123A_08 Datasheet
867Kb / 25P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com