Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74LV74AFPEL Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HD74LV74AFPEL
Description  Dual D?뱓ype Flip Flops with Preset and Clear
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LV74AFPEL Datasheet(HTML) 3 Page - Renesas Technology Corp

  HD74LV74AFPEL Datasheet HTML 1Page - Renesas Technology Corp HD74LV74AFPEL Datasheet HTML 2Page - Renesas Technology Corp HD74LV74AFPEL Datasheet HTML 3Page - Renesas Technology Corp HD74LV74AFPEL Datasheet HTML 4Page - Renesas Technology Corp HD74LV74AFPEL Datasheet HTML 5Page - Renesas Technology Corp HD74LV74AFPEL Datasheet HTML 6Page - Renesas Technology Corp HD74LV74AFPEL Datasheet HTML 7Page - Renesas Technology Corp HD74LV74AFPEL Datasheet HTML 8Page - Renesas Technology Corp HD74LV74AFPEL Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Rev.3.00 Jun. 02, 2004 page 1 of 9
HD74LV74A
Dual D–type Flip Flops with Preset and Clear
REJ03D0312–0300Z
(Previous ADE-205-244A (Z))
Rev.3.00
Jun. 02, 2004
Description
The HD74LV74A has independent data, preset, clear, and clock inputs Q and
Q outputs in a 14 pin package. The input
data is transferred to the output at the rising edge of clock pulse CLK. Low-voltage and high-speed operation is
suitable for the battery-powered products (e.g., notebook computers), and the low-power consumption extends the
battery life.
Features
• V
CC = 2.0 V to 5.5 V operation
• All inputs V
IH (Max.) = 5.5 V (@VCC = 0 V to 5.5 V)
• All outputs V
O (Max.) = 5.5 V (@VCC = 0 V)
• Typical V
OL ground bounce < 0.8 V (@VCC = 3.3 V, Ta = 25°C)
• Typical V
OH undershoot > 2.3 V (@VCC = 3.3 V, Ta = 25°C)
• Output current ±6 mA (@V
CC = 3.0 V to 3.6 V), ±12 mA (@VCC = 4.5 V to 5.5 V)
• Ordering Information
Part Name
Package Type
Package Code
Package
Abbreviation
Taping Abbreviation
(Quantity)
HD74LV74AFPEL
SOP–14 pin(JEITA)
FP–14DAV
FP
EL (2,000 pcs/reel)
HD74LV74ARPEL
SOP–14 pin(JEDEC)
FP–14DNV
RP
EL (2,500 pcs/reel)
HD74LV74ATELL
TSSOP–14 pin
TTP–14DV
T
ELL (2,000 pcs/reel)
Note: Please consult the sales office for the above package availability.
Function Table
Inputs
Outputs
PRE
CLR
CLK
D
Q
Q
LH
X
X
H
L
HL
X
X
L
H
LL
X
X
H*
1
H*
1
HH
HH
L
HH
LL
H
HH
XQ0
Q
0
Note:
H: High level
L: Low level
X: Immaterial
↑: Low to high transition
↓: High to low transition
Q0: The level of Q immediately before the input conditions shown in the above table is determined.
1.: Q and
Q will remain HIGH as long as Preset and Clear are Low, but Q and Q are unpredictable, if Preset
and Clear go HIGH simultaneously.


Similar Part No. - HD74LV74AFPEL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV74AFPEL RENESAS-HD74LV74AFPEL Datasheet
83Kb / 10P
   Dual D-type Flip Flops with Preset and Clear
More results

Similar Description - HD74LV74AFPEL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV2G74A RENESAS-HD74LV2G74A_15 Datasheet
136Kb / 11P
   Single D?뱓ype Flip Flops with Preset and Clear
logo
Aeroflex Circuit Techno...
UT54ACTS74E AEROFLEX-UT54ACTS74E Datasheet
131Kb / 9P
   Dual D Flip-Flops with Clear and Preset
logo
Renesas Technology Corp
HD74LV2GT74A RENESAS-HD74LV2GT74A_15 Datasheet
133Kb / 12P
   Single D?뱓ype Flip Flops with Preset and Clear / CMOS Logic Level Shifter
logo
Aeroflex Circuit Techno...
UT54ACS74 AEROFLEX-UT54ACS74 Datasheet
238Kb / 10P
   Dual D Flip-Flops with Clear & Preset
logo
Renesas Technology Corp
HD74HC74 RENESAS-HD74HC74 Datasheet
108Kb / 8P
   Dual D-type Flip-Flops (with Preset and Clear)
RD74LVC74B RENESAS-RD74LVC74B Datasheet
112Kb / 9P
   Dual D-type Flip Flops with Preset and Clear
logo
Hitachi Semiconductor
HD74LVC74 HITACHI-HD74LVC74 Datasheet
48Kb / 9P
   Dual D-type Flip Flops with Preset and Clear
HD74HC74 HITACHI-HD74HC74 Datasheet
58Kb / 9P
   Dual D-type Flip-Flops (with Preset and Clear)
logo
Renesas Technology Corp
RD74LVC74B RENESAS-RD74LVC74B_15 Datasheet
131Kb / 11P
   Dual D-type Flip Flops with Preset and Clear
HD74LVC74 RENESAS-HD74LVC74 Datasheet
189Kb / 7P
   Dual D-type Flip Flops with Preset and Clear
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com