Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1638 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1638
Description  1.2MHz, 0.4V/s Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1638 Datasheet(HTML) 5 Page - Linear Technology

  LT1638_15 Datasheet HTML 1Page - Linear Technology LT1638_15 Datasheet HTML 2Page - Linear Technology LT1638_15 Datasheet HTML 3Page - Linear Technology LT1638_15 Datasheet HTML 4Page - Linear Technology LT1638_15 Datasheet HTML 5Page - Linear Technology LT1638_15 Datasheet HTML 6Page - Linear Technology LT1638_15 Datasheet HTML 7Page - Linear Technology LT1638_15 Datasheet HTML 8Page - Linear Technology LT1638_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
LT1638/LT1639
5
16389fg
LT1638C/LT1639C, LT1638I/LT1639I
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
PSRR
Power Supply Rejection Ratio
VS = 3V to 12.5V, VCM = VO = 1V
l
90
100
dB
Reverse Supply Voltage
IS = – 100μA per Amplifier
l
18
27
V
Minimum Operating Supply Voltage
l
2.4
2.7
V
IS
Supply Current per Amplifier
(Note 6)
l
170
230
275
μA
μA
GBW
Gain Bandwidth Product
(Note 5)
f = 5kHz
0°C ≤ TA ≤ 70°C
– 40°C ≤ TA ≤ 85°C
l
l
650
550
500
1075
kHz
kHz
kHz
SR
Slew Rate
(Note 7)
AV = – 1, RL = ∞
0°C ≤ TA ≤ 70°C
– 40°C ≤ TA ≤ 85°C
l
l
0.210
0.185
0.170
0.38
V/μs
V/μs
V/μs
ELECTRICAL CHARACTERISTICS
The
l denotes the specifications which apply over the specified temperature range, otherwise specifications are at TA = 25°C.
VS = 3V, 0V; VS = 5V, 0V; VCM = VOUT = half supply, unless otherwise noted. (Note 4)
The
l denotes the specifications which apply over the specified temperature range, otherwise specifications are at TA = 25°C.
VS = ±15V, VCM = 0V, VOUT = 0V, unless otherwise noted. (Note 4)
LT1638C/LT1639C, LT1638I/LT1639I
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
LT1638 N, S Packages
0°C ≤ TA ≤ 70°C
– 40°C ≤ TA ≤ 85°C
l
l
250
800
1000
1100
μV
μV
μV
LT1639 N, S Packages
0°C ≤ TA ≤ 70°C
– 40°C ≤ TA ≤ 85°C
l
l
350
900
1100
1200
μV
μV
μV
LT1638 MS8 Package
0°C ≤ TA ≤ 70°C
– 40°C ≤ TA ≤ 85°C
l
l
400
1050
1250
1550
μV
μV
μV
LT1638 DDPackage
0°C ≤ TA ≤ 70°C
– 40°C ≤ TA ≤ 85°C
l
l
450
1250
1450
1550
μV
μV
μV
Input Offset Voltage Drift
(Note 9)
LT1638/LT1639 N, S Packages
LT1638MS8, LT1638DD
l
l
2
2.5
6
7
μV/°C
μV/°C
IOS
Input Offset Current
l
16
nA
IB
Input Bias Current
l
20
50
nA
Input Noise Voltage
0.1Hz to 10Hz
1
μVP-P
en
Input Noise Voltage Density
f = 1kHz
20
nV/√Hz
in
Input Noise Current Density
f = 1kHz
0.3
pA/√Hz
RIN
Input Resistance
Differential
Common Mode, VCM = – 15V to 14V
1
2.5
500
CIN
Input Capacitance
4.5
pF
Input Voltage Range
l
–15
29
V
CMRR
Common Mode Rejection Ratio
VCM = –15V to 29V
l
80
88
dB
AVOL
Large-Signal Voltage Gain
VO = ± 14V, RL = 10k
0°C ≤ TA ≤ 70°C
– 40°C ≤ TA ≤ 85°C
l
l
200
125
100
500
V/mV
V/mV
V/mV
VO
Output Voltage Swing
No Load
IOUT = ±10mA
l
l
±14.9
±13.7
±14.95
±14.0
V
V


Similar Part No. - LT1638_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1638 LINER-LT1638_1 Datasheet
245Kb / 16P
   1.2MHz, 0.4V/關s Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps
More results

Similar Description - LT1638_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1639 LINER-LT1639_15 Datasheet
262Kb / 18P
   1.2MHz, 0.4V/s Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps
LT1638 LINER-LT1638_1 Datasheet
245Kb / 16P
   1.2MHz, 0.4V/關s Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps
LT1638 LINER-LT1638 Datasheet
323Kb / 12P
   1.2MHz, 0.4V/us Over-The-TopTM Micropower Rail-to-Rail Input and Output Op Amps
LT1637 LINER-LT1637_15 Datasheet
362Kb / 16P
   1.1MHz, 0.4V/s Over-The-Top Micropower, Rail-To-Rail Input and Output Op Amp
LT1637 LINER-LT1637_1 Datasheet
356Kb / 16P
   1.1MHz, 0.4V/關s Over-The-Top Micropower, Rail-To-Rail Input and Output Op Amp
LT1637 LINER-LT1637 Datasheet
254Kb / 12P
   1.1MHz, 0.4V/us Over-The-Top Micropower, Rail-To-Rail Input and Output Op Amp
LT1490A LINER-LT1490A_15 Datasheet
234Kb / 18P
   Dual/Quad Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps
LT1490A LINER-LT1490A_1 Datasheet
343Kb / 16P
   Dual/Quad Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps
LT1491A LINER-LT1491A_15 Datasheet
234Kb / 18P
   Dual/Quad Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps
LT1636 LINER-LT1636 Datasheet
136Kb / 12P
   Over-The-Top Micropower Rail-to-Rail Input and Output Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com