Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1581 Datasheet(PDF) 10 Page - Linear Technology

Part # LT1581
Description  10A, Very Low Dropout Regulators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1581 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1581 Datasheet HTML 4Page - Linear Technology LT1581 Datasheet HTML 5Page - Linear Technology LT1581 Datasheet HTML 6Page - Linear Technology LT1581 Datasheet HTML 7Page - Linear Technology LT1581 Datasheet HTML 8Page - Linear Technology LT1581 Datasheet HTML 9Page - Linear Technology LT1581 Datasheet HTML 10Page - Linear Technology LT1581 Datasheet HTML 11Page - Linear Technology LT1581 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
LT1581/LT1581-2.5
APPLICATIONS INFORMATION
where ICONTROL is equal to between IOUT/100 (typ) and
IOUT/58 (max).
ICONTROL is a function of output current. A curve of
ICONTROL vs IOUT can be found in the Typical Performance
Characteristics curves.
The power in the output transistor is equal to:
POUTPUT = (VPOWER – VOUT)(IOUT)
The total power is equal to:
PTOTAL = PDRIVE + POUTPUT
Junction-to-case thermal resistance is specified from the
IC junction to the bottom of the case directly below the die.
This is the lowest resistance path for heat flow. Proper
mounting is required to ensure the best possible thermal
flow from this area of the package to the heat sink. Thermal
compound at the case-to-heat sink interface is strongly
recommended. If the case of the device must be electroni-
cally isolated, a thermally conductive spacer can be used
as long as the added contribution to thermal resistance is
considered. Please consult Linear Technology’s “Mount-
ing Considerations for Power Semiconductors,”
1990
Linear Applications Handbook, Volume 1, Pages RR3-1 to
RR3-20. Note that the case of the LT1581 is electrically
connected to the output.
The following example illustrates how to calculate
maximum junction temperature. Using an LT1581 and
assuming:
VCONTROL (max continuous) = 5.25V (5V + 5%),
VPOWER (max continuous) = 3.465V (3.3V + 5%),
VOUT = 2.5V, Iout = 4A,
TA = 70°C, θHEATSINK = 4°C/W,
θCASE-HEATSINK = 1°C/W (with thermal compound)
Power dissipation under these conditions is equal to:
Total Power Dissipation = PDRIVE + POUTPUT
PDRIVE = (VCONTROL – VOUT) (ICONTROL)
ICONTROL = IOUT/58 = 4A/58 = 69mA
PDRIVE = (5.25V – 2.5V)(69mA) = 190mW
POUTPUT = (VPOWER – VOUT)(IOUT)
= ( 3.465V – 2.5V)(4A) = 3.9W
Total Power Dissipation = 4.09W
Junction temperature will be equal to:
TJ = TA + PTOTAL HEATSINK + θCASE-HEATSINK + θJC)
For the Control section:
TJ = 70°C + 4.09W(4°C/W +1°C/W + 0.65°C/W) = 93°C
93
°C < 125°C = TJMAX for Control Section
For the Power section:
TJ =70°C + 4.09W (4°C/W +1°C/W + 2.5°C/W) = 101°C
101
°C < 150°C = TJMAX for Power Section
In both cases the junction temperature is below the
maximum rating for the respective sections, ensuring
reliable operation.


Similar Part No. - LT1581

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1581 LINER-LT1581 Datasheet
264Kb / 12P
   10A, Very Low Dropout Regulators
LT1581 LINER-LT1581 Datasheet
251Kb / 18P
   3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
LT1581-2.5 LINER-LT1581-2.5 Datasheet
264Kb / 12P
   10A, Very Low Dropout Regulators
LT1581-2.5 LINER-LT1581-2.5 Datasheet
241Kb / 12P
   10A, Very Low Dropout Regulators
LT1581-2.5 LINER-LT1581-2.5_15 Datasheet
241Kb / 12P
   10A, Very Low Dropout Regulators
More results

Similar Description - LT1581

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1581 LINER-LT1581 Datasheet
264Kb / 12P
   10A, Very Low Dropout Regulators
LT1581-2.5 LINER-LT1581-2.5_15 Datasheet
241Kb / 12P
   10A, Very Low Dropout Regulators
logo
Advanced Monolithic Sys...
AMS1510 ADMOS-AMS1510 Datasheet
77Kb / 9P
   10A LOW DROPOUT VOLTAGE REGULATORS
AMS1510 ADMOS-AMS1510_05 Datasheet
90Kb / 9P
   10A LOW DROPOUT VOLTAGE REGULATORS
AMS1082 ADMOS-AMS1082 Datasheet
71Kb / 8P
   10A LOW DROPOUT VOLTAGE REGULATORS
AMS1082 ADMOS-AMS1082_05 Datasheet
88Kb / 8P
   10A LOW DROPOUT VOLTAGE REGULATORS
logo
Microsemi Corporation
LX8610-XX MICROSEMI-LX8610-XX Datasheet
90Kb / 6P
   1A BiCMOS Very Low Dropout Regulators
logo
Advanced Monolithic Sys...
AMS2501 ADMOS-AMS2501_05 Datasheet
66Kb / 8P
   1A VERY LOW DROPOUT VOLTAGE REGULATORS
logo
Microsemi Corporation
LX8630-XX MICROSEMI-LX8630-XX Datasheet
135Kb / 9P
   3A BiCMOS Very Low Dropout Regulators
logo
Advanced Monolithic Sys...
AMS2501 ADMOS-AMS2501 Datasheet
63Kb / 8P
   1A VERY LOW DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com