Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1500 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1500
Description  Adaptive-Frequency Current Mode Switching Regulators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1500 Datasheet(HTML) 2 Page - Linear Technology

  LT1500_15 Datasheet HTML 1Page - Linear Technology LT1500_15 Datasheet HTML 2Page - Linear Technology LT1500_15 Datasheet HTML 3Page - Linear Technology LT1500_15 Datasheet HTML 4Page - Linear Technology LT1500_15 Datasheet HTML 5Page - Linear Technology LT1500_15 Datasheet HTML 6Page - Linear Technology LT1500_15 Datasheet HTML 7Page - Linear Technology LT1500_15 Datasheet HTML 8Page - Linear Technology LT1500_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LT1500/LT1501
ABSOLUTE MAXIMUM RATINGS
Supply Voltage ........................................................ 20V
Switch Voltage (SW) ............................................... 30V
Shutdown Voltage (SHDN) ...................................... 20V
ISENSE Voltage.......................................................... 20V
FB Voltage ................................................................. 5V
LBI Voltage ................................................................ 5V
LBO Voltage ............................................................. 15V
Operating Ambient Temperature Range
Commercial ............................................. 0
°C to 70°C
Industrial ............................................ – 40
°C to 85°C
Operating Junction Temperature Range
Commercial ........................................... 0
°C to 100°C
Industrial .......................................... – 40
°C to 100°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
PACKAGE/ORDER INFORMATION
TJMAX = 100°C, θJA = 100°C/ W
ORDER PART NUMBER
ORDER PART NUMBER
ORDER PART NUMBER
LT1500CS-3/5
LT1500IS-3/5
Consult factory for Military grade parts.
ELECTRICAL CHARACTERISTICS T
J = 25°C, VIN = 2.3V unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Feedback/Output Pin Reference Voltage
LT1500/LT1501, TJ = 25°C
1.240
1.265
1.290
V
All Conditions (Note 6)
q
1.235
1.295
V
LT1500-3/5, Select Pin Open
3.230
3.300
3.370
V
All Conditions (Note 6)
q
3.200
3.400
V
LT1500-3/5, Select Pin Grounded
4.900
5.000
5.100
V
All Conditions (Note 6)
q
4.85
5.15
V
Reference Voltage Line Regulation
VIN = 2.3V to 15V
q
0.02
0.06
%/V
Feedback Pin Bias Current
q
30
100
nA
TJMAX = 100°C, θJA = 100°C/ W
LT1500CS
LT1500IS
TJMAX = 100°C, θJA = 120°C/ W
1
2
3
4
8
7
6
5
TOP VIEW
FB/OUT
LBI
LBO
SW
SHDN
VIN
ISENSE
GND
S8 PACKAGE
8-LEAD PLASTIC SO
LT1501CS8
LT1501CS8-3.3
LT1501CS8-5
LT1501IS8
LT1501IS8-3.3
LT1501IS8-5
TOP VIEW
S PACKAGE
14-LEAD PLASTIC SO
1
2
3
4
5
6
7
14
13
12
11
10
9
8
SHDN
VC
VIN
ISENSE
NC
GND
PGND
FB
NFB
SS
LBI
LBO
SYNC
SW
TOP VIEW
S PACKAGE
14-LEAD PLASTIC SO
1
2
3
4
5
6
7
14
13
12
11
10
9
8
SHDN
VC
VIN
ISENSE
NC
GND
PGND
VOUT (3.3V/5V)
SELECT
SS
LBI
LBO
SYNC
SW


Similar Part No. - LT1500_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1500CS LINER-LT1500CS Datasheet
190Kb / 16P
   Adaptive-Frequency Current Mode Switching Regulators
LT1500CS-3 LINER-LT1500CS-3 Datasheet
190Kb / 16P
   Adaptive-Frequency Current Mode Switching Regulators
LT1500CS-5 LINER-LT1500CS-5 Datasheet
190Kb / 16P
   Adaptive-Frequency Current Mode Switching Regulators
LT1500IS LINER-LT1500IS Datasheet
190Kb / 16P
   Adaptive-Frequency Current Mode Switching Regulators
LT1500IS-3 LINER-LT1500IS-3 Datasheet
190Kb / 16P
   Adaptive-Frequency Current Mode Switching Regulators
More results

Similar Description - LT1500_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1500 LINER-LT1500 Datasheet
190Kb / 16P
   Adaptive-Frequency Current Mode Switching Regulators
LT1501 LINER-LT1501_15 Datasheet
374Kb / 16P
   Adaptive-Frequency Current Mode Switching Regulators
logo
Maxim Integrated Produc...
MAX17499 MAXIM-MAX17499 Datasheet
252Kb / 18P
   Current-Mode PWM Controllers with Programmable Switching Frequency
Rev 1; 7/11
MAX15000 MAXIM-MAX15000 Datasheet
616Kb / 18P
   Current-Mode PWM Controllers with Programmable Switching Frequency
Rev 0; 1/06
logo
Sanyo Semicon Device
SB10-05A3-BT SANYO-SB10-05A3-BT Datasheet
77Kb / 3P
   High frequency rectification (switching regulators, converters, choppers).
logo
Zhaoxingwei Electronics...
SB07-03C ZHAOXINGWEI-SB07-03C Datasheet
171Kb / 2P
   High frequency rectification (switching regulators, converters, choppers).
logo
Sanyo Semicon Device
SB10-05P-TD-E SANYO-SB10-05P-TD-E Datasheet
65Kb / 3P
   High frequency rectification (switching regulators, converters, choppers).
logo
ON Semiconductor
NCP1236 ONSEMI-NCP1236_16 Datasheet
243Kb / 34P
   Fixed Frequency Current Mode Controller
January, 2016 ??Rev. 5
NCP1246 ONSEMI-NCP1246_15 Datasheet
1Mb / 39P
   Fixed Frequency Current Mode Controller
March, 2015 ??Rev. 6
SCY99194 ONSEMI-SCY99194 Datasheet
1Mb / 40P
   Fixed Frequency Current Mode Controller
December, 2014 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com