Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1205 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1205
Description  150MHz Video Multiplexers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1205 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1205_15 Datasheet HTML 4Page - Linear Technology LT1205_15 Datasheet HTML 5Page - Linear Technology LT1205_15 Datasheet HTML 6Page - Linear Technology LT1205_15 Datasheet HTML 7Page - Linear Technology LT1205_15 Datasheet HTML 8Page - Linear Technology LT1205_15 Datasheet HTML 9Page - Linear Technology LT1205_15 Datasheet HTML 10Page - Linear Technology LT1205_15 Datasheet HTML 11Page - Linear Technology LT1205_15 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
LT1203/LT1205
S
APPLICATI
I FOR ATIO
CMOS MUX Channel-to-Channel Switching Transient
OUTPUT
1V/DIV
LT1203/05 • AI02
RS = 50Ω
NOTE: 50 TIMES LARGER THAN LT1203 TRANSIENT
LT1203/05 • AI03
OUTPUT
(PIN 7)
CHANNEL 1 = 0V
CHANNEL 2 = 2MHz SINEWAVE
LOGIC
(PIN 5)
LT1203 Switching Inputs
only 10mVP-P. A photo of the switching transients from a
CMOS MUX shows glitches to be 50 times larger than on
the LT1203. Also shown is the output of the LT1203
switching on and off a 2MHz sinewave cleanly and without
abnormalities.
Pixel Switching
The multiplexers are fabricated on LTC's Complementary
Bipolar Process to attain fast switching speed, high band-
width, and a wide supply voltage range compatible with
traditional video systems. Channel-to-channel switching
time and Enable time are both 25ns, therefore delay is the
same when switching between channels or between ICs.
To demonstrate the switching speed of the LT1203/LT1205
the RGB MUX of Figure 1 is used to switch RGB Worksta-
tion inputs with a 22ns pixel width. Figure 2a is a photo
showing the Workstation output and RGB MUX output.
The slight rise time degradation at the RGB MUX output is
due to the bandwidth of the LT1260 current feedback
amplifier used to drive the 75
Ω cable. In Figure 2b, the
LT1203 switches to an input at zero at the end of the first
pixel and removes the following pixels.
+1
1
2
3
4
5
6
7
8
16
15
14
13
1
2
3
4
8
7
6
5
12
1
16
15
14
13
12
11
10
9
2
3
4
5
6
7
8
LT1260
11
10
9
+1
+1
+1
LT1205
LT1203/05 • F01
+1
+1
LT1203
R4
75
J4
GREEN 2
J7
LOGIC
R6
75
C1
0.1
µF
C2
0.1
µF
C3
4.7
µF
C4
4.7
µF
J6
BLUE 2
R8*
10k
R13
1.5k
R15
1.5k
R9*
10k
*OPTIONAL
R14
1.5k
R7*
10k
R5
75
J5
BLUE 1
R3
75
J3
GREEN 1
R2
75
J2
RED 2
R1
75
J1
RED 1
+
R12
1.5k
R10
1.5k
V+
V
R11
1.5k
R
G
B
+
GND
J8
ENABLE
J9
RED
J10
GREEN
J11
BLUE
R16
75
R17
75
R18
75
Figure 1. RGB MUX
INPUT
1V/DIV
LOGIC
CONTROL


Similar Part No. - LT1205_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1205CS LINER-LT1205CS Datasheet
561Kb / 16P
   150MHz Video Multiplexers
More results

Similar Description - LT1205_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1203 LINER-LT1203_15 Datasheet
505Kb / 16P
   150MHz Video Multiplexers
LT1203 LINER-LT1203 Datasheet
561Kb / 16P
   150MHz Video Multiplexers
logo
Maxim Integrated Produc...
MAX310 MAXIM-MAX310 Datasheet
252Kb / 7P
   CMOS RF/Video Multiplexers
logo
Vishay Siliconix
DG535 VISHAY-DG535_08 Datasheet
167Kb / 12P
   16-Channel Wideband Video Multiplexers
Rev. E, 25-Jun-07
DG535 VISHAY-DG535 Datasheet
98Kb / 11P
   16-Channel Wideband Video Multiplexers
Rev. D, 05-Oct-00
DG534A VISHAY-DG534A_V01 Datasheet
152Kb / 17P
   4-/8-Channel Wideband Video Multiplexers
18-Jul-08
DG538A VISHAY-DG538A Datasheet
149Kb / 16P
   4-/8-Channel Wideband Video Multiplexers
Rev. G, 29-Jan-02
logo
Intersil Corporation
ISL54103IHZ-T7A INTERSIL-ISL54103IHZ-T7A Datasheet
267Kb / 8P
   More Reliable HDCP Performance In Video Multiplexers and Cable Extenders
logo
Linear Technology
LT1221 LINER-LT1221 Datasheet
292Kb / 8P
   150MHz Operational Amplifier
logo
DATEL, Inc.
MX-826MM DATEL-MX-826MM Datasheet
109Kb / 1P
   Multiplexers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com