Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1178 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1178
Description  17A Max, Dual and Quad, Single Supply, Precision Op Amps
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1178 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1178 Datasheet HTML 3Page - Linear Technology LT1178 Datasheet HTML 4Page - Linear Technology LT1178 Datasheet HTML 5Page - Linear Technology LT1178 Datasheet HTML 6Page - Linear Technology LT1178 Datasheet HTML 7Page - Linear Technology LT1178 Datasheet HTML 8Page - Linear Technology LT1178 Datasheet HTML 9Page - Linear Technology LT1178 Datasheet HTML 10Page - Linear Technology LT1178 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
LT1178/LT1179
7
11789fb
TYPICAL PERFOR A CE CHARACTERISTICS
Input Bias and Offset Currents vs
Temperature
Short-Circuit Current
Output Saturation vs Temperature
vs Sink Current
0.1Hz to 10Hz Noise
Noise Spectrum
0.01Hz to 10Hz Noise
TEMPERATURE (°C)
–50
100
75
50
25
– 2.5
– 3.0
– 3.5
– 4.0
25
75
LT1178/LT1179 • TPC04
–25
0
50
100
VS = 5V, 0V
IOS
IB
TEMPERATURE (°C)
1000
100
10
1
0.1
–50
25
75
–25
0
50
100
VS = 5V, 0V
ISINK = 1mA
ISINK = 100µA
ISINK = 1µA
NO LOAD
10k TO GROUND
2k TO GROUND
LT1178/LT1179 • TPC05
TIME (SECONDS)
0
LT1178/LT1179 • TPC07
4
26
12
810
VS = ±2.5V, TA = 25°C
CHANNEL A
CHANNEL B
TIME (SECONDS)
0
LT1178/LT1179 • TPC08
40
20
60
120
80
100
VS = ±2.5V, TA = 25°C
CHANNEL A
CHANNEL B
FREQUENCY (Hz)
30
100
1000
0.1
10
100
1k
LT1178/LT1179 • TPC09
10
1
300
VS = ±2.5V
TA = 25°C
CURRENT
NOISE
VOLTAGE NOISE
1/f CORNER
0.5Hz
TIME FROM OUTPUT SHORT TO GROUND (MINUTES)
0
0
10
20
2
LT1178/LT1179 • TPC06
–10
–20
–30
1
VS = 5V, 0V
VS = ±15V
VS = ±2.5V
VS = ±2.5V
VS = ±15V
Voltage Gain vs Frequency
Voltage Gain vs Load Resistance
Gain, Phase vs Frequency
LT1178/LT1179 • TPC10
FREQUENCY (Hz)
0.001 0.01 0.1
1
60
80
100
100k
40
20
–20
10 100 1k 10k
1M
0
140
120
VS = 5V, 0V
VS = ±15V
TA = 25°C
FREQUENCY (Hz)
10k
100k
1M
LT1178/LT1179 • TPC11
10
20
0
–10
30
160
140
120
180
200
240
220
80
100
TA = 25°C
NO LOAD
GAIN
±15V
GAIN
5V, 0V
PHASE
±15V
PHASE
5V, 0V
LOAD RESISTANCE TO GROUND (Ω)
LT1178/LT1179 • TPC12
10k
10k
100k
1M
10M
100k
1M
10M
VS = ±15V, TA = 25°C
VS = 5V, 0V, TA = 85°C
VS = 5V, 0V, TA = 25°C


Similar Part No. - LT1178

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1178 LINER-LT1178 Datasheet
587Kb / 8P
   17uA Max, Dual and Quad, Single Supply, Precision Op Amps
logo
Linear Integrated Syste...
LT1178 LINEAR-LT1178 Datasheet
240Kb / 12P
   17uA Max, Dual and Quad, Single Supply, Precision Op Amps
logo
Linear Technology
LT1178 LINER-LT1178 Datasheet
147Kb / 12P
   Nanopower Comparator with Reference
LT1178ACH LINER-LT1178ACH Datasheet
587Kb / 8P
   17uA Max, Dual and Quad, Single Supply, Precision Op Amps
logo
Linear Integrated Syste...
LT1178ACH LINEAR-LT1178ACH Datasheet
240Kb / 12P
   17uA Max, Dual and Quad, Single Supply, Precision Op Amps
More results

Similar Description - LT1178

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1179 LINER-LT1179_15 Datasheet
246Kb / 12P
   17A Max, Dual and Quad, Single Supply, Precision Op Amps
LT2179 LINER-LT2179_15 Datasheet
216Kb / 12P
   17A Max, Dual and Quad, Single Supply, Precision Op Amps
LT2178 LINER-LT2178_15 Datasheet
216Kb / 12P
   17A Max, Dual and Quad, Single Supply, Precision Op Amps
logo
Linear Integrated Syste...
LT1178 LINEAR-LT1178_1 Datasheet
240Kb / 12P
   17uA Max, Dual and Quad, Single Supply, Precision Op Amps
logo
Linear Technology
LT2178 LINER-LT2178 Datasheet
305Kb / 12P
   17uA Max, Dual and Quad, Single Supply, Precision Op Amps
LT1178 LINER-LT1178 Datasheet
587Kb / 8P
   17uA Max, Dual and Quad, Single Supply, Precision Op Amps
logo
Maxim Integrated Produc...
MXL1178 MAXIM-MXL1178 Datasheet
265Kb / 8P
   17uA Max, Dual/Quad, Single-Supply, Precision Op Amps
19-0104; Rev 1; 8/94
logo
Linear Technology
LT1078 LINER-LT1078 Datasheet
514Kb / 20P
   Micropower, Dual and Quad, Single Supply, Precision Op Amps
logo
Linear Dimensions Semic...
LT2079CS LINEAR_DIMENSIONS-LT2079CS Datasheet
345Kb / 16P
   Micropower, Dual and Quad, Single Supply, Precision Op Amps
logo
Linear Technology
LT1079 LINER-LT1079_15 Datasheet
609Kb / 20P
   Micropower, Dual and Quad, Single Supply, Precision Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com