Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L1SS400CST5G Datasheet(PDF) 1 Page - Leshan Radio Company

Part # L1SS400CST5G
Description  Switching diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

L1SS400CST5G Datasheet(HTML) 1 Page - Leshan Radio Company

  L1SS400CST5G_15 Datasheet HTML 1Page - Leshan Radio Company L1SS400CST5G_15 Datasheet HTML 2Page - Leshan Radio Company L1SS400CST5G_15 Datasheet HTML 3Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LESHAN RADIO COMPANY, LTD.
SOD - 923
2
L1SS400CST5G
2
ANODE
1
CATHODE
ABSOLUTE MAXIMUM RATINGS (Ta = 25°C)
Parameter
Symbol
Limits
Unit
Peak reverse voltage
VRM
90
V
DC reverse voltage
VR
80
V
Peak forward current
I FM
225
mA
Mean rectifying current
I O
100
mA
Surge current (1s)
I surge
500
mA
Junction temperature
Tj
125
°C
Storage temperature
Tstg
– 55 ~ +125
°C
Switching diode
• Applications
High speed switching
• Features
1) Extremely small surface mounting type.
2) High Speed.
3) High reliability.
• Construction
Silicon epitaxial planar
1
ELECTRICAL CHARACTERISTICS (Ta = 25°C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Forward voltage
VF
1.2
V
I F=100mA
Reverse current
I R
0.1
µAV
R=80V
Capacitance between terminals
CT
0.72
3.0
pF
VR=0.5V , f=1MHz
Reverse recovery time
trr
4
n s
V R=6V , IF=10mA , RL=100
We declare that the material of product
compliance with RoHS requirements.
Rev.O 1/3
S-L1SS400CST5G
Device
Marking
Shipping
8000/Tape&Reel
L1SS400CST5G
3
ORDRING INFORMATION
S- Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC-Q101
Qualified and PPAP Capable.
S-L1SS400CST5G


Similar Part No. - L1SS400CST5G_15

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
L1SS400CST5G LRC-L1SS400CST5G Datasheet
303Kb / 3P
   High speed switching Extremely small surface mounting type.
More results

Similar Description - L1SS400CST5G_15

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BAV99L AITSEMI-BAV99L Datasheet
442Kb / 5P
   SWITCHING DIODE DUAL SWITCHING DIODE
REV2.0
MDL914 AITSEMI-MDL914 Datasheet
483Kb / 5P
   SWITCHING DIODE HIGH ?밪PEED SWITCHING DIODE
REV1.1
MBD914 AITSEMI-MBD914 Datasheet
505Kb / 5P
   SWITCHING DIODE HIGH?뭆PEED SWITCHING DIODE
REV1.0
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
   SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
logo
Rohm
RLS-73 ROHM-RLS-73 Datasheet
54Kb / 2P
   Switching diode
logo
AUK corp
SDS2836F AUK-SDS2836F Datasheet
103Kb / 3P
   Switching Diode
SDS2838E AUK-SDS2838E Datasheet
104Kb / 3P
   Switching Diode
logo
Microsemi Corporation
JAN1N914 MICROSEMI-JAN1N914 Datasheet
53Kb / 2P
   SWITCHING DIODE
logo
AUK corp
SDS2838F AUK-SDS2838F Datasheet
103Kb / 3P
   Switching Diode
logo
ON Semiconductor
BAS116LT1 ONSEMI-BAS116LT1 Datasheet
63Kb / 4P
   Switching Diode
1997 REV 1
logo
Compensated Deuices Inc...
1N914 CDI-DIODE-1N914 Datasheet
68Kb / 2P
   SWITCHING DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com