Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KTC2815L Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KTC2815L
Description  EPITAXIAL PLANAR NPN TRANSISTOR (POWER AMPLIFIER, POWER SWITCHING)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTC2815L Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KTC2815L Datasheet HTML 1Page - KEC(Korea Electronics) KTC2815L Datasheet HTML 2Page - KEC(Korea Electronics) KTC2815L Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2003. 3. 27
1/3
SEMICONDUCTOR
TECHNICAL DATA
KTC2815D/L
EPITAXIAL PLANAR NPN TRANSISTOR
Revision No : 3
POWER AMPLIFIER APPLICATION.
POWER SWITCHING APPLICATION.
FEATURES
Low Collector Saturation Voltage
: VCE(sat)=0.5V(Max.) (IC=1A)
High Speed Switching Time : tstg=1 S(Typ.)
Complementary to KTA1718D/L.
MAXIMUM RATING (Ta=25 )
DPAK
DIM
MILLIMETERS
A
B
C
D
F
H
I
J
K
L
6.60 0.2
6.10 0.2
5.0 0.2
1.10 0.2
2.70 0.2
2.30 0.1
1.00 MAX
2.30 0.2
0.5 0.1
2.00 0.20
0.50 0.10
E
0.91 0.10
M
0.90 0.1
O
A
C
I
J
H
F
F
P
L
12
3
1. BASE
2. COLLECTOR
3. EMITTER
1.00 0.10
P
0.95 MAX
Q
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
ELECTRICAL CHARACTERISTICS (Ta=25 )
Note : hFE(1) Classification
O:70~140, Y:120~240.
DIM
MILLIMETERS
IPAK
H
F
F
C
A
P
L
I
J
123
A
B
C
D
E
F
G
H
I
J
L
P
Q
6.60 0.2
6.10 0.2
5.0 0.2
1.10 0.2
9.50 0.6
2.30 0.1
0.76 0.1
1.0 MAX
2.30 0.2
0.5 0.1
0.50 0.1
1.0 0.1
0.90 MAX
G
1. BASE
2. COLLECTOR
3. EMITTER
K
2.0 0.2
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
50
V
Collector-Emitter Voltage
VCEO
50
V
Emitter-Base Voltage
VEBO
5
V
Collector Current
IC
2
A
Emitter Current
IE
-2
A
Collector Power
Dissipation
Ta=25
PC
1.0
W
Tc=25
10
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55 150
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN. TYP. MAX. UNIT
Collector Cut-off Current
ICBO
VCB=50V, IE=0
-
-
0.1
A
Emitter Cut-off Current
IEBO
VEB=5V, IC=0
-
-
0.1
A
Collector-Emitter Breakdown Voltage
V(BR)CEO
IC=10mA, IB=0
50
-
-
V
DC Current Gain
hFE(1) (Note)
VCE=2V, IC=0.5A
70
-
240
hFE2
VCE=2V, IC=1.5A
40
-
-
Collector-Emitter Saturation Voltage
VCE(sat)
IC=1A, IB=0.05A
-
-
0.5
V
Base-Emitter Saturation Voltage
VBE(sat)
IC=1A, IB=0.05A
-
-
1.2
V
Transition Frequency
fT
VCE=2V, IC=0.5A
-
100
-
MHz
Collector Output Capacitance
Cob
VCB=10V, IE=0, f=1MHz
-
30
-
pF
Switching
Time
Turn On Time
ton
IB1
B1
I
CC
V =30V
IB2
IB2
20µsec
I =-I =-0.05A
1%
B1
B2
OUTPUT
DUTY CYCLE
INPUT
<=
-
0.1
-
S
Storage Time
tstg
-
1.0
-
Fall Time
tf
-
0.1
-


Similar Part No. - KTC2815L

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTC2815D KEC-KTC2815D_15 Datasheet
411Kb / 3P
   EPITAXIAL PLANAR NPN TRANSISTOR
More results

Similar Description - KTC2815L

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTC2814 KEC-KTC2814 Datasheet
410Kb / 3P
   EPITAXIAL PLANAR NPN TRANSISTOR (POWER AMPLIFIER, POWER SWITCHING)
KTC3266 KEC-KTC3266 Datasheet
73Kb / 2P
   EPITAXIAL PLANAR NPN TRANSISTOR (POWER AMPLIFIER, POWER SWITCHING)
KTC3209 KEC-KTC3209 Datasheet
410Kb / 3P
   EPITAXIAL PLANAR NPN TRANSISTOR (POWER AMPLIFIER, POWER SWITCHING)
KTC4379 KEC-KTC4379 Datasheet
381Kb / 3P
   EPITAXIAL PLANAR NPN TRANSISTOR (POWER AMPLIFIER, POWER SWITCHING)
KTC3265 KEC-KTC3265 Datasheet
250Kb / 2P
   EPITAXIAL PLANAR NPN TRANSISTOR (LOW FREQUENCY POWER AMPLIFIER,POWER SWITCHING)
KTA1666 KEC-KTA1666 Datasheet
407Kb / 3P
   EPITAXIAL PLANAR PNP TRANSISTOR (POWER AMPLIFIER, POWER SWITCHING)
KTA1296 KEC-KTA1296 Datasheet
72Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (POWER AMPLIFIER, POWER SWITCHING)
KTA1715 KEC-KTA1715 Datasheet
460Kb / 3P
   EPITAXIAL PLANAR PNP TRANSISTOR (POWER AMPLIFIER, POWER SWITCHING)
KTA1718D KEC-KTA1718D Datasheet
413Kb / 3P
   EPITAXIAL PLANAR PNP TRANSISTOR (POWER AMPLIFIER, POWER SWITCHING)
KTA1281 KEC-KTA1281 Datasheet
578Kb / 3P
   EPITAXIAL PLANAR PNP TRANSISTOR (POWER AMPLIFIER, POWER SWITCHING)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com