Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN2169 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN2169
Description  Porting an application from the ST10F168 to the ST10F276
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2169 Datasheet(HTML) 5 Page - STMicroelectronics

  AN2169 Datasheet HTML 1Page - STMicroelectronics AN2169 Datasheet HTML 2Page - STMicroelectronics AN2169 Datasheet HTML 3Page - STMicroelectronics AN2169 Datasheet HTML 4Page - STMicroelectronics AN2169 Datasheet HTML 5Page - STMicroelectronics AN2169 Datasheet HTML 6Page - STMicroelectronics AN2169 Datasheet HTML 7Page - STMicroelectronics AN2169 Datasheet HTML 8Page - STMicroelectronics AN2169 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
AN2169
Modified features
5/33
1
Modified features
1.1
Pin-out
1.1.1
Pin-out modification summary
Table 1 below summarizes the modifications made in the pin-out.
Table 1.
Pin-out modification summary
Pin no.
ST10F276 pin function
ST10F168 pin function
6 (P6.5)
HOLD External Master Hold request Input
SCLK1 SSC1 Master Clock Output
SCLK1 SSC1 Slave Clock Input
HOLD External Master Hold request Input
7 (P6.6)
HLDA Hold Acknowledge Output
MTSR1 SS1 Master Transmit
MTSR1 SS1 Slave Receive O/I
HLDA Hold Acknowledge Output
8 (P6.7)
BREQ Bus Request Output
MRST1 SSC1 Master receive
MRST1 SSC1 Slave Transmit I/O
BREQ Bus Request Output
9 (P8.0)
CC16IO: CAPCOM2 CC16 Capture-In
CC16IO: CAPCOM2 CC16 Compare-Out
XPWM0: PWM1 Channel0 Output
CC16IO: CAPCOM2 CC16 Capture-In
CC16IO: CAPCOM2 CC16 Compare-Out
12
(P8.3)
CC19IO: CAPCOM2 CC19 Capture-In
CC19IO: CAPCOM2 CC19 Compare-Out
XPWM3: PWM1Channel3 Output
CC19IO: CAPCOM2 CC19 Capture-In
CC19IO: CAPCOM2 CC19 Compare-Out
15(P8.6)
CC22IO: CAPCOM2 CC22 Capture-In
CC22IO: CAPCOM2 CC22 Compare-Out
RXD1: ASC1 Data Input(Asynch) or I/O(Synch)
CC22IO: CAPCOM2 CC22 Capture-In
CC22IO: CAPCOM2 CC22 Compare-Out
16(P8.7)
CC23IO: CAPCOM2 CC23 Capture-In
CC23IO: CAPCOM2 CC23 Compare-Out
TXD1: ASC1Clock/Data output(Asyn/Syn)
CC23IO: CAPCOM2 CC23 Capture-In
CC23IO: CAPCOM2 CC23 Compare-Out
89
(P4.4)
A20 segment address line
CAN2_RxD CAN2 Receive Data Input
SCL I2C Interface Serial Clock
A20 segment address line
90
(P4.5)
A21 segment address line
CAN1_RxD CAN1 Receive Data Input
CAN2_RXD CAN2 Receive Data Input
A21 segment address line
CAN_RxD CAN Receive Data Input
91(P4.6)
A22 segment address line
CAN1_TxD CAN1 TransmitData Output
CAN2_TXD CAN2 TransmitData Output
A22 segment address line
CAN_TxD CAN TransmitData Output
92
(P4.7)
A23 segment address line
CAN2_TxD CAN2 TransmitData Output
SDA I2C Interface Serial Data
A23 segment address line
99
EA & VSTBY
EA
143
XTAL3
Vss


Similar Part No. - AN2169

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2165 STMICROELECTRONICS-AN2165 Datasheet
641Kb / 18P
   Getting Started with Keil 關Vision ST10 Toolchain
AN2167 STMICROELECTRONICS-AN2167 Datasheet
59Kb / 5P
   Using the STPM01 with a shunt current sensor
AN2168 STMICROELECTRONICS-AN2168 Datasheet
201Kb / 15P
   The ST10F27x MCUs are derivatives of the STMicroelectronics
More results

Similar Description - AN2169

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN1313 STMICROELECTRONICS-AN1313 Datasheet
273Kb / 16P
   Porting an application from the ST10F168 to the ST10F269
AN2549 STMICROELECTRONICS-AN2549 Datasheet
441Kb / 33P
   Porting an application from the ST10F269Zx to the ST10F272Z2
AN2556 STMICROELECTRONICS-AN2556 Datasheet
455Kb / 35P
   Porting an application from the ST10F269Zx to the ST10F273Z4
AN2555 STMICROELECTRONICS-AN2555 Datasheet
475Kb / 33P
   Porting an application from the ST10F269Zx to the ST10F276Z5
logo
Zilog, Inc.
AN0366 ZILOG-AN0366 Datasheet
245Kb / 12P
   Porting RZK/ZTP Applications to the eZ80L925148MODG Module
logo
STMicroelectronics
AN2353 STMICROELECTRONICS-AN2353 Datasheet
180Kb / 18P
   Designing an application with the ST10F27x devices
AN2595 STMICROELECTRONICS-AN2595 Datasheet
240Kb / 20P
   Designing an application with the ST10F27xZx devices
logo
Exar Corporation
DAN-161 EXAR-DAN-161 Datasheet
26Kb / 2P
   MIGRATING FROM THE XR16C2850 TO THE XR16L2751
logo
STMicroelectronics
AN4240 STMICROELECTRONICS-AN4240 Datasheet
1Mb / 30P
   This application note provides an easy introduction to the usage
logo
SPANSION
S71WS512N SPANSION-S71WS512N Datasheet
572Kb / 18P
   Migrating from the S71WS512N to the S71WS512P
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com