Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

REF-02 Datasheet(PDF) 2 Page - Linear Technology

Part # REF-02
Description  Precision Voltage References
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

REF-02 Datasheet(HTML) 2 Page - Linear Technology

  REF-02_15 Datasheet HTML 1Page - Linear Technology REF-02_15 Datasheet HTML 2Page - Linear Technology REF-02_15 Datasheet HTML 3Page - Linear Technology REF-02_15 Datasheet HTML 4Page - Linear Technology REF-02_15 Datasheet HTML 5Page - Linear Technology REF-02_15 Datasheet HTML 6Page - Linear Technology REF-02_15 Datasheet HTML 7Page - Linear Technology REF-02_15 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
REF-01/REF-02
2
ref012fd
ABSOLUTE MAXIMUM RATINGS
REF-01/REF-02 A, E, H .............................................40V
REF-01C/REF-02C.....................................................30V
Power Dissipation .............................................. 500mW
Output Short-Circuit Duration
To Ground.................................................... Indefinite
To VIN ≤ 16V ................................................ Indefinite
To VIN > 16V ............................................Not Allowed
Storage Temperature Range ..................– 65°C to 150°C
Operating Temperature
REF-01/REF-02, REF-01A/REF-02A... –55°C to 125°C
REF-01E/REF-02E, REF-01H/REF-02H,
REF-01C/REF-02C, REF-01D/REF-02D .... 0°C to 70°C
Lead Temperature (Soldering, 10 sec)................... 300°C
PIN CONFIGURATION
ORDER INFORMATION
TJMAX = 150°C, θJA = 150°C/W, θJC = 45°C/W
TOP VIEW
NC*
NC*
NC*
INPUT
OUTPUT
TRIM
TEMP**
GND (CASE)
8
7
6
5
3
2
1
4
H PACKAGE
8-LEAD TO-5 METAL CAN
*INTERNALLY CONNECTED. DO
NOT CONNECT EXTERNALLY.
A
+
+
B
**DO NOT CONNECT ON REF-01
1
2
3
4
8
7
6
5
TOP VIEW
NC*
INPUT
TEMP**
GND
NC*
NC*
OUTPUT
TRIM
N8 PACKAGE
8-LEAD PLASTIC DIP
TJMAX = 100°C, θJA = 130°C/W
TJMAX = 150°C, θJA = 100°C/W
*INTERNALLY CONNECTED. DO
NOT CONNECT EXTERNALLY.
J8 PACKAGE
8-LEAD CERDIP
**DO NOT CONNECT ON REF-01
LEAD FREE FINISH
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
REF01EN8#PBF
REF01EN8
8-Lead Plastic Dip
0°C to 70°C
REF01HN8#PBF
REF01HN8
8-Lead Plastic Dip
0°C to 70°C
REF01CN8#PBF
REF01CN8
8-Lead Plastic Dip
0°C to 70°C
REF02EN8#PBF
REF02EN8
8-Lead Plastic Dip
0°C to 70°C
REF02HN8#PBF
REF02HN8
8-Lead Plastic Dip
0°C to 70°C
REF02CN8#PBF
REF02CN8
8-Lead Plastic Dip
0°C to 70°C
REF02DN8#PBF
REF02DN8
8-Lead Plastic Dip
0°C to 70°C
REF01AH#PBF
8-Lead TO-5 Metal Can
–55°C to 125°C
REF01H#PBF
8-Lead TO-5 Metal Can
–55°C to 125°C
REF01EH#PBF
8-Lead TO-5 Metal Can
0°C to 70°C
REF01HH#PBF
8-Lead TO-5 Metal Can
0°C to 70°C
REF01CH#PBF
8-Lead TO-5 Metal Can
0°C to 70°C
REF02H#PBF
8-Lead TO-5 Metal Can
–55°C to 125°C
REF02EH#PBF
8-Lead TO-5 Metal Can
0°C to 70°C
REF02HH#PBF
8-Lead TO-5 Metal Can
0°C to 70°C
REF02CH#PBF
8-Lead TO-5 Metal Can
0°C to 70°C


Similar Part No. - REF-02_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
REF-02 AD-REF-02 Datasheet
337Kb / 8P
   5V Precision Voltage Reference/Temperature Trangsducer
REV. B
logo
Linear Technology
REF-02 LINER-REF-02 Datasheet
100Kb / 8P
   Precision Voltage References
More results

Similar Description - REF-02_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM368-10 TI1-LM368-10 Datasheet
399Kb / 10P
[Old version datasheet]   Precision Voltage References
logo
Linear Technology
REF-01 LINER-REF-01_15 Datasheet
125Kb / 8P
   Precision Voltage References
REF-01 LINER-REF-01 Datasheet
100Kb / 8P
   Precision Voltage References
logo
API Technologies Corp
HC2700 APITECH-HC2700 Datasheet
52Kb / 2P
   Precision Voltage References
logo
ON Semiconductor
CAT8900 ONSEMI-CAT8900 Datasheet
388Kb / 7P
   Precision Analog Voltage References
August, 2009 ??Rev. 1
CAT8900B120TBGT3 ONSEMI-CAT8900B120TBGT3 Datasheet
378Kb / 7P
   Precision Analog Voltage References
March, 2011 ??Rev. 7
logo
Maxim Integrated Produc...
REF01 MAXIM-REF01_07 Datasheet
108Kb / 9P
   5V, 10V Precision Voltage References
Rev 7; 4/07
logo
Diodes Incorporated
ZXRE330 DIODES-ZXRE330 Datasheet
522Kb / 8P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
logo
Zetex Semiconductors
LM4040 ZETEX-LM4040_07 Datasheet
110Kb / 6P
   Precision micropower shunt voltage references
logo
Diodes Incorporated
LM4041DH5TA DIODES-LM4041DH5TA Datasheet
177Kb / 7P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com