Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4412HV Datasheet(PDF) 9 Page - Linear Technology

Part # LTC4412HV
Description  36V, Low Loss PowerPath Controller in ThinSOT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4412HV Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC4412HV Datasheet HTML 4Page - Linear Technology LTC4412HV Datasheet HTML 5Page - Linear Technology LTC4412HV Datasheet HTML 6Page - Linear Technology LTC4412HV Datasheet HTML 7Page - Linear Technology LTC4412HV Datasheet HTML 8Page - Linear Technology LTC4412HV Datasheet HTML 9Page - Linear Technology LTC4412HV Datasheet HTML 10Page - Linear Technology LTC4412HV Datasheet HTML 11Page - Linear Technology LTC4412HV Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
LTC4412HV
sn4412hv 4412hvfs
Automatic PowerPath Control
The applications shown in Figures 1, 2 and 3 are automatic
ideal diode controllers that require no assistance from a
microcontroller. Each of these will automatically connect
the higher supply voltage, after accounting for certain
diode forward voltage drops, to the load with application
of the higher supply voltage.
Figure 1 illustrates an application circuit for automatic
switchover of a load between a battery and a wall adapter
or other power input. With application of the battery, the
load will initially be pulled up by the drain-source diode of
the P-channel MOSFET. As the LTC4412HV comes into
action, it will control the MOSFET’s gate to turn it on and
reduce the MOSFET’s voltage drop from a diode drop to
20mV. The system is now in the low loss forward regula-
tion mode. Should the wall adapter input be applied, the
Schottky diode will pull up the SENSE pin, connected to the
load, above the battery voltage and the LTC4412HV will
turn the MOSFET off. The STAT pin will then sink current
indicating an auxiliary input is connected. The battery is
now supplying no load current and all the load current
flows through the Schottky diode. A silicon diode could be
used instead of the Schottky, but will result in higher
power dissipation and heating due to the higher forward
voltage drop.
Figure 2 illustrates an application circuit for automatic
switchover of load between a battery and a wall adapter
that features lowest power loss. Operation is similar to
Figure 1 except that an auxiliary P-channel MOSFET
replaces the diode. The STAT pin is used to turn on the
MOSFET once the SENSE pin voltage exceeds the battery
voltage by 20mV. When the wall adapter input is applied,
the drain-source diode of the auxiliary MOSFET will turn
on first to pull up the SENSE pin and turn off the primary
MOSFET followed by turning on of the auxiliary MOSFET.
Once the auxiliary MOSFET has turned on the voltage drop
across it can be very low depending on the MOSFET’s
characteristics.
Figure 3 illustrates an application circuit for the automatic
switchover of a load between a battery and a wall adapter
in the comparator mode. It also shows how a battery
charger can be connected. This circuit differs from Figure
1 in the way the SENSE pin is connected. The SENSE pin
is connected directly to the auxiliary power input and not
the load. This change forces the LTC4412HV’s control
circuitry to operate in an open-loop comparator mode.
While the battery supplies the system, the GATE pin
voltage will be forced to its lowest clamped potential,
instead of being regulated to maintain a 20mV drop across
the MOSFET. This has the advantages of minimizing
power loss in the MOSFET by minimizing its RON and not
having the influence of a linear control loop’s dynamics. A
possible disadvantage is if the auxiliary input ramps up
slow enough the load voltage will initially droop before
TYPICAL APPLICATIO S
VIN
GND
CTL
SENSE
GATE
STAT
1
2
3
6
5
4
LTC4412HV
PRIMARY
P-CHANNEL
MOSFET
COUT
TO LOAD
STATUS OUTPUT
DROPS WHEN A
WALL ADAPTER
IS PRESENT
470k
4412HV F02
BATTERY
CELL(S)
WALL
ADAPTER
INPUT
*
*
AUXILIARY
P-CHANNEL
MOSFET
*DRAIN-SOURCE DIODE OF MOSFET
Figure 2. Automatic Switchover of Load Between a Battery and a
Wall Adapter with Auxiliary P-Channel MOSFET for Lowest Loss
VIN
GND
CTL
SENSE
GATE
STAT
1
2
3
6
5
4
LTC4412HV
BATTERY
CHARGER
P-CHANNEL
MOSFET
COUT
TO LOAD
STATUS OUTPUT
IS LOW WHEN A
WALL ADAPTER
IS PRESENT
470k
*DRAIN-SOURCE DIODE OF MOSFET
4412HV F03
VCC
BATTERY
CELL(S)
*
WALL
ADAPTER
INPUT
Figure 3. Automatic Switchover of Load Between
a Battery and a Wall Adapter in Comparator Mode


Similar Part No. - LTC4412HV

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4412HV LINER-LTC4412HV Datasheet
193Kb / 16P
   Push Button On/Off Controller
LTC4412HV LINER-LTC4412HV Datasheet
177Kb / 12P
   36V, Low Loss PowerPathTM Controller in ThinSOT
LTC4412HV LINER-LTC4412HV Datasheet
214Kb / 12P
   36V, Low Loss Dual PowerPath Controllers for Large PFETs
LTC4412HVIS6 LINER-LTC4412HVIS6 Datasheet
177Kb / 12P
   36V, Low Loss PowerPathTM Controller in ThinSOT
More results

Similar Description - LTC4412HV

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4412 LINER-LTC4412_15 Datasheet
405Kb / 14P
   Low Loss PowerPath Controller in ThinSOT
LTC4412HV LINER-LTC4412HV Datasheet
177Kb / 12P
   36V, Low Loss PowerPathTM Controller in ThinSOT
LTC4414 LINER-LTC4414_15 Datasheet
175Kb / 12P
   36V, Low Loss PowerPath Controller for Large PFETs
LTC4412 LINER-LTC4412 Datasheet
156Kb / 12P
   Low Loss PowerPathTM Controller in ThinSOT
LTC4416EMS LINER-LTC4416EMS Datasheet
214Kb / 12P
   36V, Low Loss Dual PowerPath Controllers for Large PFETs
LTC4416 LINER-LTC4416 Datasheet
209Kb / 12P
   36V, Low Loss Dual PowerPath Controllers for Large PFETs
LTC4416-1 LINER-LTC4416-1_15 Datasheet
256Kb / 12P
   36V, Low Loss Dual PowerPath Controllers for Large PFETs
LTC4416 LINER-LTC4416_15 Datasheet
256Kb / 12P
   36V, Low Loss Dual PowerPath Controllers for Large PFETs
LTC4411 LINER-LTC4411_15 Datasheet
157Kb / 8P
   2.6A Low Loss Ideal Diode in ThinSOT
LTC4411 LINER-LTC4411 Datasheet
212Kb / 8P
   2.6A Low Loss Ideal Diode in ThinSOT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com